Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5BAF-HPBE4-FC Datasheet(PDF) 3 Page - Frequency Devices, Inc.

Part # 5BAF-HPBE4-FC
Description  Differential Fixed Frequency Filters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

5BAF-HPBE4-FC Datasheet(HTML) 3 Page - Frequency Devices, Inc.

  5BAF-HPBE4-FC Datasheet HTML 1Page - Frequency Devices, Inc. 5BAF-HPBE4-FC Datasheet HTML 2Page - Frequency Devices, Inc. 5BAF-HPBE4-FC Datasheet HTML 3Page - Frequency Devices, Inc. 5BAF-HPBE4-FC Datasheet HTML 4Page - Frequency Devices, Inc. 5BAF-HPBE4-FC Datasheet HTML 5Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Low-Pass Bessel
5BAF Series
Fixed Frequency
1 Hz to 100 kHz
1784 Chessie
Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
Model
5BAF-LPBE8
5BAF-LPBE6
5BAF-LPBE4
Product Specifications
Transfer Function
8-Pole Bessel
6-Pole Bessel
4-Pole Bessel
Size
Std. 5B
Std. 5B
Std. 5B
Range fc
1.00 Hz to 100 kHz
1.00 Hz to 100 kHz
1.00 Hz to 100 kHz
Theoretical Transfer
Appendix A
Appendix A
Appendix A
Characteristics
Page 4
Page 3
Page 2
Passband Ripple
(theoretical)
0.0 dB
0.0 dB
0.0 dB
DC Voltage Gain
(non-inverting)
0 ± 0.1 dB typ
0 ± 0.1 dB typ
0 ± 0.1 dB typ.
Differential Gain
1 ± 0.3%
1 ± 0.3%
1 ± 0.3%
Stopband
Attenuation Rate
48 dB/octave
36 dB/octave
24 dB/octave
Accuracy fc
± 2% max.
± 2% max.
± 2% max.
Phase
-182°
-155°
-121°
Filter Attenuation
(theoretical)
1.91 dB
0.80 fc
1.89 dB
0.80 fc
1.86 dB
0.80 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
60.0 dB
4.52 fc
60.0 dB
5.41 fc
60.0 dB
8.48 fc
80.0 dB
6.07 fc
80.0 dB
7.99 fc
80.0 dB
15.12 fc
Impedance
1.0 M
Ω min.
1.0 M
Ω min.
1.0 M
Ω min.
Com. Mode
Voltage Range
± 20 V
± 20 V
± 20 V
Com. Mode Rejection
Ratio @ 1 kHz
<-70 dB min.
<-70 dB min.
<-70 dB min.
Linear Voltage Range
± 10 V peak
± 10 V peak
± 10 V peak
Max. Safe Voltage
(Power ON or OFF)
± 40 V
± 40 V
± 40 V
Narrow Band Noise
(5 Hz – 100 kHz)
50 µVrms max.
50 µVrms max.
50 µVrms max.
3


Similar Part No. - 5BAF-HPBE4-FC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5BAF-LPBE4 ETC1-5BAF-LPBE4 Datasheet
513Kb / 5P
   Differential Fixed Frequency Filters
5BAF-LPBE6 ETC1-5BAF-LPBE6 Datasheet
513Kb / 5P
   Differential Fixed Frequency Filters
5BAF-LPBE8 ETC1-5BAF-LPBE8 Datasheet
513Kb / 5P
   Differential Fixed Frequency Filters
5BAF-LPBU4 ETC1-5BAF-LPBU4 Datasheet
513Kb / 5P
   Differential Fixed Frequency Filters
5BAF-LPBU6 ETC1-5BAF-LPBU6 Datasheet
513Kb / 5P
   Differential Fixed Frequency Filters
More results

Similar Description - 5BAF-HPBE4-FC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5BAF ETC1-5BAF Datasheet
513Kb / 5P
   Differential Fixed Frequency Filters
logo
Frequency Devices, Inc.
D64BP FREQUENCYDEVICES-D64BP Datasheet
300Kb / 5P
   Fixed Frequency 2-Pole Pair Filters
PGAB5 FREQUENCYDEVICES-PGAB5 Datasheet
678Kb / 8P
   Fixed Frequency Filters with Programmable Amplifiers
D68BP4 FREQUENCYDEVICES-D68BP4 Datasheet
572Kb / 6P
   Fixed Frequency 4-Pole Pair Filters
VM32PAFF FREQUENCYDEVICES-VM32PAFF Datasheet
263Kb / 2P
   Programmable Amplifiers with Fixed Frequency Filters VME Board
VM300PAFF FREQUENCYDEVICES-VM300PAFF Datasheet
259Kb / 2P
   Programmable Amplifiers with Fixed Frequency Filters VME Board
D824 FREQUENCYDEVICES-D824 Datasheet
544Kb / 13P
   Differential Input 4-Pole Filters
logo
Z-Communications, Inc
SFS6900A-LF ZCOMM-SFS6900A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS0832C-LF ZCOMM-SFS0832C-LF Datasheet
76Kb / 2P
   Fixed Frequency Synthesizer
SFS1262A-LF ZCOMM-SFS1262A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com