Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4009UBM96 Datasheet(PDF) 11 Page - Texas Instruments

Part # CD4009UBM96
Description  CMOS HEX BUFFERS/CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4009UBM96 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CD4009UBM96 Datasheet HTML 4Page - Texas Instruments CD4009UBM96 Datasheet HTML 5Page - Texas Instruments CD4009UBM96 Datasheet HTML 6Page - Texas Instruments CD4009UBM96 Datasheet HTML 7Page - Texas Instruments CD4009UBM96 Datasheet HTML 8Page - Texas Instruments CD4009UBM96 Datasheet HTML 9Page - Texas Instruments CD4009UBM96 Datasheet HTML 10Page - Texas Instruments CD4009UBM96 Datasheet HTML 11Page - Texas Instruments CD4009UBM96 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - CD4009UBM96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4009UBM TI-CD4009UBM Datasheet
1Mb / 18P
[Old version datasheet]   CMOs Hex Buffers/Converters
CD4009UBM TI1-CD4009UBM Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Buffers/Converters
CD4009UBME4 TI-CD4009UBME4 Datasheet
1Mb / 18P
[Old version datasheet]   CMOs Hex Buffers/Converters
CD4009UBMG4 TI-CD4009UBMG4 Datasheet
1Mb / 18P
[Old version datasheet]   CMOs Hex Buffers/Converters
CD4009UBMG4 TI1-CD4009UBMG4 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Buffers/Converters
More results

Similar Description - CD4009UBM96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4009UBPWRE4 TI-CD4009UBPWRE4 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4049UB TI-CD4049UB Datasheet
77Kb / 18P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4010BM96G4 TI-CD4010BM96G4 Datasheet
1Mb / 18P
[Old version datasheet]   CMOs Hex Buffers/Converters
CD4009UB TI1-CD4009UB_15 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Buffers/Converters
logo
Intersil Corporation
CD4009UBMS INTERSIL-CD4009UBMS Datasheet
74Kb / 8P
   CMOS Hex Buffers/Converter
November 1994
logo
Motorola, Inc
MC74HC4049D MOTOROLA-MC74HC4049D Datasheet
181Kb / 6P
   Hex Buffers/Logic-Level Down Converters
logo
Texas Instruments
JM3851005554BEA TI-JM3851005554BEA Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
logo
Unisonic Technologies
UCD4049B UTC-UCD4049B Datasheet
210Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
logo
Texas Instruments
CD4049UBDE4 TI1-CD4049UBDE4 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer/Converters
logo
Harris Corporation
CD4049UB HARRIS-CD4049UB Datasheet
75Kb / 10P
   CMOS Hex Buffer/Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com