Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4001EUF-1-TRPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4001EUF-1-TRPBF
Description  2A Synchronous Buck Li-Ion Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4001EUF-1-TRPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4001EUF-1-TRPBF Datasheet HTML 2Page - Linear Technology LTC4001EUF-1-TRPBF Datasheet HTML 3Page - Linear Technology LTC4001EUF-1-TRPBF Datasheet HTML 4Page - Linear Technology LTC4001EUF-1-TRPBF Datasheet HTML 5Page - Linear Technology LTC4001EUF-1-TRPBF Datasheet HTML 6Page - Linear Technology LTC4001EUF-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC4001EUF-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC4001EUF-1-TRPBF Datasheet HTML 9Page - Linear Technology LTC4001EUF-1-TRPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC4001-1
6
40011fa
PIN FUNCTIONS
NTC (Pin 11): Input to the NTC (Negative Temperature
Coefficient) Thermistor Temperature Monitoring Circuit.
Under normal operation, tie a thermistor from the NTC pin
to the GNDSENS pin and a resistor of equal value from
NTC to VIN. When the voltage on this pin is above 0.74VIN
(Cold, 0°C) or below 0.29VIN (Hot, 50°C), charging is
disabled and the CHRG pin blinks. When the voltage on
NTC comes back between 0.74VIN and 0.29VIN, the timer
continues where it left off and charging resumes. There is
approximately 3°C of temperature hysteresis associated
with each of the input comparators. If the NTC function
is not used connect the NTC pin to GNDSENS. This will
disable all of the NTC functions. NTC should never be
pulled above VIN.
PROG (Pin 12): Charge Current Program. The RPROG
resistor connects from this pin to GNDSENS, setting the
current:
RPROG =
1.110k
IBAT(AMPS)
where IBAT is the high rate battery charging current.
IDET (Pin 13): Charge Rate Detection Threshold. Connect-
ing a resistor, RIDETto GNDSENS programs the charge rate
detection threshold. If RIDET = RPROG, CHRG provides an
IBAT/10 indication. For other thresholds see the Applica-
tions Information section.
SS (Pin 14): Soft-Start/Compensation. Provides soft-start
function and compensation for the float voltage control
loop and compensation for the charge current control
loop. Tie a soft-start/compensation capacitor between
this pin and GNDSENS.
TIMER (Pin 15): Timer Capacitor. The timer period is set
by placing a capacitor, CTIMER, to GNDSENS. Set CTIMER
to:
CTIMER = Time (Hrs) • 0.0733 (μF)
where time is the desired charging time.
Connect this pin to IDET to disable the timer. Connect this
pin to GNDSENS to end battery charging when IBAT drops
below the IDET charge rate threshold.
BATSENS (Pin 16): Battery Sense Input. An internal resistor
divider sets the final float voltage at this pin. The resistor
divider is disconnected in sleep mode or when
EN = H to reduce the battery drain current. Connect this
pin to the positive battery terminal.
Exposed Pad (Pin 17): Ground. This pin must be soldered
to the PCB ground (PGND) for electrical contact and rated
thermal performance.


Similar Part No. - LTC4001EUF-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4001EUF LINER-LTC4001EUF Datasheet
235Kb / 20P
   2A Synchronous Buck Li-Ion Charger
More results

Similar Description - LTC4001EUF-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
   2A Synchronous Buck Li-Ion Charger
logo
Lowpower Semiconductor ...
LP28301 POWER-LP28301 Datasheet
662Kb / 9P
   2A Synchronous Buck Li-ion Charger
LP28300 POWER-LP28300 Datasheet
452Kb / 10P
   2A Synchronous Buck Li-ion Charger
logo
Linear Technology
LTC4001 LINER-LTC4001_15 Datasheet
240Kb / 20P
   2A Synchronous Buck Li-Ion Charger
LTC4001 LINER-LTC4001 Datasheet
235Kb / 20P
   2A Synchronous Buck Li-Ion Charger
logo
First Silicon Co., Ltd
FC4057A420QD16 FS-FC4057A420QD16 Datasheet
1Mb / 40P
   2A Synchronous Buck Single Cell Li-Ion USB/Adapter Charger
logo
Lowpower Semiconductor ...
LP28303A POWER-LP28303A Datasheet
541Kb / 8P
   2.5A Synchronous Buck Li-ion Charger
logo
Shenzhen Huazhimei Semi...
HM5081 HMSEMI-HM5081 Datasheet
1Mb / 9P
   4.5A Synchronous Buck Li-ion Charger
HM5083 HMSEMI-HM5083 Datasheet
1Mb / 9P
   3A Synchronous Buck 3 Cells Li-ion Charger
HM5084 HMSEMI-HM5084 Datasheet
1Mb / 9P
   2.5A Synchronous Buck 4 Cells Li-ion charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com