Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4001EUF-1-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4001EUF-1-TRPBF
Description  2A Synchronous Buck Li-Ion Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4001EUF-1-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4001EUF-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC4001EUF-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC4001EUF-1-TRPBF Datasheet HTML 9Page - Linear Technology LTC4001EUF-1-TRPBF Datasheet HTML 10Page - Linear Technology LTC4001EUF-1-TRPBF Datasheet HTML 11Page - Linear Technology LTC4001EUF-1-TRPBF Datasheet HTML 12Page - Linear Technology LTC4001EUF-1-TRPBF Datasheet HTML 13Page - Linear Technology LTC4001EUF-1-TRPBF Datasheet HTML 14Page - Linear Technology LTC4001EUF-1-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC4001-1
11
40011fa
APPLICATIONS INFORMATION
The equations for calculating R1 (used in single resistor
programming) differ from the equations for calculating
RPROG and RIDET (2-resistor programming) and reflect
the fact that the current from both the IDET and PROG
pins must flow through a single resistor R1 when a single
programming resistor is used.
CHRG Status Output Pin
When a charge cycle starts, the CHRG pin is pulled to
ground by an internal N-channel MOSFET which is capable
of driving an LED. When the charge current drops below
the end-of-charge (IDET) threshold for at least 4ms,
and the battery voltage is close to the float voltage, the
N-channel MOSFET turns off and a weak 30μA current
source to ground is connected to the CHRG pin. This
weak pull-down remains until the charge cycle ends. After
charging ends, the pin will become high impedance. By
using two different value resistors, a microprocessor can
detect three states from this pin (charging, end-of-charge
and charging stopped). See Figure 2.
To detect the charge mode, force the digital output pin,
OUT, high and measure the voltage on the CHRG pin. The
N-channel MOSFET will pull the pin low even with a 2k
pull-up resistor. Once the charge current drops below
the end-of-charge threshold, the N-channel MOSFET is
turned off and a 30μA current source is connected to the
CHRG pin. The IN pin will then be pulled high by the 2k
resistor connected to OUT. Now force the OUT pin into
a high impedance state, the current source will pull the
pin low through the 390k resistor. When charging stops,
the CHRG pin changes to a high impedance state and the
390k resistor will then pull the pin high to indicate charg-
ing has stopped.
Charge Termination
Battery charging may be terminated several different ways,
depending on the connections made to the TIMER pin. For
time-based termination, connect a capacitor between the
TIMER pin and GNDSENS (CTIMER= Time(Hrs) 0.0733μF).
Charging may be terminated when charge current drops
below the IDET threshold by tying TIMER to GNDSENS.
Finally, charge termination may be defeated by tying TIMER
to IDET. In this case, an external device can terminate
charging by pulling the EN pin high.
Battery Temperature Detection
When battery temperature is out of range (either too hot
or too cold) charging is temporarily halted and the FAULT
pin is driven high. In addition, if the battery is still charg-
ing at a high rate (greater than the IDET current) when a
temperature fault occurs, the CHRG pin NMOS turns on
and off at approximately 50kHz, alternating between a
high and low duty factor at an approximate rate of 1.5Hz
(Figure 3). This provides a low rate visual indication (1.5Hz)
when driving an LED from the CHRG pin while providing
a fast temperature fault indication (20μs typical) to a mi-
croprocessor by tying the CHRG pin to an interrupt line.
Serrations within this pulse are typically 500ns wide.
Figure 2. Microprocessor Interface
Figure 3. CHRG Temperature Fault Waveform
LTC4001-1
VIN
VDD
IN
OUT
μPROCESSOR
CHRG
R2
2k
R1
390k
40011 F02
20μs
40011 F03
667ms


Similar Part No. - LTC4001EUF-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4001EUF LINER-LTC4001EUF Datasheet
235Kb / 20P
   2A Synchronous Buck Li-Ion Charger
More results

Similar Description - LTC4001EUF-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
   2A Synchronous Buck Li-Ion Charger
logo
Lowpower Semiconductor ...
LP28301 POWER-LP28301 Datasheet
662Kb / 9P
   2A Synchronous Buck Li-ion Charger
LP28300 POWER-LP28300 Datasheet
452Kb / 10P
   2A Synchronous Buck Li-ion Charger
logo
Linear Technology
LTC4001 LINER-LTC4001_15 Datasheet
240Kb / 20P
   2A Synchronous Buck Li-Ion Charger
LTC4001 LINER-LTC4001 Datasheet
235Kb / 20P
   2A Synchronous Buck Li-Ion Charger
logo
First Silicon Co., Ltd
FC4057A420QD16 FS-FC4057A420QD16 Datasheet
1Mb / 40P
   2A Synchronous Buck Single Cell Li-Ion USB/Adapter Charger
logo
Lowpower Semiconductor ...
LP28303A POWER-LP28303A Datasheet
541Kb / 8P
   2.5A Synchronous Buck Li-ion Charger
logo
Shenzhen Huazhimei Semi...
HM5081 HMSEMI-HM5081 Datasheet
1Mb / 9P
   4.5A Synchronous Buck Li-ion Charger
HM5083 HMSEMI-HM5083 Datasheet
1Mb / 9P
   3A Synchronous Buck 3 Cells Li-ion Charger
HM5084 HMSEMI-HM5084 Datasheet
1Mb / 9P
   2.5A Synchronous Buck 4 Cells Li-ion charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com