Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4001EUF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4001EUF
Description  2A Synchronous Buck Li-Ion Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4001EUF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4001EUF Datasheet HTML 2Page - Linear Technology LTC4001EUF Datasheet HTML 3Page - Linear Technology LTC4001EUF Datasheet HTML 4Page - Linear Technology LTC4001EUF Datasheet HTML 5Page - Linear Technology LTC4001EUF Datasheet HTML 6Page - Linear Technology LTC4001EUF Datasheet HTML 7Page - Linear Technology LTC4001EUF Datasheet HTML 8Page - Linear Technology LTC4001EUF Datasheet HTML 9Page - Linear Technology LTC4001EUF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC4001
4001f
FAULT (Pin 10): Battery Fault. This pin is a logic high if a
shorted battery is detected or if a temperature fault is
detected. A temperature fault occurs with the temperature
monitor circuit enabled and the thermistor temperature is
either below 0
°C or above 50°C (typical).
NTC (Pin 11): Input to the NTC (Negative Temperature
Coefficient) Thermistor Temperature Monitoring Circuit.
Under normal operation, tie a thermistor from the NTC pin
to the GNDSENS pin and a resistor of equal value from NTC
to VIN. When the voltage on this pin is above 0.74VIN (Cold,
0
°C) or below 0.29VIN (Hot, 50°C), charging is disabled
and the CHRG pin blinks. When the voltage on NTC comes
back between 0.74VIN and 0.29VIN, the timer continues
where it left off and charging resumes. There is approxi-
mately 3
°C of temperature hysteresis associated with
each of the input comparators. If the NTC function is not
used connect the NTC pin to GNDSENS. This will disable
all of the NTC functions. NTC should never be pulled above
VIN.
PROG (Pin 12): Charge Current Program. The RPROG
resistor connects from this pin to GNDSENS, setting the
current:
R
k
I
PROG
BAT AMPS
=
1 110
.
()
where IBAT is the high rate battery charging current.
PI FU CTIO S
IDET (Pin 13): Charge Rate Detection Threshold. Connect-
ing a resistor, RIDET to GNDSENS programs the charge
rate detection threshold. If RIDET = RPROG, CHRG provides
an IBAT/10 indication. For other thresholds see the Appli-
cations Information section.
SS (Pin 14): Soft-Start/Compensation. Provides soft-start
function and compensation for the float voltage control
loop and compensation for the charge current control
loop. Tie a soft-start/compensation capacitor between this
pin and GNDSENS.
TIMER (Pin 15): Timer Capacitor. The timer period is set
by placing a capacitor, CTIMER, to GNDSENS. Set CTIMER
to:
CTIMER = Time (Hrs) • 0.0733 (µF)
where time is the desired charging time.
Connect this pin to IDET to disable the timer. Connect this
pin to GNDSENS to end battery charging when IBAT drops
below the IDET charge rate threshold.
BATSENS (Pin 16): Battery Sense Input. An internal resis-
tor divider sets the final float voltage at this pin. The
resistor divider is disconnected in sleep mode or when
EN = H to reduce the battery drain current. Connect this pin
to the positive battery terminal.
Exposed Pad (Pin 17): Ground. This pin must be soldered
to the PCB ground (PGND) for electrical contact and rated
thermal performance.


Similar Part No. - LTC4001EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4001EUF-1 LINER-LTC4001EUF-1 Datasheet
240Kb / 20P
   2A Synchronous Buck Li-Ion Charger
LTC4001EUF-1-PBF LINER-LTC4001EUF-1-PBF Datasheet
240Kb / 20P
   2A Synchronous Buck Li-Ion Charger
LTC4001EUF-1-TRPBF LINER-LTC4001EUF-1-TRPBF Datasheet
240Kb / 20P
   2A Synchronous Buck Li-Ion Charger
More results

Similar Description - LTC4001EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
   2A Synchronous Buck Li-Ion Charger
logo
Lowpower Semiconductor ...
LP28301 POWER-LP28301 Datasheet
662Kb / 9P
   2A Synchronous Buck Li-ion Charger
LP28300 POWER-LP28300 Datasheet
452Kb / 10P
   2A Synchronous Buck Li-ion Charger
logo
Linear Technology
LTC4001 LINER-LTC4001_15 Datasheet
240Kb / 20P
   2A Synchronous Buck Li-Ion Charger
LTC4001-1 LINER-LTC4001-1 Datasheet
240Kb / 20P
   2A Synchronous Buck Li-Ion Charger
logo
First Silicon Co., Ltd
FC4057A420QD16 FS-FC4057A420QD16 Datasheet
1Mb / 40P
   2A Synchronous Buck Single Cell Li-Ion USB/Adapter Charger
logo
Lowpower Semiconductor ...
LP28303A POWER-LP28303A Datasheet
541Kb / 8P
   2.5A Synchronous Buck Li-ion Charger
logo
Shenzhen Huazhimei Semi...
HM5081 HMSEMI-HM5081 Datasheet
1Mb / 9P
   4.5A Synchronous Buck Li-ion Charger
HM5083 HMSEMI-HM5083 Datasheet
1Mb / 9P
   3A Synchronous Buck 3 Cells Li-ion Charger
HM5084 HMSEMI-HM5084 Datasheet
1Mb / 9P
   2.5A Synchronous Buck 4 Cells Li-ion charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com