Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZB12-20 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # TZB12-20
Description  TZB-TYB-TUB Series 10-Tap High Performance Passive Delays
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

TZB12-20 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  TZB12-20 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
www.rhombus-ind.com • email: sales@rhombus-ind.com
Rhombus
Industries Inc.
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
TZB 9901
TZB-TYB-TUB Series 10-Tap High Performance Passive Delays
Operating Specifications -
Passive Delay Lines
Pulse Overshoot (Pos) .................................... 5% to 10%, typical
Pulse Distortion (S) ...................................................... 3% typical
Working Voltage ............................................. 25 VDC maximum
Dielectric Strength .......................................... 100VDC minimum
Insulation Resistance ......................... 1,000 M
Ω min. @ 100VDC
Temperature Coefficient ............................... 100 ppm/OC, typical
Bandwidth (f
C) .......................................................
0.35/
t
r
approx.
Operating Temperature Range ............................ -55O to +125OC
Storage Temperature Range ............................... -65O to +150OC
Fast Rise Time, Low DCR
High Bandwidth
0.35 / t
r
Low Distortion LC Network
10 Equal Delay Taps
Standard Impedances: 50 - 75 - 100 - 200
Stable Delay vs. Temperature: 100 ppm/OC
Operating Temperature Range -55OC to +125OC
TYB Style Schematic
Substitute TYB for TZB in P/N
TZB Style Schematic
Most Popular Footprint
TUB Style Schematic
Substitute TUB for TZB in P/N
14
10%
13
30%
12
50%
11
70%
10
90%
9
100%
8
1
IN
N/C
3
20%
40%
5
60%
6
80%
7
COM
4
2
COM
14
10%
13
30%
12
50%
11
70%
10
90%
9
100%
8
1
IN
3
20%
40%
5
60%
6
80%
7
COM
4
2
COM
50%
14
10%
13
30%
12
50%
11
70%
10
90%
9
100%
8
1
IN
N/C
3
20%
40%
5
60%
6
80%
7
COM
4
2
COM
.120
(3.05)
MIN.
.020
(0.51)
TYP.
.050
(1.27)
TYP.
.100
(2.54)
TYP.
.275
(6.99)
MAX.
.750
(19.05)
MAX.
.300
(7.62)
MAX.
.320 (8.13)
.290 (7.37)
.350 (8.89)
.310 (7.87)
.010
(0.25)
TYP.
.030
(0.76)
TYP.
Low-profile
DIP/SMD versions
refer to AIZ Series !!!
Electrical Specifications at 25OC
Delay Tolerances
50 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
75 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
100 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
200 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
Total
(ns)
Tap-to-Tap
(ns)
5 ± 0.5
0.5 ± 0.2
TZB1-5
2.0
0.7
TZB1-7
2.1
0.8
TZB1-10
2.2
0.8
TZB1-20
2.4
0.9
10 ± 0.7
1.0 ± 0.4
TZB6-5
3.2
0.7
TZB6-7
3.6
0.8
TZB6-10
3.8
0.8
TZB6-20
5.5
1.0
20 ± 1.0
2.0 ± 0.5 TZB12-5
4.0
0.7
TZB12-7
4.4
1.3
TZB12-10
4.6
1.5
TZB12-20
8.5
1.5
25 ± 1.25
2.5 ± 0.5 TZB18-5
4.5
0.9
TZB18-7
5.3
1.5
TZB18-10
5.5
1.7
TZB18-20
9.0
1.8
30 ± 1.5
3.0 ± 0.5 TZB24-5
5.5
1.0
TZB24-7
5.8
1.7
TZB24-10
5.8
2.0
TZB24-20
10.0
2.0
40 ± 2.0
4.0 ± 1.0 TZB30-5
7.0
1.2
TZB30-7
7.5
2.0
TZB30-10
7.5
2.2
TZB30-20
13.0
2.2
50 ± 2.5
5.0 ± 1.0 TZB36-5
8.5
1.3
TZB36-7
8.5
2.1
TZB36-10
8.5
2.3
TZB36-20
15.5
2.4
60 ± 3.0
6.0 ± 1.5 TZB42-5
10.5
1.6
TZB42-7
11.4
2.3
TZB42-10
11.5
2.5
TZB42-20
16.0
2.5
70 ± 3.5
7.0 ± 1.5 TZB48-5
11.0
1.7
TZB48-7
13.0
2.5
TZB48-10
13.0
2.8
TZB48-20
17.0
2.5
80 ± 4.0
8.0 ± 1.8 TZB54-5
12.0
1.9
TZB54-7
15.3
3.8
TZB54-10
15.5
3.0
TZB54-20
19.0
2.5
90 ± 4.5
9.0 ± 2.0 TZB60-5
14.0
2.0
TZB60-7
17.3
3.0
TZB60-10
17.5
3.1
TZB60-20
20.0
2.5
100 ± 5.0 10.0 ± 2.0 TZB66-5
18.0
2.1
TZB66-7
19.5
3.1
TZB66-10
20.0
3.2
TZB66-20
24.0
2.5
150 ± 7.50 15.0 ± 3.0 TZB72-5
24.0
2.2
TZB72-7
26.0
3.3
TZB72-10
26.0
3.5
TZB72-20
35.0
3.6
200 ± 10.0 20.0 ± 3.0 TZB78-5
34.0
2.4
TZB78-7
38.0
3.4
TZB78-10
39.0
3.5
TZB78-20
44.0
4.8
250 ± 12.5 25.0 ± 3.0 TZB84-5
41.0
2.4
TZB84-7
45.0
3.5
TZB84-10
46.0
4.0
TZB84-20
56.0
5.2
300 ± 15.0 30.0 ± 3.0 TZB90-5
48.0
2.5
TZB90-7
53.0
3.5
TZB90-10
54.0
4.2
TZB90-20
68.0
5.8
400 ± 20.0 40.0 ± 5.0 TZB94-5
65.0
2.8
TZB94-7
66.0
3.6
TZB94-10
67.0
4.5
−−−−
−−−−
−−−−
500 ± 25.0 50.0 ± 5.0 TZB98-5
75.0
3.3
TZB98-7
84.0
3.7
TZB98-10
86.0
5.0
−−−−
−−−−
−−−−
1. Rise Times are measured from 10% to 90% points.
2. Delay Times measured at 50% points of leading edge.
3. Output (100% Tap) terminated to ground through R
L=ZO
Dimensions
in inches (mm)


Similar Part No. - TZB12-20

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZB4K200A001A00 MURATA-TZB4K200A001A00 Datasheet
626Kb / 46P
   Ceramic Trimmer Capacitors
TZB4K200B001A00 MURATA-TZB4K200B001A00 Datasheet
626Kb / 46P
   Ceramic Trimmer Capacitors
TZB4K200C001A00 MURATA-TZB4K200C001A00 Datasheet
626Kb / 46P
   Ceramic Trimmer Capacitors
TZB4KA001B00 MURATA-TZB4KA001B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4KB001B00 MURATA-TZB4KB001B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
More results

Similar Description - TZB12-20

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
SIP5 RHOMBUS-IND-SIP5 Datasheet
34Kb / 1P
   SIP5 Series 10-Tap High Performance Passive Delays
SIP4 RHOMBUS-IND-SIP4 Datasheet
30Kb / 1P
   SIP4 Series 5-Tap High Performance Passive Delay Modules
SP24 RHOMBUS-IND-SP24 Datasheet
43Kb / 1P
   SP24 Series 20-Tap High Performance Passive Delay Modules
SP24A RHOMBUS-IND-SP24A Datasheet
45Kb / 1P
   SP24A Series 20-Tap High Performance Passive Delay Modules
TZA1-5 RHOMBUS-IND-TZA1-5 Datasheet
35Kb / 1P
   TZA / TYA Series 5-Tap High Performance Passive Delay Modules
SIP16 RHOMBUS-IND-SIP16 Datasheet
27Kb / 1P
   19-Pin SIP 16-Tap High Performance Passive Delay Modules
AIZ-55 RHOMBUS-IND-AIZ-55 Datasheet
76Kb / 2P
   AIZ Series Passive 10-Tap DIP/SMD Delay Modules
logo
Bel Fuse Inc.
S469-0005-XX BEL-S469-0005-XX Datasheet
49Kb / 1P
   10 TAP 14 PIN DIP PASSIVE DELAY MODULES
logo
Rhombus Industries Inc.
TF50-5 RHOMBUS-IND-TF50-5_1 Datasheet
38Kb / 1P
   TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
logo
Maxtena Inc.
M1575HCT-22P-MR MAXTENA-M1575HCT-22P-MR Datasheet
297Kb / 2P
   HIGH PERFORMANCE PASSIVE GPS ANTENNA
Rev 1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com