Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZA1-20 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # TZA1-20
Description  TZA / TYA Series 5-Tap High Performance Passive Delay Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

TZA1-20 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  TZA1-20 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
www.rhombus-ind.com • email: sales@rhombus-ind.com
Rhombus
Industries Inc.
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
TZA 9901
Operating Specifications -
Passive Delay Lines
Pulse Overshoot (Pos) .................................... 5% to 10%, typical
Pulse Distortion (S) ...................................................... 3% typical
Working Voltage ............................................. 25 VDC maximum
Dielectric Strength .......................................... 100VDC minimum
Insulation Resistance ......................... 1,000 M
Ω min. @ 100VDC
Temperature Coefficient ............................... 100 ppm/OC, typical
Bandwidth (f
C) .......................................................
0.35/
t
r
approx.
Operating Temperature Range ............................ -55O to +125OC
Storage Temperature Range ............................... -65O to +150OC
TZA / TYA Series 5-Tap High Performance Passive Delay Modules
Fast Rise Time, Low DCR
High Bandwidth
0.35 / t
r
Low Distortion LC Network
5 Equal Delay Taps
Standard Impedances: 50 - 75 - 100 - 200
Stable Delay vs. Temperature: 100 ppm/OC
Operating Temperature Range -55OC to +125OC
Low-profile DIP/SMD versions refer to AMZ Series !!!
Electrical Specifications at 25OC
100%
8
1
IN
3
20%
40%
5
60%
6
80%
7
COM
4
2
COM
TZA Style Schematic
Most Popular Footprint
100%
8
1
IN
3
80%
20%
5
60%
6
40%
7
COM
4
2
COM
TYA Style Schematic
Substitute TYA for TZA in P/N
Delay Tolerances
50 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
75 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
100 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
200 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
Total
(ns)
Tap-to-Tap
(ns)
5 ± 0.5
1.0 ± 0.4
TZA1-5
2.0
0.7
TZA1-7
2.7
0.8
TZA1-10
3.0
0.8
TZA1-20
3.0
0.9
10 ± 1.0
2.0 ± 0.5
TZA2-5
4.0
0.7
TZA2-7
4.4
1.3
TZA2-10
4.6
1.3
TZA2-20
6.3
1.5
15 ± 1.0
3.0 ± 0.6
TZA3-5
5.5
1.0
TZA3-7
5.8
1.6
TZA3-10
5.8
1.6
TZA3-20
7.7
2.0
20 ± 1.0
4.0 ± 0.8
TZA4-5
6.4
1.2
TZA4-7
7.3
1.7
TZA4-10
7.5
1.7
TZA4-20
9.8
2.2
25 ± 1.25 5.0 ± 1.0
TZA5-5
8.0
1.3
TZA5-7
8.0
1.9
TZA5-10
8.0
1.9
TZA5-20
15.5
2.4
30 ± 1.5
6.0 ± 1.2
TZA6-5
9.0
1.6
TZA6-7
8.5
2.2
TZA6-10
8.5
2.2
TZA6-20
16.0
2.8
35 ± 1.75 7.0 ± 1.5
TZA7-5
10.0
1.7
TZA7-7
12.3
2.5
TZA7-10
12.7
2.5
TZA7-20
17.0
3.1
40 ± 2.0
8.0 ± 2.0
TZA8-5
11.0
1.9
TZA8-7
15.5
2.8
TZA8-10
15.5
2.8
TZA8-20
17.0
3.4
45 ± 2.25 9.0 ± 2.0
TZA9-5
12.0
2.0
TZA9-7
16.2
3.0
TZA9-10
16.5
3.0
TZA9-20
18.0
3.7
50 ± 2.5 10.0 ± 2.0 TZA10-5
14.0
2.1
TZA10-7
17.8
3.1
TZA10-10
18.0
3.1
TZA10-20
19.0
4.0
75 ± 3.75 15.0 ± 3.5 TZA11-5
23.0
2.2
TZA11-7
25.7
3.4
TZA11-10
26.0
3.4
100 ± 5.0 20.0 ± 4.0 TZA12-5
33.0
2.4
TZA12-7
34.0
3.7
TZA12-10
34.0
3.7
125 ± 6.25 25.0 ± 5.0 TZA13-5
35.0
2.6
TZA13-7
41.5
4.0
TZA13-10
42.0
4.0
1. Rise Times are measured from 10% to 90% points.
2. Delay Times measured at 50% points of leading edge.
3. Output (100% Tap) terminated to ground through R
L=ZO
.120
(3.05)
MIN.
.020
(0.51)
TYP.
.050
(1.27)
TYP.
.100
(2.54)
TYP.
.275
(6.99)
MAX.
.430
(10.92)
MAX.
.300
(7.62)
MAX.
.320 (8.13)
.290 (7.37)
.350 (8.89)
.310 (7.87)
.010
(0.25)
TYP.
.030
(0.76)
TYP.
Dimensions
in inches (mm)


Similar Part No. - TZA1-20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA1000 PHILIPS-TZA1000 Datasheet
132Kb / 24P
   QIC read-write amplifier
1998 Mar 17
TZA1015 PHILIPS-TZA1015 Datasheet
100Kb / 20P
   Data amplifier and laser supply circuit for CD and read-only optical systems HDALAS
1999 Aug 19
TZA1015T PHILIPS-TZA1015T Datasheet
100Kb / 20P
   Data amplifier and laser supply circuit for CD and read-only optical systems HDALAS
1999 Aug 19
TZA1020 PHILIPS-TZA1020 Datasheet
153Kb / 36P
   Pre-amplifiers for CD-RW systems
2000 Oct 30
TZA1020A PHILIPS-TZA1020A Datasheet
153Kb / 36P
   Pre-amplifiers for CD-RW systems
2000 Oct 30
More results

Similar Description - TZA1-20

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
SIP4 RHOMBUS-IND-SIP4 Datasheet
30Kb / 1P
   SIP4 Series 5-Tap High Performance Passive Delay Modules
SP24A RHOMBUS-IND-SP24A Datasheet
45Kb / 1P
   SP24A Series 20-Tap High Performance Passive Delay Modules
SP24 RHOMBUS-IND-SP24 Datasheet
43Kb / 1P
   SP24 Series 20-Tap High Performance Passive Delay Modules
SIP16 RHOMBUS-IND-SIP16 Datasheet
27Kb / 1P
   19-Pin SIP 16-Tap High Performance Passive Delay Modules
logo
Bel Fuse Inc.
0475-0005-50 BEL-0475-0005-50 Datasheet
57Kb / 1P
   5 TAP 7 PIN SIP PASSIVE DELAY MODULES
logo
Rhombus Industries Inc.
AMZ-2.55 RHOMBUS-IND-AMZ-2.55 Datasheet
42Kb / 1P
   AMZ & AMY Series Passive 5-Tap DIP/SMD Delay Modules
AIZ-55 RHOMBUS-IND-AIZ-55 Datasheet
76Kb / 2P
   AIZ Series Passive 10-Tap DIP/SMD Delay Modules
logo
Bel Fuse Inc.
S469-0005-XX BEL-S469-0005-XX Datasheet
49Kb / 1P
   10 TAP 14 PIN DIP PASSIVE DELAY MODULES
logo
Rhombus Industries Inc.
FAIDM-7 RHOMBUS-IND-FAIDM-7 Datasheet
39Kb / 1P
   FAST / TTL Buffered 5-Tap Delay Modules
DTZM1-9 RHOMBUS-IND-DTZM1-9 Datasheet
35Kb / 1P
   DTZM Series FAST / TTL Buffered 5-Tap Delay Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com