Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ4010YMA-200 Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ4010YMA-200
Description  8Kx8 Nonvolatile SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4010YMA-200 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ4010YMA-200 Datasheet HTML 6Page - Texas Instruments BQ4010YMA-200 Datasheet HTML 7Page - Texas Instruments BQ4010YMA-200 Datasheet HTML 8Page - Texas Instruments BQ4010YMA-200 Datasheet HTML 9Page - Texas Instruments BQ4010YMA-200 Datasheet HTML 10Page - Texas Instruments BQ4010YMA-200 Datasheet HTML 11Page - Texas Instruments BQ4010YMA-200 Datasheet HTML 12Page - Texas Instruments BQ4010YMA-200 Datasheet HTML 13Page - Texas Instruments BQ4010YMA-200 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
bq4010/bq4010Y
Sept. 1996 D
Ordering Information
bq4010
MA -
Speed Options:
85 = 85 ns
150 = 150 ns
200 = 200 ns
Package Option:
MA = A-type module
Supply Tolerance:
no mark = 5% negative supply tolerance
Y = 10% negative supply tolerance
Device:
bq4010
8K x 8 NVSRAM
Temperature:
blank = Commercial (0 to +70°C)
N = Industrial (-40 to +85°C)*
*Note:
Only 10% supply (“Y”) version is available in industrial
temperature range; contact factory for speed grade
availability.
6-10


Similar Part No. - BQ4010YMA-200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4010YMA-200 TI-BQ4010YMA-200 Datasheet
178Kb / 18P
[Old version datasheet]   8 k x 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010YMA-200 TI1-BQ4010YMA-200 Datasheet
354Kb / 16P
[Old version datasheet]   8 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
More results

Similar Description - BQ4010YMA-200

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY6264A HYNIX-HY6264A Datasheet
492Kb / 6P
   8KX8-Bit CMOS SRAM
HY6264 HYNIX-HY6264 Datasheet
578Kb / 11P
   8KX8-Bit CMOS SRAM
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
logo
Texas Instruments
BQ4015 TI-BQ4015_07 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1220Y DALLAS-DS1220Y Datasheet
144Kb / 8P
   16k Nonvolatile SRAM
DS1225AB DALLAS-DS1225AB Datasheet
147Kb / 10P
   64k Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com