Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ4015MA-120N Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ4015MA-120N
Description  512Kx8 Nonvolatile SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4015MA-120N Datasheet(HTML) 5 Page - Texas Instruments

  BQ4015MA-120N Datasheet HTML 1Page - Texas Instruments BQ4015MA-120N Datasheet HTML 2Page - Texas Instruments BQ4015MA-120N Datasheet HTML 3Page - Texas Instruments BQ4015MA-120N Datasheet HTML 4Page - Texas Instruments BQ4015MA-120N Datasheet HTML 5Page - Texas Instruments BQ4015MA-120N Datasheet HTML 6Page - Texas Instruments BQ4015MA-120N Datasheet HTML 7Page - Texas Instruments BQ4015MA-120N Datasheet HTML 8Page - Texas Instruments BQ4015MA-120N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
bq4015/Y
AC Test Conditions
Parameter
Test Conditions
Input pulse levels
0V to 3.0V
Input rise and fall times
5 ns
Input and output timing reference levels
1.5 V (unless otherwise specified)
Output load (including scope and jig)
See Figures 1 and 2
Figure 2. Output Load B
Figure 1. Output Load A
Read Cycle (TA = TOPR, VCCmin
≤ VCC ≤ VCCmax)
Symbol
Parameter
-70
-85/-85N
-120/-120N
Unit
Conditions
Min.
Max.
Min.
Max.
Min.
Max.
tRC
Read cycle time
70
-
85
-
120
-
ns
tAA
Address access time
-
70
-
85
-
120
ns
Output load A
tACE
Chip enable access time
-
70
-
85
-
120
ns
Output load A
tOE
Output enable to output valid
-
35
-
45
-
60
ns
Output load A
tCLZ
Chip enable to output in low Z
5
-
5
-
5
-
ns
Output load B
tOLZ
Output enable to output in low Z
5
-
0
-
0
-
ns
Output load B
tCHZ
Chip disable to output in high Z
0
25
0
35
0
45
ns
Output load B
tOHZ
Output disable to output in high Z
0
25
0
25
0
35
ns
Output load B
tOH
Output hold from address change
10
-
10
-
10
-
ns
Output load A


Similar Part No. - BQ4015MA-120N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4015MA-120N TI-BQ4015MA-120N Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
More results

Similar Description - BQ4015MA-120N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4015 TI-BQ4015_07 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
Eorex Corporation
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
logo
White Electronic Design...
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
WMS512K8BV-XXXE WEDC-WMS512K8BV-XXXE Datasheet
435Kb / 8P
   512Kx8 MONOLITHIC SRAM
logo
List of Unclassifed Man...
WMS512K8V-15 ETC-WMS512K8V-15 Datasheet
103Kb / 9P
   512Kx8 MONOLITHIC SRAM
WMS512K8 ETC1-WMS512K8 Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
logo
White Electronic Design...
WMS512K8V-XXX WEDC-WMS512K8V-XXX Datasheet
277Kb / 9P
   512Kx8 MONOLITHIC SRAM
EDI88512C WEDC-EDI88512C Datasheet
319Kb / 7P
   512Kx8 Monolithic SRAM, CMOS
EDI88512CA-RP WEDC-EDI88512CA-RP Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com