Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTLPD-60 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # TTLPD-60
Description  TTL Gated Oscillators / Pulse Width Generator Modules / Pulse Width Discriminators
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

TTLPD-60 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  TTLPD-60 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
TTL_PW 1/98
Rhombus
Industries Inc.
23
Dimensions in Inches (mm)
14-Pin Package with Unused Leads Removed Per Schematic
GENERAL:
For Operating Specifications and Test Condi-
tions, see Tables I and VI on page 5 of this catalog. Delays
specified for the Leading Edge.
Operating Temp. Range ................................. 0OC to +70OC
Temperature Coefficient ........................ 500ppm/OC typical
Supply Current, I
CC
TTLPWG .............................. 35 mA typ., 55 mA max.
TTLPD .................................. 42 mA typ., 60 mA max.
TTLOS .................................. 15 mA typ., 30 mA max.
TTL Pulse Width
Generator Modules
Triggered by the input's rising edge (input
pulse width 10 ns, min.), a pulse of specified
width will be generated at the output with a
propagation delay of 5
± 2 ns (7 ± 2 ns, for
inverted output).
High-to-low transitions will
not trigger the unit. Designed for output duty-
cycle less than 50%.
TTL Pulse Width
Discriminators
Input pulse widths greater than the Nominal
value (XX in ns from P/N TTLPD-XX) of the
module, will propagate with delay of (XX + 5ns)
± 5% or 2 ns, whichever is greater. Output
pulse width will follow the input width
± 7% or
4 ns, whichever is greater.
Input pulse widths
less than the Nominal value will be sup-
pressed.
TTLPWG
Schematic
TTLPD
Schematic
TTL Gated
Oscillators
These gated oscillators permit synchroniza-
tion of the output square wave with the high-to-
low transition of the enable input. When the
enable is high, the output is held high. The
output will start with a high-to-low transition one
half-cycle after the input trigger. The output
frequency tolerance is
± 3%.
TTLOS
Schematic
TTL Buffered Pulse Width Generator Modules
Part Number
Output Pulse
Width (ns)
Maximum
Freq. (MHz)
TTLPWG-5
5 ± 1.0
63
TTLPWG-7
7 ± 1.0
53
TTLPWG-10
10 ± 1.5
42
TTLPWG-15
15 ± 2.0
32
TTLPWG-20
20 ± 2.0
22
TTLPWG-25
25 ± 2.0
19
TTLPWG-30
30 ± 2.0
15
TTLPWG-35
35 ± 2.0
13
TTLPWG-40
40 ± 2.0
11
TTLPWG-45
45 ± 2.25
10
TTLPWG-50
50 ± 2.5
9
TTLPWG-60
60 ± 3.0
8
TTLPWG-80
80 ± 4.0
6
TTLPWG-100
100 ± 5.0
5
TTL Pulse Width Discriminator Modules
Part Number
Suppressed
Pulse Width,
Max. (ns)
Passed
Pulse Width,
Min. (ns)
TTLPD-10
< 8.5
> 11.5
TTLPD-15
< 13.5
> 16.5
TTLPD-20
< 18.5
> 21.5
TTLPD-25
< 23.5
> 26.5
TTLPD-30
< 28.5
> 31.5
TTLPD-40
< 38.0
> 42.0
TTLPD-50
< 47.5
> 52.5
TTLPD-60
< 57.0
> 63.0
TTLPD-75
< 71.0
> 79.0
TTLPD-100
< 95.0
> 105.0
TTLPD-120
< 114.0
> 126.0
TTLPD-125
< 118.7
> 131.3
TTLPD-150
< 142.5
> 157.5
TTLPD-200
< 190.0
> 210.0
TTL Gated Oscillators
Part Number
Output Frequency
TTLOS-5
5 MHz
TTLOS-10
10 MHz
TTLOS-15
15 MHz
TTLOS-20
20 MHz
TTLOS-25
25 MHz
TTLOS-30
30 MHz
TTLOS-33
33 MHz
TTLOS-35
35 MHz
TTLOS-40
40 MHz
TTLOS-45
45 MHz
TTLOS-50
50 MHz
TTLOS-66
66 MHz
TTLOS-75
75 MHz
TTLOS-80
80 MHz
Electrical Specifications at 25OC
Electrical Specifications at 25OC
Electrical Specifications at 25OC
1
IN
7
GND
OUT
8
Vcc
14
Pulse Width
Discriminator
1
IN
7
GND
OUT
8
Vcc
14
13
OUT
Pulse Width
Control Circuit
1
ENABLE
7
GND
OUT
8
Vcc
14
SQUARE WAVE
OSCILLATOR
T
T
ON
OFF
OUT
Pin 1
E
Pin 8
OUT
Pin 1
IN
Pin 8
PW
IN > XX
< XX
PW
IN
T
D
PW
OUT
OUT
Pin 1
IN
Pin 8
T
D
T
D
PW
OUT
PW
OUT
MAX.
.245
(6.22)
TYP.
.810
(20.57)
.275
(6.99)
MAX.
.100
(2.54)
TYP.
.050
(1.27)
TYP.
.120
(3.05)
MIN.
.300
(7.62)
.400
(10.16)
MAX.
.010
(0.25)
TYP.
.020
(0.51)
TYP.
.600
(15.24)
TYP.


Similar Part No. - TTLPD-60

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
TTLPD-60 RHOMBUS-IND-TTLPD-60 Datasheet
23Kb / 1P
   TTLPD Series FAST / TTL Pulse Width Discriminator Modules
TTLPD-60M RHOMBUS-IND-TTLPD-60M Datasheet
23Kb / 1P
   TTLPD Series FAST / TTL Pulse Width Discriminator Modules
More results

Similar Description - TTLPD-60

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
TTLPWG-5 RHOMBUS-IND-TTLPWG-5 Datasheet
24Kb / 1P
   TTLPWG Series FAST / TTL Pulse Width Generator Modules
TTLPD-10 RHOMBUS-IND-TTLPD-10 Datasheet
23Kb / 1P
   TTLPD Series FAST / TTL Pulse Width Discriminator Modules
logo
PCA ELECTRONICS INC.
EP9981-5 PCA-EP9981-5 Datasheet
34Kb / 1P
   14 Pin DIP Delayed Pulse Width Generator TTL Compatible Active Delay Line Modules
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
   Pulse-Width Modulator
logo
Data Delay Devices, Inc...
PWD-21 DATADELAY-PWD-21 Datasheet
115Kb / 1P
   PULSE WIDTH DISCRIMINATOR
logo
PCA ELECTRONICS INC.
EPA230-5 PCA-EPA230-5 Datasheet
37Kb / 1P
   8 Pin DIP Delayed Pulse Width Generator TTL Compatible Active Delay Line Modules
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
   Pulse Width Modulator
REV. 0
logo
AUK corp
S494 AUK-S494 Datasheet
339Kb / 8P
   Pulse Width Modulation
logo
Suntac Electronic Corp.
STC494 SUNTAC-STC494 Datasheet
236Kb / 8P
   Pulse Width Modulation
logo
National Semiconductor ...
LM1525A NSC-LM1525A Datasheet
290Kb / 10P
   PULSE WIDTH MODULATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com