Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4007 Datasheet(PDF) 5 Page - Texas Instruments

Part # CD4007
Description  CMOS DUAL COMPLEMENTARY PAIR PLUS INVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4007 Datasheet(HTML) 5 Page - Texas Instruments

  CD4007 Datasheet HTML 1Page - Texas Instruments CD4007 Datasheet HTML 2Page - Texas Instruments CD4007 Datasheet HTML 3Page - Texas Instruments CD4007 Datasheet HTML 4Page - Texas Instruments CD4007 Datasheet HTML 5Page - Texas Instruments CD4007 Datasheet HTML 6Page - Texas Instruments CD4007 Datasheet HTML 7Page - Texas Instruments CD4007 Datasheet HTML 8Page - Texas Instruments CD4007 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CD4007UBE
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
CD4007UBF
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
CD4007UBF3A
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
CD4007UBF3A116
OBSOLETE
CDIP
J
14
None
Call TI
Call TI
CD4007UBM
ACTIVE
SOIC
D
14
50
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD4007UBM96
ACTIVE
SOIC
D
14
2500
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD4007UBMT
ACTIVE
SOIC
D
14
250
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD4007UBNSR
ACTIVE
SO
NS
14
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD4007UBPW
ACTIVE
TSSOP
PW
14
90
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
CD4007UBPWR
ACTIVE
TSSOP
PW
14
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
28-Feb-2005
Addendum-Page 1


Similar Part No. - CD4007

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4007 FAIRCHILD-CD4007 Datasheet
49Kb / 5P
   Dual Complementary Pair Plus Inverter
logo
Intersil Corporation
CD4007 INTERSIL-CD4007 Datasheet
104Kb / 9P
   CMOS Dual Complementary Pair Plus Inverter
November 1994
logo
National Semiconductor ...
CD4007 NSC-CD4007 Datasheet
100Kb / 4P
   Dual Complementary Pair Plus Inverter
logo
List of Unclassifed Man...
CD4007 ETC2-CD4007 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
CD4007C FAIRCHILD-CD4007C Datasheet
49Kb / 5P
   Dual Complementary Pair Plus Inverter
More results

Similar Description - CD4007

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4007UBMS INTERSIL-CD4007UBMS Datasheet
104Kb / 9P
   CMOS Dual Complementary Pair Plus Inverter
November 1994
logo
Texas Instruments
CD4007UBF3A TI-CD4007UBF3A Datasheet
238Kb / 5P
[Old version datasheet]   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
Fairchild Semiconductor
CD4007C FAIRCHILD-CD4007C Datasheet
49Kb / 5P
   Dual Complementary Pair Plus Inverter
logo
National Semiconductor ...
CD4007M NSC-CD4007M Datasheet
100Kb / 4P
   Dual Complementary Pair Plus Inverter
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB Datasheet
240Kb / 8P
   Dual Complementary Pair Plus Inverter
March, 2000 ??Rev. 3
logo
Hitachi Semiconductor
HD14007UB HITACHI-HD14007UB Datasheet
76Kb / 5P
   Dual Complementary Pair plus Inverter
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB_14 Datasheet
121Kb / 7P
   Dual Complementary Pair Plus Inverter
July, 2014 ??Rev. 11
logo
STMicroelectronics
HCF4007UB STMICROELECTRONICS-HCF4007UB Datasheet
124Kb / 9P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
Micro Electronics
MMC4007 MICRO-ELECTRONICS-MMC4007 Datasheet
106Kb / 4P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
STMicroelectronics
HCC4007UB STMICROELECTRONICS-HCC4007UB Datasheet
309Kb / 14P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com