Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ4013YMA-85N Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ4013YMA-85N
Description  128Kx8 Nonvolatile SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4013YMA-85N Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ4013YMA-85N Datasheet HTML 5Page - Texas Instruments BQ4013YMA-85N Datasheet HTML 6Page - Texas Instruments BQ4013YMA-85N Datasheet HTML 7Page - Texas Instruments BQ4013YMA-85N Datasheet HTML 8Page - Texas Instruments BQ4013YMA-85N Datasheet HTML 9Page - Texas Instruments BQ4013YMA-85N Datasheet HTML 10Page - Texas Instruments BQ4013YMA-85N Datasheet HTML 11Page - Texas Instruments BQ4013YMA-85N Datasheet HTML 12Page - Texas Instruments BQ4013YMA-85N Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
bq4013/Y
Power-Down/Power-Up Cycle (TA =TOPR)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Conditions
tPF
VCC slew, 4.75 to 4.25 V
300
-
-
µs
tFS
VCC slew, 4.25 to VSO
10
-
-
µs
tPU
VCC slew, VSO to VPFD (max.)
0
-
-
µs
tCER
Chip enable recovery time
40
80
120
ms
Time during which
SRAM is
write-protected after
VCC passes VPFD on
power-up.
tDR
Data-retention time in
absence of VCC
10
-
-
years
TA = 25°C. (2)
tDR-N
Data-retention time in
absence of VCC
6
-
-
years
TA = 25°C (2); industrial
temperature range only
tWPT
Write-protect time
40
100
150
µs
Delay after VCC slews
down past VPFD before
SRAM is
write-protected.
Notes:
1.
Typical values indicate operation at TA = 25°C, VCC = 5V.
2.
Battery is disconnected from circuit until after VCC is applied for the first time. tDR is the
accumulated time in absence of power beginning when power is first applied to the device.
Caution:
Negative undershoots below the absolute maximum rating of -0.3V in battery-backup mode
may affect data integrity.
Power-Down/Power-Up Timing


Similar Part No. - BQ4013YMA-85N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4013YMA-85N TI-BQ4013YMA-85N Datasheet
164Kb / 15P
[Old version datasheet]   128 k X 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4013YMA-85N TI1-BQ4013YMA-85N Datasheet
336Kb / 15P
[Old version datasheet]   128 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
More results

Similar Description - BQ4013YMA-85N

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM6128K800V EOREX-EM6128K800V Datasheet
372Kb / 14P
   128Kx8 LP SRAM
logo
List of Unclassifed Man...
WMS128K8V-XXX ETC1-WMS128K8V-XXX Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
logo
Texas Instruments
BQ4015 TI-BQ4015_07 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1220Y DALLAS-DS1220Y Datasheet
144Kb / 8P
   16k Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com