Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ4013YMA-85N Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ4013YMA-85N
Description  128Kx8 Nonvolatile SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4013YMA-85N Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ4013YMA-85N Datasheet HTML 4Page - Texas Instruments BQ4013YMA-85N Datasheet HTML 5Page - Texas Instruments BQ4013YMA-85N Datasheet HTML 6Page - Texas Instruments BQ4013YMA-85N Datasheet HTML 7Page - Texas Instruments BQ4013YMA-85N Datasheet HTML 8Page - Texas Instruments BQ4013YMA-85N Datasheet HTML 9Page - Texas Instruments BQ4013YMA-85N Datasheet HTML 10Page - Texas Instruments BQ4013YMA-85N Datasheet HTML 11Page - Texas Instruments BQ4013YMA-85N Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
bq4013/Y
Write Cycle No. 1 (WE-Controlled)
1,2,3
Write Cycle No. 2 (CE-Controlled)
1,2,3,4,5
Notes:
1.
CE or WE must be high during address transition.
2.
Because I/O may be active (OE low) during this period, data input signals of opposite polarity to the
outputs must not be applied.
3.
If OE is high, the I/O pins remain in a state of high impedance.
4.
Either tWR1 or tWR2 must be met.
5.
Either tDH1 or tDH2 must be met.


Similar Part No. - BQ4013YMA-85N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4013YMA-85N TI-BQ4013YMA-85N Datasheet
164Kb / 15P
[Old version datasheet]   128 k X 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4013YMA-85N TI1-BQ4013YMA-85N Datasheet
336Kb / 15P
[Old version datasheet]   128 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
More results

Similar Description - BQ4013YMA-85N

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM6128K800V EOREX-EM6128K800V Datasheet
372Kb / 14P
   128Kx8 LP SRAM
logo
List of Unclassifed Man...
WMS128K8V-XXX ETC1-WMS128K8V-XXX Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
logo
Texas Instruments
BQ4015 TI-BQ4015_07 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1220Y DALLAS-DS1220Y Datasheet
144Kb / 8P
   16k Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com