Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLL-100R-2.14G Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # DLL-100R-2.14G
Description  DELAY LINE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

DLL-100R-2.14G Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  DLL-100R-2.14G Datasheet HTML 1Page - Merrimac Industries, Inc. DLL-100R-2.14G Datasheet HTML 2Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FREQUENCY RANGE
MHz
MEAN DELAY*
(nS)
PHASE DEVIATION
(DEGREES MAX)
AMPLITUDE FLATNESS
(dB p-p)
2110 - 2170
10.0 ± 0.2
± 1.0
0.1
RETURN LOSS
(dB MIN)
INSERTION LOSS
(dB MAX)
POWER HANDLING
(WATTS)
RF INTERFACE
SIZE/OUTLINE
(Inches - l,w,h)
20
5.8
45
Surface Mount
1.0 x 1.0 x 0.045
Specifications are based upon unit mounted on printed circuit board with 50 Ohm nominal impedance.
*Mean delay refers to the group delay of the applied input signal through the network. The specified tolerance relates to unit-unit group delay variation.
MULTI-MIX DELAY LINES
FEATURES
APPLICATIONS
• 2110 - 2170 MHz
• WCDMA
• LOW LOSS
• UMTS
• LOW VSWR
• BASESTATION POWER AMPLIFIER
• SURFACE MOUNT
LINEARIZATION NETWORKS
• LOW COST
• FEED FORWARD
• PRE-DISTORTION
• ADAPTIVE INTERFERENCE CANCELLATION
The DLL-100R-2.14G, a member of the Multi-Mix
® DLL family of delay lines, provides a mean delay of
10.0 nS in the UMTS band and features low insertion loss and low VSWR. The DLL-100R-2.14G exhibits
excellent phase linearity and amplitude flatness over the 2110 - 2170 MHz frequency range. The Multi-
Mix DLL-100R-2.14G is intended for use in power amplifier linearization networks such as feedforward
and predistortion.
DLL delay lines are fusion bonded multilayer stripline structures. The DLL series offers an excellent alter-
native to expensive coaxial and delay filter structures. The fusion bonding process yields a homgeneous
monolithic dielectric structure with reliability, ruggedness and electrical and thermal performance that is
superior to conventional adhesive bonding techniques.
DELAY LINE
DLL-100R-2.14G
TECHNICAL DESCRIPTION
PRELIMINARY REV: 001, 06/14/05
THE MULTI-MIX MICROTECHNOLOGY
® GROUP IS ISO 9001:2000 REGISTERED
Merrimac Industries / 41 Fairfield Place, West Caldwell, NJ 07006
Tel: 1.888.434.MMFM / Fax: 973.882.5990 / Email: crm@merrimacind.com / www.merrimacind.com
U.S. Patent 6,099,677 and other Patents Pending.
GENERAL SPECIFICATIONS
PACKAGE OUTLINE
1.000 [25.40]
0.087 [2.21]
0.848 [21.54]
HOT VIA
HOT VIA
GND
GND
ORIENTATION MARKER
DENOTES PIN LOCATION
PIN 1
PIN 2
12


Similar Part No. - DLL-100R-2.14G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
DLL-113R-0.88G MERRIMAC-DLL-113R-0.88G Datasheet
115Kb / 1P
   DELAY LINE
DLL-115R-1.96G MERRIMAC-DLL-115R-1.96G Datasheet
108Kb / 1P
   DELAY LINE
More results

Similar Description - DLL-100R-2.14G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
DLL-095R-2.14G MERRIMAC-DLL-095R-2.14G Datasheet
102Kb / 1P
   DELAY LINE
DLL-115R-1.96G MERRIMAC-DLL-115R-1.96G Datasheet
108Kb / 1P
   DELAY LINE
DLL-048R-2.14G MERRIMAC-DLL-048R-2.14G Datasheet
107Kb / 2P
   DELAY LINE
logo
Anaren Microwave
XDL15-2-020S ANAREN-XDL15-2-020S Datasheet
166Kb / 5P
   Delay Line
logo
Merrimac Industries, In...
DLL-057R-0.94G MERRIMAC-DLL-057R-0.94G Datasheet
124Kb / 2P
   DELAY LINE
DLL-113R-0.88G MERRIMAC-DLL-113R-0.88G Datasheet
115Kb / 1P
   DELAY LINE
logo
NXP Semiconductors
TDA4663T PHILIPS-TDA4663T Datasheet
69Kb / 12P
   Baseband delay line
1996 Nov 22
logo
Integrated Technology F...
160D252 ITF-160D252 Datasheet
149Kb / 5P
   SAW Delay-Line
logo
TEMIC Semiconductors
U3661M TEMIC-U3661M Datasheet
138Kb / 9P
   Baseband Delay Line
logo
NXP Semiconductors
TDA4665 PHILIPS-TDA4665 Datasheet
114Kb / 12P
   Baseband delay line
1996 Dec 17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com