Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWM-16R-13.2G Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # CWM-16R-13.2G
Description  DIRECTIONAL COUPLERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

CWM-16R-13.2G Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  CWM-16R-13.2G Datasheet HTML 1Page - Merrimac Industries, Inc. CWM-16R-13.2G Datasheet HTML 2Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRINCIPAL SPECIFICATIONS
Frequency
Coupling,¤
Frequency
Directivity, *Insertion
VSWR Max., Outline
Model
Range,
dB,
Sensitivity,
dB,
Loss,
Main
Coupled Ref.
Number
GHz
Nom.
dB, Max.
Min.
dB, Max.
Line
Line
Dim.
CWM-20R-9.2G
0.5 - 18.0
20
±1.0
±1.0
14
1.3
1.40:1
1.50:1
1
CWM-10R-10.2G
0.5 - 20.0
10
±1.0
±1.0
14
1.3
1.35:1
1.35:1
1
CWM-16R-10.2G
16
±1.0
CWM-10R-10.8G
1.7 - 20.0
10
±1.0
±0.55
15
1.2
1.35:1
1.45:1
2
CWM-16R-10.8G
16
±1.0
0.9
CWM-10R-13.2G
0.5 - 26.5
10
±1.0
±1.0
12
2.0
1.50:1
1.50:1
1
CWM-16R-13.2G
16
±1.0
1.6
CWM-10R-13.8G
1.7 - 26.5
10
±1.0
±0.6
14
1.5
1.40:1
1.50:1
2
CWM-16R-13.8G
16
±1.0
1.0
1.35:1
1.45:1
CWM-10R-16G
6.0 - 26.5
10
±1.0
±0.5
14
1.0
1.45:1
1.45:1
3
CWM-20R-16G
20
±1.0
0.7
CWM-10R-22G
18.0 - 26.5
10
±1.0
±0.5
14
1.0
1.45:1
1.45:1
3
CWM-20R-22G
20
±1.0
0.7
¤Coupling is referenced to the output
* Insertion Loss above Coupling Loss
CWM-R Series
DIRECTIONAL COUPLERS
0.5 to 26.5 GHz / Ultra-Broadband / 10, 16, 20 dB Coupling / High-Perf. Stripline / 25 W / SMA
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
GENERAL SPECIFICATIONS
Impedance:
50
Ω nom.
Operating Temp:
-- 55° to +85°C
Available Options:
Connectors:
TNC & N type available
Frequencies:
Available to 65 GHz.
Higher Power : With N connectors
Coupling:
30 dB available
POWER SPECIFICATIONS
Coupled ‘‘Loss’’:
10 dB units:
0.46 dB
16 dB units:
0.08 dB
20 dB units:
0.044 dB
30 dB units:
0.004 dB
Peak Power:
3 kW max.
Input Power (Forward):
25 Watts max.
Reflected Power:
10/16 dB units:
5 Watts max.
20/30 dB units:
50 Watts max.
General Notes:
1. The CWM-R series of directional couplers consists of three port devices utilizing stripline technology in a connectorized package. Each unit is
a multi-section quarter wave coupler designed to cover a very broad band of frequencies. They are ideally suited for monitoring forward or reflected
power in EW and similar wideband systems with minimal perturbation to the main line signal.
2. Similar directional couplers may be custom ordered with coupling values up to 35 dB and covering frequency bands up to 26.5 GHz.
3. These units comply with MIL-C-15370 and may be supplied screened for compliance with additional specifications you designate for military
and aerospace applications requiring the highest reliability.
22Feb96


Similar Part No. - CWM-16R-13.2G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
CWM-16M-10G MERRIMAC-CWM-16M-10G Datasheet
111Kb / 2P
   DIRECTIONAL COUPLERS
CWM-16M-9.5G MERRIMAC-CWM-16M-9.5G Datasheet
111Kb / 2P
   DIRECTIONAL COUPLERS
More results

Similar Description - CWM-16R-13.2G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
CSM-6M-.75G MERRIMAC-CSM-6M-.75G Datasheet
47Kb / 2P
   DIRECTIONAL COUPLERS
CWM-10M-2.3G MERRIMAC-CWM-10M-2.3G Datasheet
111Kb / 2P
   DIRECTIONAL COUPLERS
CRM-10-50 MERRIMAC-CRM-10-50 Datasheet
163Kb / 2P
   DIRECTIONAL COUPLERS
CRS-10-165 MERRIMAC-CRS-10-165 Datasheet
88Kb / 1P
   DIRECTIONAL COUPLERS
CSD-10H-1.9G MERRIMAC-CSD-10H-1.9G Datasheet
177Kb / 5P
   DIRECTIONAL COUPLERS
logo
Anaren Microwave
10930-6 ANAREN-10930-6_14 Datasheet
159Kb / 4P
   Directional Couplers
1X505 ANAREN-1X505 Datasheet
83Kb / 2P
   Directional Couplers
10013-10 ANAREN-10013-10 Datasheet
134Kb / 3P
   Directional Couplers
logo
Mini-Circuits
DBTC-6-4-75L MINI-DBTC-6-4-75L Datasheet
316Kb / 1P
   Directional Couplers
logo
List of Unclassifed Man...
S25B880N3 ETC1-S25B880N3 Datasheet
623Kb / 2P
   Directional Couplers
logo
Anaren Microwave
10615-10 ANAREN-10615-10_14 Datasheet
149Kb / 4P
   Directional Couplers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com