Part Name
         Description
CWM-10R-10.8G

 DIRECTIONAL COUPLERS ( 2 Page)


MERRIMAC
100% 
Zoom Out Zoom In
   
 1 page
background image
PRINCIPAL SPECIFICATIONS
Frequency
Coupling,¤
Frequency
Directivity, *Insertion
VSWR Max., Outline
Model
Range,
dB,
Sensitivity,
dB,
Loss,
Main
Coupled Ref.
Number
GHz
Nom.
dB, Max.
Min.
dB, Max.
Line
Line
Dim.
CWM-20R-9.2G
0.5 - 18.0
20
±1.0
±1.0
14
1.3
1.40:1
1.50:1
1
CWM-10R-10.2G
0.5 - 20.0
10
±1.0
±1.0
14
1.3
1.35:1
1.35:1
1
CWM-16R-10.2G
16
±1.0
CWM-10R-10.8G
1.7 - 20.0
10
±1.0
±0.55
15
1.2
1.35:1
1.45:1
2
CWM-16R-10.8G
16
±1.0
0.9
CWM-10R-13.2G
0.5 - 26.5
10
±1.0
±1.0
12
2.0
1.50:1
1.50:1
1
CWM-16R-13.2G
16
±1.0
1.6
CWM-10R-13.8G
1.7 - 26.5
10
±1.0
±0.6
14
1.5
1.40:1
1.50:1
2
CWM-16R-13.8G
16
±1.0
1.0
1.35:1
1.45:1
CWM-10R-16G
6.0 - 26.5
10
±1.0
±0.5
14
1.0
1.45:1
1.45:1
3
CWM-20R-16G
20
±1.0
0.7
CWM-10R-22G
18.0 - 26.5
10
±1.0
±0.5
14
1.0
1.45:1
1.45:1
3
CWM-20R-22G
20
±1.0
0.7
¤Coupling is referenced to the output
* Insertion Loss above Coupling Loss
CWM-R Series
DIRECTIONAL COUPLERS
0.5 to 26.5 GHz / Ultra-Broadband / 10, 16, 20 dB Coupling / High-Perf. Stripline / 25 W / SMA
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
GENERAL SPECIFICATIONS
Impedance:
50
Ω nom.
Operating Temp:
-- 55° to +85°C
Available Options:
Connectors:
TNC & N type available
Frequencies:
Available to 65 GHz.
Higher Power : With N connectors
Coupling:
30 dB available
POWER SPECIFICATIONS
Coupled ‘‘Loss’’:
10 dB units:
0.46 dB
16 dB units:
0.08 dB
20 dB units:
0.044 dB
30 dB units:
0.004 dB
Peak Power:
3 kW max.
Input Power (Forward):
25 Watts max.
Reflected Power:
10/16 dB units:
5 Watts max.
20/30 dB units:
50 Watts max.
General Notes:
1. The CWM-R series of directional couplers consists of three port devices utilizing stripline technology in a connectorized package. Each unit is
a multi-section quarter wave coupler designed to cover a very broad band of frequencies. They are ideally suited for monitoring forward or reflected
power in EW and similar wideband systems with minimal perturbation to the main line signal.
2. Similar directional couplers may be custom ordered with coupling values up to 35 dB and covering frequency bands up to 26.5 GHz.
3. These units comply with MIL-C-15370 and may be supplied screened for compliance with additional specifications you designate for military
and aerospace applications requiring the highest reliability.
22Feb96



Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1X505Directional Couplers 1 2 Anaren Microwave
10616-10Directional Couplers 1 2 3 Anaren Microwave
CRS-10-165DIRECTIONAL COUPLERS 1 Merrimac Industries, Inc.
CWM-10-6GSQDIRECTIONAL COUPLERS 1 Merrimac Industries, Inc.
10014-30Directional Couplers In-Line Style 1 2 3 Anaren Microwave
10616-20Directional Couplers 1 2 3 Anaren Microwave
CBF-11A-1250SQDIRECTIONAL COUPLERS 1 Merrimac Industries, Inc.
CRZ-11B-500WIDEBAND DIRECTIONAL COUPLERS 1 Merrimac Industries, Inc.
CWM-10-8GSQDIRECTIONAL COUPLERS 1 Merrimac Industries, Inc.
10616-30Directional Couplers 1 2 3 Anaren Microwave

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl