Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTM-20M-12G Datasheet(PDF) 2 Page - Merrimac Industries, Inc.

Part # CTM-20M-12G
Description  DIRECTIONAL COUPLERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

CTM-20M-12G Datasheet(HTML) 2 Page - Merrimac Industries, Inc.

  CTM-20M-12G Datasheet HTML 1Page - Merrimac Industries, Inc. CTM-20M-12G Datasheet HTML 2Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
General Notes:
1. The CTM series directional couplers are miniature three port devices utilizing stripline technology in a connectorized package.
Each is a multi-section quarter wave coupler designed to cover a broad bandwidth. They are ideally suited to monitor forward
or reflected power with minimal perturbation to the main line signal, signal sampling, control loops and test signal injection
devices in BITE.
2. A variety of models may be custom ordered with coupling values up to 30 dB and covering frequency bands up to 18 GHz.
3. These units comply with MIL-C-15370 and may be supplied screened for compliance with additional specifications you
designate for military and space applications requiring the highest reliability.
CTM-M-G Series
DIRECTIONAL COUPLERS
500 MHz to 18 GHz / Multi-Octave Bandwidths / 6, 10 & 20 dB Coupling / 50 W / Stripline / SMA
Forfurtheri
nformati
oncontact
M ERRIM AC /41 Fairfield Pl.,W estCaldw ell,NJ,07006 / 973-575-1300 /FAX 973-575-0531
16Aug99
NOTES:
1. Tolerance on 3 place decimals
±.020(.51) except as noted.
2. Dimensions in inches over millimeters.
3. Weights are nominal on all outlines.
Package Outline


Similar Part No. - CTM-20M-12G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
CTM-20-1.25GSQ MERRIMAC-CTM-20-1.25GSQ Datasheet
64Kb / 1P
   DIRECTIONAL COUPLERS
More results

Similar Description - CTM-20M-12G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
CSM-6M-.75G MERRIMAC-CSM-6M-.75G Datasheet
47Kb / 2P
   DIRECTIONAL COUPLERS
CWM-10M-2.3G MERRIMAC-CWM-10M-2.3G Datasheet
111Kb / 2P
   DIRECTIONAL COUPLERS
CRM-10-50 MERRIMAC-CRM-10-50 Datasheet
163Kb / 2P
   DIRECTIONAL COUPLERS
CRS-10-165 MERRIMAC-CRS-10-165 Datasheet
88Kb / 1P
   DIRECTIONAL COUPLERS
CSD-10H-1.9G MERRIMAC-CSD-10H-1.9G Datasheet
177Kb / 5P
   DIRECTIONAL COUPLERS
logo
Anaren Microwave
10930-6 ANAREN-10930-6_14 Datasheet
159Kb / 4P
   Directional Couplers
1X505 ANAREN-1X505 Datasheet
83Kb / 2P
   Directional Couplers
10013-10 ANAREN-10013-10 Datasheet
134Kb / 3P
   Directional Couplers
logo
Mini-Circuits
DBTC-6-4-75L MINI-DBTC-6-4-75L Datasheet
316Kb / 1P
   Directional Couplers
logo
List of Unclassifed Man...
S25B880N3 ETC1-S25B880N3 Datasheet
623Kb / 2P
   Directional Couplers
logo
Anaren Microwave
10615-10 ANAREN-10615-10_14 Datasheet
149Kb / 4P
   Directional Couplers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com