Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ4845P-N Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ4845P-N
Description  Parallel RTC With CPU Supervisor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4845P-N Datasheet(HTML) 3 Page - Texas Instruments

  BQ4845P-N Datasheet HTML 1Page - Texas Instruments BQ4845P-N Datasheet HTML 2Page - Texas Instruments BQ4845P-N Datasheet HTML 3Page - Texas Instruments BQ4845P-N Datasheet HTML 4Page - Texas Instruments BQ4845P-N Datasheet HTML 5Page - Texas Instruments BQ4845P-N Datasheet HTML 6Page - Texas Instruments BQ4845P-N Datasheet HTML 7Page - Texas Instruments BQ4845P-N Datasheet HTML 8Page - Texas Instruments BQ4845P-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Pin Descriptions
X1–X2
Crystal inputs
X1–X2
are
a
direct
connection
for
a
32.768kHZ, 6pF crystal.
RST
Reset output
RST goes low whenever VCC falls below the
power fail threshold. RST will remain low for
200ms typical after VCC crosses the threshold
on power-up. RST also goes low whenever a
watchdog timeout occurs.
RST is an open-
drain output.
INT
Interrupt output
INT goes low when a power fail, periodic, or
alarm condition occurs. INT is an open-drain
output.
WDI
Watchdog input
WDI is a three-level input. If WDI remains
either high or low for longer than the
watchdog time-out period (1.5 seconds de-
fault), WDO goes low. WDO remains low
until the next transition at WDI. Leaving
WDI unconnected disables the watchdog
function. WDI connects to an internal volt-
age divider between VOUT and VSS, which
sets it to mid-supply when left uncon-
nected.
WDO
Watchdog output
WDO goes low if WDI remains either high
or low longer than the watchdog time-out
period. WDO returns high on the next tran-
sition at WDI. WDO remains high if WDI is
unconnected.
A0–A3
Clock address inputs
A0–A3 allow access to the 16 bytes of real-
time clock and control registers.
DQ0–DQ7 Data input and output
DQ0–DQ7 provide x8 data for real-time clock
information. These pins connect to the mem-
ory data bus.
VSS
Ground
CS
Chip select
OE
Output enable
OE provides the read control for the RTC
memory locations.
CEOUT
Chip enable output
CEOUT goes low only when CEIN is low and
VCC is above the power fail threshold. If
CEIN is low, and power fail occurs, CEOUT
stays low for 100
µs or until CEIN goes high,
whichever occurs first.
CEIN
Chip enable input
CEIN is the input to the chip-enable gating
circuit.
BC
Backup battery input
BC should be connected to a 3V backup
cell. A voltage within the VBC range on the
BC pin should be present upon power up to
provide proper oscillator start-up.
VOUT
Output supply voltage
VOUT provides the higher of VCC or VBC,
switched internally, to supply external
RAM.
WE
Write enable
WE provides the write control for the RTC
memory locations.
VCC
Input supply voltage
+5V input
3
Aug. 1995
bq4845/bq4845Y


Similar Part No. - BQ4845P-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4845P-A4 TI1-BQ4845P-A4 Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
More results

Similar Description - BQ4845P-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4845 TI1-BQ4845_14 Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4847 TI-BQ4847 Datasheet
224Kb / 5P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4802YDWRG4 TI1-BQ4802YDWRG4 Datasheet
920Kb / 26P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR
logo
Intersil Corporation
X1227 INTERSIL-X1227_06 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1227 INTERSIL-X1227 Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com