Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


F-3552 Datasheet(PDF) 2 Page - Rhombus Industries Inc.

Part No. F-3552
Description  Very Low Profile Tax Filters
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 2 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
TAXFILTR - 10/98
19
“Tax Pulse” Frequencies
for various countries:
Country
Frequency
Austria
12 kHz
Belgium
16 kHz
Switzerland
12 kHz
Germany
16 kHz
Denmark
12 kHz
Spain
12 kHz
France
12 kHz
Great Britain
50 Hz*
Greece
16 kHz
Italy
12 kHz
Ireland
12 kHz
Israel
16 kHz
Norway
16 kHz
Netherlands
50 Hz*
Portugal
12 kHz
Sweden
12 kHz
Finland
16 kHz
Turkey
12 kHz
Yugoslavia
16 kHz
Australia
12 kHz
Czechoslovakia
16 kHz
*Common-mode
(longitudinal) signal
Table #1
Schematic
1
3
Parameter
Min.
Typ.
Max.
Units
Inductance (Pins 1-3)
6.19
6.52
6.84
mH
D.C. Resistance
10.5
12.05
13.6
Current
70
mADC
"12 KHz" Capacitor
25.0
27.0
28.0
nF
"16 KHz" Capacitor
14.0
15.0
15.7
nF
Single LC attenuation
25
dB
Dual LC attenuation
40
dB
Electrical Specifications at 25O C
Tax Pulse Filter Inductor
Single Inductance
Vary capacitor value for 12 KHz or 16 KHz
Rhombus Part Number: F-3503
Materials used in the
construction of this
component meet or
exceed UL Class B and
can be operated up to 130oC
1. Tested at 10KHz and 100 mV
RMS
Physical Dimensions in inches (mm)
.025
(0.64)
TYP.
.551
(14.00)
MAX.
.200
(5.08)
.400
(10.16)
.450
(11.43)
MAX.
.571
(14.50)
MAX.
654
3
1
2




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ACT9200miniature low profile SMD 1 2 3 Advanced Crystal Technology
LPQUP TO 75 WATTS Low profile single board construction 1 2 3 Wall Industries,Inc.
AXX49SMDSMD Quartz Crystal Unit with low profile 1 2 Advanced XTAL Products
BD1722J50100A00Ultra Low Profile 0805 Balun 50 to 100 Balanced 1 2 3 4 5 MoreAnaren Microwave
BD3150N5010A00Ultra Low Profile 0404 Balun 50Ω to 100Ω Balanced 1 2 3 4 5 MoreAnaren Microwave
PD0922J5050D2Ultra Low Profile 0805 Power Divider 50Ω to 50Ω 1 2 3 4 5 MoreAnaren Microwave
FKB-7681_07Ultra Low Profile Notebook Keyboard 64Keys 1 2 3 4 Fujitsu Component Limited.
FTR-H1POWER RELAY 1 POLE-10 A LOW PROFILE TYPE 1 2 3 4 5 MoreFujitsu Component Limited.
USBLC6-2_08Very low capacitance ESD protection 1 2 3 4 5 MoreSTMicroelectronics
LD2982AXXVery low drop and low noise voltage regulator with inhibit function low ESR capacitors compatible 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl