Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ4850YMA-85 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ4850YMA-85
Description  RTC Module With 512Kx8 NVSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4850YMA-85 Datasheet(HTML) 1 Page - Texas Instruments

  BQ4850YMA-85 Datasheet HTML 1Page - Texas Instruments BQ4850YMA-85 Datasheet HTML 2Page - Texas Instruments BQ4850YMA-85 Datasheet HTML 3Page - Texas Instruments BQ4850YMA-85 Datasheet HTML 4Page - Texas Instruments BQ4850YMA-85 Datasheet HTML 5Page - Texas Instruments BQ4850YMA-85 Datasheet HTML 6Page - Texas Instruments BQ4850YMA-85 Datasheet HTML 7Page - Texas Instruments BQ4850YMA-85 Datasheet HTML 8Page - Texas Instruments BQ4850YMA-85 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
® Integrated SRAM, real-time
clock, crystal, power-fail control
circuit, and battery
® Real-Time Clock counts seconds
through years in BCD format
® RAM-like clock access
® Pin-compatible with industry-
standard 512K x 8 SRAMs
® Unlimited write cycles
® 10-year minimum data retention
and clock operation in the absence
of power
® Automatic power-fail chip dese-
lect and write-protection
® Software clock calibration for
greater than
±1 minute per
month accuracy
General Description
The bq4850Y RTC Module is a non-
volatile 4,194,304-bit SRAM organ-
ized as 524,288 words by 8 bits with
an integral accessible real-time
clock.
The device combines an internal lith-
ium battery, quartz crystal, clock and
power-fail chip, and a full CMOS
SRAM in a plastic 32-pin DIP mod-
ule. The RTC Module directly re-
places industry-standard SRAMs and
also fits into many EPROM and EE-
PROM sockets without any require-
ment for special write timing or limi-
tations on the number of write cycles.
Registers for the real-time clock,
alarm and other special
functions
are located in registers 7FFF8h–
7FFFFh of the memory array.
The clock and alarm registers are
dual-port read/write SRAM loca-
tions that are updated once per sec-
ond by a clock control circuit from
the internal clock counters.
The
dual-port registers allow clock up-
dates to occur without interrupting
normal access to the rest of the
SRAM array.
The bq4850Y also contains a power-
fail-detect circuit. The circuit dese-
lects the device whenever VCC falls
below tolerance, providing a high de-
gree of data security. The battery is
electrically isolated when shipped
from the factory to provide maxi-
mum battery capacity. The battery
remains disconnected until the first
application of VCC.
1
bq4850Y
RTC Module With 512Kx8 NVSRAM
1
PN485001.eps
32-Pin DIP Module
2
3
4
5
6
7
8
32
31
30
29
28
27
26
25
9
10
24
23
11
12
22
21
13
14
20
19
15
16
18
17
VCC
A15
A17
WE
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
A18
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
Pin Names
A0–A18
Address input
CE
Chip enable
WE
Write enable
OE
Output enable
DQ0–DQ7
Data in/data out
VCC
+5 volts
VSS
Ground
Aug. 1996
Pin Connections


Similar Part No. - BQ4850YMA-85

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4850YMA-85 TI1-BQ4850YMA-85 Datasheet
1Mb / 17P
[Old version datasheet]   RTC Module With 512Kx8 NVSRAM
BQ4850YMA-85N TI1-BQ4850YMA-85N Datasheet
1Mb / 17P
[Old version datasheet]   RTC Module With 512Kx8 NVSRAM
More results

Similar Description - BQ4850YMA-85

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4850Y TI-BQ4850Y_13 Datasheet
1Mb / 17P
[Old version datasheet]   RTC Module With 512Kx8 NVSRAM
BQ4852Y TI-BQ4852Y Datasheet
590Kb / 16P
[Old version datasheet]   RTC Module With 512Kx8 NVSRAM
BQ4850Y TI1-BQ4850Y_14 Datasheet
1Mb / 17P
[Old version datasheet]   RTC Module With 512Kx8 NVSRAM
BQ4822Y TI-BQ4822Y Datasheet
104Kb / 16P
[Old version datasheet]   RTC Module With 8Kx8 NVSRAM
BQ4832Y TI-BQ4832Y Datasheet
678Kb / 18P
[Old version datasheet]   RTC Module With 32Kx8 NVSRAM
BQ4830Y TI-BQ4830Y Datasheet
848Kb / 16P
[Old version datasheet]   RTC Module With 32Kx8 NVSRAM
BQ4842Y TI-BQ4842Y Datasheet
676Kb / 18P
[Old version datasheet]   RTC Module With 128Kx8 NVSRAM
logo
Simtek Corporation
STK14EC8 SIMTEK-STK14EC8 Datasheet
202Kb / 18P
   512Kx8 Autostore nvSRAM
STK14EC8 SIMTEK-STK14EC8_08 Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com