Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4WTR-B Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part No. 4WTR-B
Description  Smoke Detectors with Sounder and Relay Option
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYSTEMSENSOR [Systemsensor advanced ideas.]
Homepage  http://www.systemsensor.com
Logo 

   
 1 page
background image
S911
Agency Listings
Smoke Detectors with
Sounder and Relay Option
System Sensor i3sounder and relay smoke detectors
apply the guiding principles of installation ease,
intelligence, and instant inspection in a series of
specialty conventional devices.
Features
• 85 dB sounder
• Form C relay
• Isolated thermal sensor
• Plug-in design – base included
• In-line terminals
• Flexible mounting options
• Stop-Drop ’N Lockattachment to the base
• Removable cover and chamber
• Remote maintenance signaling
• Drift compensation and smoothing algorithms
• Simplified sensitivity measurement
• Dual color LEDs
Installation ease. Throughout the i3 series, installation is simple
with its installer-friendly base and plug-in design. The base
accommodates a broad range of back box and direct mounting
options and provides ample space for pre-wiring the device. To
complete the installation, the i3 detector plugs into its base with a
simple Stop Drop ’N Lock action.
Intelligence. To reduce the likelihood of nuisance alarms, all
i3 detectors are equipped with both drift compensation and
smoothing algorithms. These capabilities minimize both short- and
long-term causes of nuisance alarms such as RF interference and
dust accumulation. When connected to the 2W-MOD2 loop test/
maintenance module or an i3 Readypanel, 2-wire i3 detectors can
generate a remote maintenance signal when in a maintenance or
freeze trouble condition. To measure the sensitivity of any i3 detector,
the SENS-RDR displays the reading, in terms of percent-per-foot
obscuration, within seconds.
Instant inspection. The i3 line’s red and green LEDs simplify local
status indication during power-up, standby, alarm, maintenance and
freeze trouble conditions. When in alarm, i3 sounder models generate
an 85 dB temporal tone. If connected to the RRS-MOD reversing
relay/synchronization module, all i3 sounders on the loop will
activate when one detector is in alarm. Additionally, the RRS-MOD
synchronizes the output of all i3 sounders to ensure a clear audible
signal.
Should the application call for differentiating between a local and
a general alarm, the i3 line offers an isolated thermal model, which
initiates a local alarm when smoke is detected, and a general alarm
when the thermal sensor is activated.
2133
372-02-E
7272-1653:164
3015195




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2012HDirect-Wire Smoke Detector with Built-in Relay and Horn 1 2 Systemsensor advanced ideas.
1012BDirect-Wire Smoke Detector with Built-in Relay and Horn 1 2 Systemsensor advanced ideas.
74LCX162541Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs 1 2 3 4 5 MoreSTMicroelectronics
CY25701JXCProgrammable High-Frequency Crystal Oscillator with Spread Spectrum SSXO and No-Spread Spectrum XO Option 1 2 3 4 5 MoreCypress Semiconductor
MC145012Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver 1 2 3 4 5 MoreFreescale Semiconductor, Inc
U6813B_05Fail-safe IC with High-side and Relay Driver 1 2 3 4 5 MoreATMEL Corporation
MC145018Low-Power CMOS Ionization Smoke Detector IC with Interconnect and Temporal Horn Driver 1 2 3 4 5 MoreFreescale Semiconductor, Inc
G6KSurface Mounting Relay with the World’s Smallest Mounting Area and a Height of Only 5.2 mm 1 2 3 4 5 MoreOmron Electronics LLC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl