Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ4015MS-120 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ4015MS-120
Description  512Kx8 Nonvolatile SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4015MS-120 Datasheet(HTML) 4 Page - Texas Instruments

  BQ4015MS-120 Datasheet HTML 1Page - Texas Instruments BQ4015MS-120 Datasheet HTML 2Page - Texas Instruments BQ4015MS-120 Datasheet HTML 3Page - Texas Instruments BQ4015MS-120 Datasheet HTML 4Page - Texas Instruments BQ4015MS-120 Datasheet HTML 5Page - Texas Instruments BQ4015MS-120 Datasheet HTML 6Page - Texas Instruments BQ4015MS-120 Datasheet HTML 7Page - Texas Instruments BQ4015MS-120 Datasheet HTML 8Page - Texas Instruments BQ4015MS-120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
bq4015/Y
Recommended DC Operating Conditions (TA = TOPR)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Notes
VCC
Supply voltage
4.5
5.0
5.5
V
bq4015Y
4.75
5.0
5.5
V
bq4015
VSS
Supply voltage
0
0
0
V
VIL
Input low voltage
-0.3
-
0.8
V
VIH
Input high voltage
2.2
-
VCC + 0.3
V
Note:
Typical values indicate operation at TA = 25°C.
DC Electrical Characteristics (TA = TOPR, VCCmin
≤ VCC ≤ VCCmax)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Conditions/Notes
ILI
Input leakage current
-
-
± 1
µAVIN = VSS to VCC
ILO
Output leakage current
-
-
± 1
µA
CE = VIH or OE = VIH or
WE = VIL
VOH
Output high voltage
2.4
-
-
V
IOH = -1.0 mA
VOL
Output low voltage
-
-
0.4
V
IOL = 2.1 mA
ISB1
Standby supply current
-
3
5
mA
CE = VIH
ISB2
Standby supply current
-
0.1
1
mA
CE
≥ VCC - 0.2V,
0V
≤ VIN ≤ 0.2V,
or VIN
≥ VCC - 0.2
ICC
Operating supply current
-
-
90
mA
Min. cycle, duty = 100%,
CE = VIL, II/O = 0mA,
A17 < VIL or A17 > VIH,
A18 < VIL or A18 > VIH
VPFD
Power-fail-detect voltage
4.55
4.62
4.75
V
bq4015
4.30
4.37
4.50
V
bq4015Y
VSO
Supply switch-over voltage
-
3
-
V
Note:
Typical values indicate operation at TA = 25°C, VCC = 5V.
Capacitance (TA = 25°C, F = 1MHz, VCC = 5.0V)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Conditions
CI/O
Input/output capacitance
-
-
8
pF
Output voltage = 0V
CIN
Input capacitance
-
-
10
pF
Input voltage = 0V
Note:
These parameters are sampled and not 100% tested.


Similar Part No. - BQ4015MS-120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4015MS-120 TI-BQ4015MS-120 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
BQ4015MS-120N TI-BQ4015MS-120N Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
More results

Similar Description - BQ4015MS-120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4015 TI-BQ4015_07 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
Eorex Corporation
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
logo
White Electronic Design...
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
WMS512K8BV-XXXE WEDC-WMS512K8BV-XXXE Datasheet
435Kb / 8P
   512Kx8 MONOLITHIC SRAM
logo
List of Unclassifed Man...
WMS512K8V-15 ETC-WMS512K8V-15 Datasheet
103Kb / 9P
   512Kx8 MONOLITHIC SRAM
WMS512K8 ETC1-WMS512K8 Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
logo
White Electronic Design...
WMS512K8V-XXX WEDC-WMS512K8V-XXX Datasheet
277Kb / 9P
   512Kx8 MONOLITHIC SRAM
EDI88512C WEDC-EDI88512C Datasheet
319Kb / 7P
   512Kx8 Monolithic SRAM, CMOS
EDI88512CA-RP WEDC-EDI88512CA-RP Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com