Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1224MCK Datasheet(PDF) 4 Page - Systemsensor advanced ideas.

Part # P1224MCK
Description  Selectable Output Strobe and Horn Strobes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

P1224MCK Datasheet(HTML) 4 Page - Systemsensor advanced ideas.

  P1224MCK Datasheet HTML 1Page - Systemsensor advanced ideas. P1224MCK Datasheet HTML 2Page - Systemsensor advanced ideas. P1224MCK Datasheet HTML 3Page - Systemsensor advanced ideas. P1224MCK Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SpectrAlert Ordering Information
©2005SystemSensor.Thecompanyreservestherighttochangeproductspecificationswithoutnotice.
A05-0325-006•9/05•#1526
Model
Description
P1224MC
SelectableOutputHorn/Strobe,12/24volt,red
P1224MCW
SelectableOutputHorn/Strobe,12/24volt,white
P1224MCP
SelectableOutputHorn/Strobe,12/24volt,red,
plainhousing
P1224MCPW
SelectableOutputHorn/Strobe,12/24volt,
white,plainhousing
P1224MCK
SelectableOutputHorn/Strobe,12/24volt,red,
outdoor
P1224MCSP
SelectableOutputHorn/Strobe,12/24volt,red,
“FUEGO”housing
S1224MC
SelectableOutputStrobe,12/24volt,red
S1224MCW
SelectableOutputStrobe,12/24volt,white
S1224MCP
SelectableOutputStrobe,12/24volt,red,plain
housing
S1224MCPW
SelectableOutputStrobe,12/24volt,white,
plainhousing
S1224MCK
SelectableOutputStrobe,12/24volt,red,
outdoor
S1224MCSP
SelectableOutputStrobe,12/24volt,red,
“FUEGO”housing
Model
Description
H12/24
Horn,12/24volt,red
H12/24W
Horn,12/24volt,white
H12/24K
Horn,12/24volt,red,outdoor
Accessories
MDL
Sync•CircuitModule,red
MDLW
Sync•CircuitModule,white
MDLWA
Sync•CircuitModule,white,Canadianmodel
S-MP
SmallFootprintMountingPlate,red,forsingle-
gangbackbox
S-MPW
SmallFootprintMountingPlate,white,forsingle-
gangbackbox
BBS
SurfaceMountBackBoxSkirt,red
BBSW
SurfaceMountBackBoxSkirt,white
D-MP
UniversalMountingPlate(replacement),red
D-MPW
UniversalMountingPlate(replacement),white
WBB
WeatherproofBackBox
Notes
All of these SpectrAlert products are designed for wall mount only. All outdoor models must use weatherproof back box model WBB. Installation of
less than 75 candela strobes may be permissible under the equivalent facilitation clause of the ADAAG (Sec. 2.2). However, it is the responsibility of
the person or entity designing the fire alarm system to determine the acceptability of less than 75 candela strobes. All 15/75 candela strobes or horn/
strobes are recommended for 20′ × 20′ rooms or less.
System Sensor Sales and Service
System Sensor Headquarters
3825OhioAvenue
St.Charles,IL60174
Ph:800/SENSOR2
Fx:630/377-6495
www.systemsensor.com
System Sensor Canada
Ph:905.812.0767
Fx:905.812.0771
System Sensor Europe
Ph:44.1403.276500
Fx:44.1403.276501
System Sensor in China
Ph:86.29.8832.0119
Fx:86.29.8832.5119
System Sensor in Singapore
Ph:65.6273.2230
Fx:65.6273.2610
System Sensor – Far East
Ph:85.22.191.9003
Fx:85.22.736.6580
System Sensor – Australia
Ph:613.54.281.142
Fx:613.54.281.172
System Sensor – India
Ph:91.124.237.1770x.2700
Fx:91.124.237.3118
System Sensor – Russia
Ph:70.95.937.7982
Fx:70.95.937.7983
Typical weatherproof mounting with universal plate
WBB
Gasket
Plate
#8-36 x 1/2˝ Flat Head
Screw (4 total)
Paper Liner
For Plate
Gasket
Conduit
Entrance
Slot
Locking Rib
A0135-02
DIP Switch Operation on P1224MC
Low
OFF
ON
Temporal
Electromech.
DIP Switch
Factory
Default
High
Non-Temporal
3000Hz
Base (rear)
A0110-00
SpectrAlert Horn Sound Measurements (dBA)
Selectable Horn Tones
8-17.5V
16-33V
Temporal
Low
Volume
Electromechanical
67
75
3000HzInterrupted
68
75
High
Volume
Electromechanical
71
80
3000HzInterrupted
72
81
Non-
Temporal
Low
Volume
Electromechanical
71
79
3000HzInterrupted
72
79
High
Volume
Electromechanical
76
84
3000HzInterrupted
77
86


Similar Part No. - P1224MCK

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
P1224MCK GAMEWELL-FCI-P1224MCK Datasheet
49Kb / 3P
   SELECTABLE OUTPUT STROBES AND HORNS
More results

Similar Description - P1224MCK

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
PC2RK SYSTEMSENSOR-PC2RK Datasheet
569Kb / 4P
   Outdoor Selectable- Output Strobes and Horn Strobes for Ceiling Applications
SC2415W SYSTEMSENSOR-SC2415W Datasheet
332Kb / 4P
   Strobes and Horn Strobes
logo
Gamewell-FCI by Honeywe...
P1224MC GAMEWELL-FCI-P1224MC Datasheet
49Kb / 3P
   SELECTABLE OUTPUT STROBES AND HORNS
logo
Systemsensor advanced i...
P2RHK-120 SYSTEMSENSOR-P2RHK-120 Datasheet
549Kb / 2P
   P2RHK-120 Outdoor 120V Selectable Output Horn/Strobe
logo
Gamewell-FCI by Honeywe...
SC2415 GAMEWELL-FCI-SC2415 Datasheet
536Kb / 4P
   SC Strobes and PC Horn/Strobes
logo
Systemsensor advanced i...
CHR SYSTEMSENSOR-CHR Datasheet
411Kb / 4P
   Selectable Output Chimes and Chime/Strobes
P1215 SYSTEMSENSOR-P1215 Datasheet
113Kb / 4P
   Wall-Mount Horns, Strobes, and Horn/Strobes
S2475RLP SYSTEMSENSOR-S2475RLP Datasheet
126Kb / 2P
   SpectrAlert??Colored Lens Strobes and Horn/Strobes
SP2 SYSTEMSENSOR-SP2 Datasheet
291Kb / 2P
   Selectable Output Wall Speaker/Strobes
P12015K SYSTEMSENSOR-P12015K Datasheet
118Kb / 2P
   Outdoor Horn/Strobes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com