Electronic Components Datasheet Search
Selected language     English  ▼
Part Name

4WT-B Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part No. 4WT-B
Description  Photoelectric Smoke Detectors
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYSTEMSENSOR [Systemsensor advanced ideas.]
Homepage  http://www.systemsensor.com

 1 page
background image
Agency Listings
Smoke Detectors
System Sensor’s i3series smoke detectors represent
significant advancement in conventional detection.
The i3 family is founded on three principles: installation
ease, intelligence, and instant inspection.
Plug-in detector line, mounting base included
Large wire entry port
In-line terminals with SEMS screws
Mounts to octagonal and single-gang backboxes, 4-square
backboxes, or direct to ceiling
Stop-Drop ’N Lock attachment to base
Removable detector cover and chamber
Built-in remote maintenance signaling
Drift compensation and smoothing algorithms
Simplified sensitivity measurement
Wide angle, dual color LED indication
Loop testing via EZ Walk feature
Built-in test switch
Installation ease. The i3 line redefines installation ease with its
plug-in design. This allows an installer to pre-wire the bases included
with the heads. The large wire entry port and in-line terminals
provide ample room for neatly routing the wiring inside the base.
The base accommodates a variety of back box mounting methods,
as well as direct mounting with drywall anchors. To complete the
installation, i3 heads plug in to the base with a simple Stop-Drop ’N
Intelligence. i3 detectors offer a number of intelligent features
to simplify testing and maintenance. Drift compensation and
smoothing algorithms are standard with the i3 line to minimize
nuisance alarms. Two-wire i3 detectors needing cleaning can
generate a remote maintenance signal, when connected to the
2W-MOD2 loop test/maintenance module, or to a panel equipped
with the i3 protocol. This signal is indicated by LEDs located at the
module and the panel. The SENS-RDR, a wireless device, displays the
sensitivityof i3 detectors in terms of percent per-foot-obscuration.
Instant inspection. The i3 series provides wide-angle red and
green LED indicators for instant inspection of the detector’s
condition: normal standby, out-of-sensitivity, alarm, or freeze trouble.
When connected to the 2W-MOD2 loop test/maintenance module
or a panel with the i3 protocol, the EZ Walk loop test feature is
available on two-wire i3 detectors. This feature verifies the initiating
loop wiring by providing LED status indication at each detector.

Html Pages

1  2 

Datasheet Download

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC146010_07Low Power CMOS Photoelectric Smoke Detector IC 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC146012_07Low Power CMOS Photoelectric Smoke Detector IC 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC145011Photoelectric Smoke Detector IC with I/O For Line-Powered Applications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC145012Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver 1 2 3 4 5 MoreFreescale Semiconductor, Inc
M75012PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    

Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl