Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ1040YMA-150 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ1040YMA-150
Description  8Kx8 Nonvolatile SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ1040YMA-150 Datasheet(HTML) 1 Page - Texas Instruments

  BQ1040YMA-150 Datasheet HTML 1Page - Texas Instruments BQ1040YMA-150 Datasheet HTML 2Page - Texas Instruments BQ1040YMA-150 Datasheet HTML 3Page - Texas Instruments BQ1040YMA-150 Datasheet HTML 4Page - Texas Instruments BQ1040YMA-150 Datasheet HTML 5Page - Texas Instruments BQ1040YMA-150 Datasheet HTML 6Page - Texas Instruments BQ1040YMA-150 Datasheet HTML 7Page - Texas Instruments BQ1040YMA-150 Datasheet HTML 8Page - Texas Instruments BQ1040YMA-150 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Features
® Data retention in the absence of
power
® Automatic write-protection
during power-up/power-down
cycles
® Industry-standard 28-pin 8K x 8
pinout
® Conventional SRAM operation;
unlimited write cycles
® 10-year minimum data retention
in absence of power
® Battery internally isolated until
power is applied
Pin Connections
General Description
The CMOS bq4010 is a nonvolatile
65,536-bit static RAM organized as
8,192 words by 8 bits. The integral
control circuitry and lithium energy
source provide reliable nonvolatility
coupled with the unlimited write
cycles of standard SRAM.
The control circuitry constantly
monitors the single 5V supply for an
out-of-tolerance condition. When VCC
falls out of tolerance, the SRAM is
unconditionally write-protected to
prevent inadvertent write operation.
At this time the integral energy
source is switched on to sustain the
memory until after VCC returns valid.
The bq4010 uses an extremely low
st andby current CMOS SR AM,
coupled with a small lithium coin
cell to provide nonvolatility without
long write-cycle times and the write-
cycle limitations associated with
EEPROM.
The bq4010 requires no external cir-
cuitry and is socket-compatible with
industry-standard SRAMs and most
EPROMs and EEPROMs.
Pin Names
A0 –A12
Address inputs
DQ0–DQ7
Data input/output
CE
Chip enable input
OE
Output enable input
WE
Write enable input
NC
No connect
VCC
+5 volt supply input
VSS
Ground
8Kx8 Nonvolatile SRAM
bq4010/bq4010Y
Sept. 1996 D
Block Diagram
Selection Guide
Part
Number
Maximum
Access
Time (ns)
Negative
Supply
Tolerance
Part
Number
Maximum
Access
Time (ns)
Negative
Supply
Tolerance
bq4010Y -70
70
-10%
bq4010 -85
85
-5%
bq4010Y -85
85
-10%
bq4010 -150
150
-5%
bq4010Y -150
150
-10%
bq4010 -200
200
-5%
bq4010Y -200
200
-10%
1


Similar Part No. - BQ1040YMA-150

ManufacturerPart #DatasheetDescription
logo
Power-One
BQ1001-7R POWER-ONE-BQ1001-7R Datasheet
139Kb / 4P
   60...132 Watt DC-DC Converters
More results

Similar Description - BQ1040YMA-150

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY6264A HYNIX-HY6264A Datasheet
492Kb / 6P
   8KX8-Bit CMOS SRAM
HY6264 HYNIX-HY6264 Datasheet
578Kb / 11P
   8KX8-Bit CMOS SRAM
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
logo
Texas Instruments
BQ4015 TI-BQ4015_07 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1220Y DALLAS-DS1220Y Datasheet
144Kb / 8P
   16k Nonvolatile SRAM
DS1225AB DALLAS-DS1225AB Datasheet
147Kb / 10P
   64k Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com