Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ4285P-SB2 Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ4285P-SB2
Description  Real-Time Clock RTC With NVRAM Control
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4285P-SB2 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ4285P-SB2 Datasheet HTML 7Page - Texas Instruments BQ4285P-SB2 Datasheet HTML 8Page - Texas Instruments BQ4285P-SB2 Datasheet HTML 9Page - Texas Instruments BQ4285P-SB2 Datasheet HTML 10Page - Texas Instruments BQ4285P-SB2 Datasheet HTML 11Page - Texas Instruments BQ4285P-SB2 Datasheet HTML 12Page - Texas Instruments BQ4285P-SB2 Datasheet HTML 13Page - Texas Instruments BQ4285P-SB2 Datasheet HTML 14Page - Texas Instruments BQ4285P-SB2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
Register C
Register C Bits
7654
3
210
INTF
PF
AF
UF
0
0
0
0
Register C is the read-only event status register.
Bits 0–3 - Unused Bits
7654
3
210
----
0
0
0
0
These bits are always set to 0.
UF - Update-Event Flag
7654
3
210
---
UF
-
---
This bit is set toa1attheendofthe update cycle.
Reading register C clears this bit.
AF - Alarm Event Flag
7654
3
210
--
AF
-
-
---
This bit is set to a 1 when an alarm event occurs. Read-
ing register C clears this bit.
7654
3
210
-PF-
-
-
-
-
-
PF - Periodic Event Flag
This bit is set to a 1 every tPI time, where tPI is the time
period selected by the settings of RS0–RS3 in register A.
Reading register C clears this bit.
INTF - Interrupt Request Flag
7654
3
210
INTF
-
-
-
-
-
-
-
This flag is set to a 1 when any of the following is true:
AIE = 1 and AF = 1
PIE = 1 and PF = 1
UIE = 1 and UF = 1
Reading register C clears this bit.
Register D
Register D Bits
7654
3
210
VRT
000
0
000
Register D is the read-only data integrity status regis-
ter.
Bits 0–6 - Unused Bits
7654
3
210
-
000
0
000
These bits are always set to 0.
VRT - Valid RAM and Time
7654
3
210
VRT
---
-
---
1 = Valid backup energy source
0 = Backup energy source is depleted
When the backup energy source is depleted (VRT = 0),
data integrity of the RTC and storage registers is not
guaranteed.
bq4285


Similar Part No. - BQ4285P-SB2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4285P-SB2 TI1-BQ4285P-SB2 Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock (RTC) With NVRAM Control
More results

Similar Description - BQ4285P-SB2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4285 TI1-BQ4285_14 Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock (RTC) With NVRAM Control
BQ4287 TI-BQ4287 Datasheet
142Kb / 8P
[Old version datasheet]   Real-Time Clock Module With NVRAM Control
BQ4287MT-SB2 TI-BQ4287MT-SB2 Datasheet
376Kb / 10P
[Old version datasheet]   Real-Time Clock Module With NVRAM Control
logo
STMicroelectronics
M41T56 STMICROELECTRONICS-M41T56_11 Datasheet
483Kb / 27P
   Serial real-time clock (RTC) with 56 bytes NVRAM
M41T11 STMICROELECTRONICS-M41T11_11 Datasheet
231Kb / 30P
   Serial real-time clock (RTC) with 56 bytes of NVRAM
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
[Old version datasheet]   Real-Time Clock RTC
logo
National Semiconductor ...
DP8573A NSC-DP8573A Datasheet
270Kb / 16P
   Real Time Clock (RTC)
logo
Texas Instruments
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock RTC
BQ3285E TI1-BQ3285E_15 Datasheet
1Mb / 36P
[Old version datasheet]   Real-Time Clock (RTC)
BQ32000 TI-BQ32000 Datasheet
513Kb / 20P
[Old version datasheet]   REAL-TIME CLOCK (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com