Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ4285Q- Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ4285Q-
Description  Real-Time Clock RTC With NVRAM Control
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4285Q- Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ4285Q- Datasheet HTML 6Page - Texas Instruments BQ4285Q- Datasheet HTML 7Page - Texas Instruments BQ4285Q- Datasheet HTML 8Page - Texas Instruments BQ4285Q- Datasheet HTML 9Page - Texas Instruments BQ4285Q- Datasheet HTML 10Page - Texas Instruments BQ4285Q- Datasheet HTML 11Page - Texas Instruments BQ4285Q- Datasheet HTML 12Page - Texas Instruments BQ4285Q- Datasheet HTML 13Page - Texas Instruments BQ4285Q- Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
DSE - Daylight Saving Enable
7654
3
210
----
-
--
DSE
This bit enables daylight-saving time adjustments when
written to 1:
s
On the last Sunday in October, the first time the
bq4285 increments past 1:59:59 AM, the time falls
back to 1:00:00 AM.
s
On the first Sunday in April, the time springs
forward from 2:00:00 AM to 3:00:00 AM.
HF - Hour Format
7654
3
210
----
-
-
HF
-
This bit selects the time-of-day and alarm hour format:
1 = 24-hour format
0 = 12-hour format
DF - Data Format
7654
3
210
----
-
DF
--
This bit selects the numeric format in which the time,
alarm, and calendar bytes are represented:
1 = Binary
0 = BCD
SQWE - Square-Wave Enable
7654
3
210
----
SQWE
-
-
-
This bit enables the square-wave output:
1 = Enabled
0 = Disabled and held low
UIE - Update Cycle Interrupt Enable
7654
3
210
---
UIE
-
---
This bit enables an interrupt request due to an update
ended interrupt event:
1 = Enabled
0 = Disabled
The UIE bit is automatically cleared when the UTI bit
equals 1.
AIE - Alarm Interrupt Enable
7654
3
210
--
AIE
-
-
---
This bit enables an interrupt request due to an alarm
interrupt event:
1 = Enabled
0 = Disabled
PIE - Periodic Interrupt Enable
7654
3
210
-
PIE
--
-
---
This bit enables an interrupt request due to a periodic
interrupt event:
1 = Enabled
0 = Disabled
UTI - Update Transfer Inhibit
7654
3
210
UTI
---
-
---
This bit inhibits the transfer of RTC bytes to the user
buffer:
1 = Inhibits transfer and clears UIE
0 = Allows transfer
10
bq4285


Similar Part No. - BQ4285Q-

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4285 TI1-BQ4285 Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock (RTC) With NVRAM Control
BQ4285E TI-BQ4285E Datasheet
1Mb / 32P
[Old version datasheet]   Enhanced RTC With NVRAM Control
BQ4285E TI1-BQ4285E Datasheet
1Mb / 31P
[Old version datasheet]   Enhanced RTC With NVRAM Control
BQ4285EP TI-BQ4285EP Datasheet
1Mb / 32P
[Old version datasheet]   Enhanced RTC With NVRAM Control
BQ4285EP TI1-BQ4285EP Datasheet
1Mb / 31P
[Old version datasheet]   Enhanced RTC With NVRAM Control
More results

Similar Description - BQ4285Q-

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4285 TI1-BQ4285_14 Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock (RTC) With NVRAM Control
BQ4287 TI-BQ4287 Datasheet
142Kb / 8P
[Old version datasheet]   Real-Time Clock Module With NVRAM Control
BQ4287MT-SB2 TI-BQ4287MT-SB2 Datasheet
376Kb / 10P
[Old version datasheet]   Real-Time Clock Module With NVRAM Control
logo
STMicroelectronics
M41T56 STMICROELECTRONICS-M41T56_11 Datasheet
483Kb / 27P
   Serial real-time clock (RTC) with 56 bytes NVRAM
M41T11 STMICROELECTRONICS-M41T11_11 Datasheet
231Kb / 30P
   Serial real-time clock (RTC) with 56 bytes of NVRAM
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
[Old version datasheet]   Real-Time Clock RTC
logo
National Semiconductor ...
DP8573A NSC-DP8573A Datasheet
270Kb / 16P
   Real Time Clock (RTC)
logo
Texas Instruments
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock RTC
BQ3285E TI1-BQ3285E_15 Datasheet
1Mb / 36P
[Old version datasheet]   Real-Time Clock (RTC)
BQ32000 TI-BQ32000 Datasheet
513Kb / 20P
[Old version datasheet]   REAL-TIME CLOCK (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com