Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ4285LP Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ4285LP
Description  Enhanced RTC With NVRAM Control
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4285LP Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ4285LP Datasheet HTML 3Page - Texas Instruments BQ4285LP Datasheet HTML 4Page - Texas Instruments BQ4285LP Datasheet HTML 5Page - Texas Instruments BQ4285LP Datasheet HTML 6Page - Texas Instruments BQ4285LP Datasheet HTML 7Page - Texas Instruments BQ4285LP Datasheet HTML 8Page - Texas Instruments BQ4285LP Datasheet HTML 9Page - Texas Instruments BQ4285LP Datasheet HTML 10Page - Texas Instruments BQ4285LP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Alarm Interrupt
The alarm interrupt request is valid in battery-backup
mode, providing a “wake-up” capability. During each up-
date cycle, the RTC compares the hours, minutes, and
seconds bytes with the three corresponding alarm bytes.
If a match of all bytes is found, the alarm interrupt
event flag bit, AF in register C, is set to 1. If the alarm
event is enabled, an interrupt request is generated.
An alarm byte may be removed from the comparison by
setting it to a “don’t care” state. An alarm byte is set to a
“don’t care” state by writinga1toeachofitstwo most-
significant bits. A “don’t care” state may be used to select
the frequency of alarm interrupt events as follows:
n
If none of the three alarm bytes is “don’t care,” the
frequency is once per day, when hours, minutes, and
seconds match.
n
If only the hour alarm byte is “don’t care,” the
frequency is once per hour, when minutes and
seconds match.
n
If only the hour and minute alarm bytes are “don’t care,”
the frequency is once per minute, when seconds match.
n
If the hour, minute, and second alarm bytes are
“don’t care,” the frequency is once per second.
Update Cycle Interrupt
The update cycle ended flag bit (UF) in register C is set to
a 1 at the end of an update cycle. If the update interrupt
enable bit (UIE) of register B is 1, and the update transfer
inhibit bit (UTI) in register B is 0, then an interrupt re-
quest is generated at the end of each update cycle.
Accessing RTC bytes
Time and calendar bytes read during an update cycle
may be in error. Three methods to access the time and
calendar bytes without ambiguity are:
n
Enable the update interrupt event to generate
interrupt requests at the end of the update cycle.
The interrupt handler has a maximum of 999ms to
access the clock bytes before the next update cycle
begins (see Figure 3).
n
Poll the update-in-progress bit (UIP) in register A. If
UIP = 0, the polling routine has a minimum of tBUC
time to access the clock bytes (see Figure 3).
n
Use
the
periodic
interrupt
event
to
generate
interrupt requests every tPI time, such that UIP = 1
always occurs between the periodic interrupts. The
interrupt handler will have a minimum of
tPI/2 +
tBUC time to access the clock bytes (see Figure 3).
Oscillator Control
When power is first applied to the bq4285E/L and VCC is
above VPFD, the internal oscillator and frequency divider
are turned on by writing a 010 pattern to bits 4 through 6
of register A. A pattern of 011 behaves as 010 but addi-
tionally transforms register C into a read/write register.
This allows the 32.768kHz output on the square wave pin
to be turned on. A pattern of 11X turns the oscillator on,
but keeps the frequency divider disabled. Any other pat-
tern to these bits keeps the oscillator off.
7
bq4285E/L
Figure 3. Update-Ended/Periodic Interrupt Relationship


Similar Part No. - BQ4285LP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4285LP TI1-BQ4285LP Datasheet
1Mb / 31P
[Old version datasheet]   Enhanced RTC With NVRAM Control
More results

Similar Description - BQ4285LP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4285E TI1-BQ4285E_14 Datasheet
1Mb / 31P
[Old version datasheet]   Enhanced RTC With NVRAM Control
BQ4285 TI-BQ4285 Datasheet
1Mb / 27P
[Old version datasheet]   Real-Time Clock RTC With NVRAM Control
BQ4285 TI1-BQ4285_14 Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock (RTC) With NVRAM Control
logo
STMicroelectronics
M41T56 STMICROELECTRONICS-M41T56_11 Datasheet
483Kb / 27P
   Serial real-time clock (RTC) with 56 bytes NVRAM
M41T11 STMICROELECTRONICS-M41T11_11 Datasheet
231Kb / 30P
   Serial real-time clock (RTC) with 56 bytes of NVRAM
logo
Texas Instruments
BQ4287 TI-BQ4287 Datasheet
142Kb / 8P
[Old version datasheet]   Real-Time Clock Module With NVRAM Control
BQ4287MT-SB2 TI-BQ4287MT-SB2 Datasheet
376Kb / 10P
[Old version datasheet]   Real-Time Clock Module With NVRAM Control
logo
Maxim Integrated Produc...
DS1500 MAXIM-DS1500_11 Datasheet
547Kb / 20P
   Y2K Watchdog RTC with Nonvolatile Control
Rev 11/11
DS1500 MAXIM-DS1500 Datasheet
365Kb / 19P
   Y2K Watchdog RTC with Nonvolatile Control
REV: 111705
logo
Dallas Semiconductor
DS1500 DALLAS-DS1500 Datasheet
351Kb / 19P
   Y2K Watchdog RTC with Nonvolatile Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com