Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP-SF Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # MP-SF
Description  Speakers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

MP-SF Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  MP-SF Datasheet HTML 1Page - Systemsensor advanced ideas. MP-SF Datasheet HTML 2Page - Systemsensor advanced ideas. MP-SF Datasheet HTML 3Page - Systemsensor advanced ideas. MP-SF Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
A05-191-04
SP100 Series Speaker/Strobe Power Requirements
SP1W2415ADA
SP1W241575ADA
SP1W2475ADA
SP1W24110ADA
SP1R2415ADA
SP1R241575ADA
SP1R2475ADA
SP1R24110ADA
Supply Voltage:
20–30 VDC
20–30 VDC
20–30 VDC
20–30 VDC
Max. Current @ Listed Voltage:
75 mA
93 mA
170 mA
210 mA
Operating Current
@ Rectified Unfiltered Voltage:
90 mA
120 mA
200 mA
245 mA
Rated Light Output
15.0 cd
15/75 cd
75.0 cd
110.0 cd
Specifications – V400 Series
Mechanical
Input Terminals:
14 to 18 AWG
Grille Size/Color:
4
″ (102 mm)/red or beige
Weight:
.7 lb (317 gm)
Mounting:
Semiflush*:
4
″ × 4″ × 11/2″–21/8
standard backbox**
Flush*:
deep backbox (BBD) with
flush mounting plate
Operating
Temperature Range:
32
° to 120°F (0° to 49°C)
Electrical
Voltage Input:
25 volts or 70.7 volts (nominal)
Frequency Range:
400 – 4000 Hz
*Order mounting plates separately.
**For 12- or 14-gauge wire, a 21/8
″ backbox is recom-
mended.
Engineering Specifications
Speaker shall be a System Sensor Model ______ dual
transformer speaker capable of operating at 25 and 70.7
Vrms. Speaker shall be listed to Underwriter’s Laboratories
Standard 1480 for fire protective signaling systems.
Speaker shall have a frequency range of 400 to 4000 Hz
and shall have an operating temperature between 32
° and
120
°F. Speaker shall have power taps which are selected
by means of a jumper wire(s).
For speaker/strobe combination:
Speaker/strobe shall be a System Sensor Speaker/Strobe
Model ______ dual transformer speaker capable of
operating at 25 and 70.7 Vrms. Speaker/strobe shall be
listed to Underwriter’s Laboratories Standard 1480 for fire
protective signaling systems. Speaker shall have a
frequency range of 400 to 4000 Hz and shall have an
operating temperature between 32
° and 120°F. Speaker
shall have power taps which are selected by means of a
jumper wire(s). Strobe shall be powered independently of
the speaker and shall operate from a 24 VDC or 24 Vrms
full wave rectified unfiltered power supply. Strobe shall
have a light output rating of 15, 75, or 110 candela and
shall be UL 1971 listed as a primary signaling device.


Similar Part No. - MP-SF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MP-040040-25-8A MACOM-MP-040040-25-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
MP-064064-25-8A MACOM-MP-064064-25-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
MP-080080-10-8A MACOM-MP-080080-10-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
MP-089047-10-8A MACOM-MP-089047-10-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
MP-095080-25-8A MACOM-MP-095080-25-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
More results

Similar Description - MP-SF

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
V400 SYSTEMSENSOR-V400 Datasheet
127Kb / 2P
   Speakers
logo
List of Unclassifed Man...
S050M ETC2-S050M Datasheet
123Kb / 1P
   Internal Sounders Speakers
logo
Ultralife Corporation.
MRC-67 ULTRALIFE-MRC-67 Datasheet
681Kb / 2P
   Amplified Speakers
03 JUL 19
logo
List of Unclassifed Man...
SM1EZSM4T ETC-SM1EZSM4T Datasheet
844Kb / 1P
   Easy Install Speakers
logo
Gamewell-FCI by Honeywe...
SP200W GAMEWELL-FCI-SP200W Datasheet
285Kb / 2P
   Dual-Voltage Transformer Speakers
logo
PUI audio inc.
AS01508AO-LW25-R PUIAUDIO-AS01508AO-LW25-R Datasheet
1Mb / 4P
   Slim-Line Micro Speakers
AS01508AO-SC-R PUIAUDIO-AS01508AO-SC-R Datasheet
1Mb / 4P
   Slim-Line Micro Speakers
logo
Systemsensor advanced i...
SP200W SYSTEMSENSOR-SP200W Datasheet
396Kb / 2P
   Dual-Voltage Evacuation Speakers
logo
PUI audio inc.
AS01508AO-3-R PUIAUDIO-AS01508AO-3-R Datasheet
1Mb / 4P
   Slim-Line Micro Speakers
AS01508AO-SC-WP-R PUIAUDIO-AS01508AO-SC-WP-R Datasheet
1Mb / 4P
   Slim-Line Micro Speakers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com