Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-14112 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-14112
Description  T1 / CEPT / ISDN PRI SMD Transformers Dual Configuration
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-14112 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-14112 Datasheet HTML 1Page - Rhombus Industries Inc. T-14112 Datasheet HTML 2Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
4
T1-50ML - 4/99
T1 / CEPT / ISDN PRI
SMD Transformers
Dual Configuration
Electrical Specifications at 25O C
For T1/CEPT/ISDN PRI Telecom Applications
1500 V
RMS minimum Isolation - Selected units 2000 VRMS
Small footprint / Surface Mount 50 mil style package
Designed to meet CCITT and FCC Requirements
Custom Designs Available
T-14100
1:1.36CT & 1:2CT
1.5
50
0.5
0.7
0.9
A
16-14,6-8
T-14101 (3)
1:2CT & 1:2CT
1.2
50
0.8
0.8
1.8
A
16-14,6-8
T-14102 (3)
1:1:1.266 & 1:2CT
1.2
50
0.8
0.8
0.8 / 1.8
A
16-14,6-8
T-14103 (3)
1:1.15CT & 1:2CT
1.2
50
0.5 / 0.8
0.8
0.8 / 1.8
A
16-14,6-8
T-14104 (3)
1:1CT & 1:1CT
1.2
50
0.8
0.8
0.8
A
16-14,6-8
T-14105 (3)
1:2.3CT & 1:1CT
1.2
50
0.8
0.8
1.8 / 0.8
A
16-14,6-8
T-14106 (3)
1:1.38CT & 1:1:1
1.2
50
0.8 / 0.5
0.8
0.8
F
1-2
T-14107 (3)
1CT:2CT & 1:1
1.2
50
0.8 / 0.5
0.8
1.8 / 0.8
D
1-3,9-11
T-14108 (3)
1:2CT& 1:1.36
1.2
50
0.8
0.8
1.8 / 0.8
E
1-3,9-11
T-14109
1CT:2CT& 1CT:2CT
1.5
35
0.8
0.7
1.4
G
16-14,6-8
T-14110
1:1.14CT& 1:2CT
1.5
40
0.5 / 0.8
0.7
0.9
A
16-14,6-8
T-14111
1:1.36 & 1:2CT
1.5
40
0.5 / 0.8
0.7
1.0
A
16-14,6-8
T-14112
1CT:2CT &
1.2
50
0.6
1.0
1.0
H
16-14
1:1:1.15:1.266:2
1.2
50
0.6
1.0
1.0
6-8
T-14113
1:2CT &
1.2
50
0.6
1.0
1.0
I
16-14
1:1:1.15:1.266:2
1.2
50
0.6
1.0
1.0
6-8
T-14114
1:1:1.15:1.25&
1.5
35
0.5
0.7
0.9
J
16-14
1:2CT
1.5
35
0.5
0.7
0.9
6-8
T-14150
1:2CT & 2CT:1
2.0
45
.6 / .6
0.7 / 1.0
1.0 / 0.7
C
16-14, 6-8
T-14151
1CT:2CT & 1:1
1.2
30
.55 / .5
0.7
1.1 / 0.7
D
1-3,11-9
T-14152
1.58:2CT& 1.58:1
0.8
30
0.5
0.5
0.5 / 0.3
E
1-3, 6-8
T-14153
1:1CT & 2:1
0.8
30
0.6
0.5
0.5 / 0.2
E
1-3, 6-8
T-14154
2.62:2CT& 2.62:1
1.2
30
0.8
0.6
0.5 / 0.3
E
1-3, 6-8
T-14155
1:1 & 1CT:1
1.2
30
0.5 / 0.8
0.7
0.7
E
6-8,16-14
T-14156
1:1CT& 2.53CT:1
0.06 / 2.0
23 / 25
0.75 / 1.5
0.6 / 0.7
0.6 / 1.0
C
9-11, 1-3
T-14157
1:1CT & 2CT:1
0.06 / 3.2
25 / 30
0.75 / 0.8
0.6 / 0.7
0.6 / 0.7
C
9-11, 1-3
T-14158
1:1.15CT&
1.5
35
0.6
0.7
0.9
A
16-14
1:2CT
1.2
40
0.5
0.7
1.1
6-8
T-14159
1:1:1.266&
1.5
35
0.4
0.7
0.9
A
16-14
1:2CT
1.2
40
0.5
0.7
1.1
6-8
T-14160
1CT:1CT& 1:1.36CT
1.2
35
0.8
0.8
0.9
K
6-8
PRI-SEC
C
W/W max.
( pF )
Primary
Pins
PRI.
DCR max.
(
Ω )
OCL
min.
(
mH )
Turns
Ratio
(
± 5%)
Part
Number
Schematic
Style
(see pg 7)
SEC.
DCR max.
(
Ω )
Leakage
Induct. max.
(
µH )
1. ET-Product of 10 V-
µsec min.
2. OCL Measured across Primary @ 100 kHz & 100mV.
3. 2000 V
RMS minimum Isolation.
.015
(0.38)
TYP.
.505
(12.83)
MAX.
.016
(0.41)
TYP.
.205
(5.21)
MAX.
.360 (9.14)
.380 (9.65)
.285
(7.24)
MAX.
.025
(0.64)
TYP.
.050
(1.27)
TYP.
.010
(0.25)
TYP.
Available on
Tape & Reel
Dimensions in
Inches (mm)


Similar Part No. - T-14112

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-14110 RHOMBUS-IND-T-14110 Datasheet
31Kb / 1P
   T1/CEPT/ISDN PRI Interface Transformer
T-14114 RHOMBUS-IND-T-14114 Datasheet
31Kb / 1P
   T1/CEPT/ISDN PRI Interface Transformer
T-14115 RHOMBUS-IND-T-14115 Datasheet
33Kb / 1P
   T1/CEPT/ISDN PRI Interface Transformer
T-14115 RHOMBUS-IND-T-14115 Datasheet
33Kb / 1P
   T1/CEPT/ISDN PRI Interface Transformer
T-14116 RHOMBUS-IND-T-14116 Datasheet
34Kb / 1P
   T1/CEPT/ISDN PRI Interface Transformer
More results

Similar Description - T-14112

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SM75225 BOURNS-SM75225 Datasheet
173Kb / 1P
   T1/CEPT/ISDN-PRI Dual Transformers
logo
Rhombus Industries Inc.
T-14186 RHOMBUS-IND-T-14186 Datasheet
26Kb / 1P
   T1/CEPT/ISDN PRI SMD Transformer Dual Configuration
logo
XFMRS Inc.
1101 XFMRS-1101_15 Datasheet
39Kb / 1P
   DUAL T1/CEPT/ISDN-PRI TRANSFORMERS
1109 XFMRS-1109_15 Datasheet
55Kb / 1P
   DUAL T1 / CEPT / ISDN - PRI TRANSFORMERS
1008 XFMRS-1008_15 Datasheet
51Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S8677 BOTHHAND-S8677 Datasheet
77Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
List of Unclassifed Man...
BH-S5351 ETC-BH-S5351 Datasheet
12Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF0053-00S XFMRS-XF0053-00S Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T1 XFMRS-XF70061T1 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T3 XFMRS-XF70061T3 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com