Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDRP-2001 Datasheet(PDF) 11 Page - Systemsensor advanced ideas.

Part # PDRP-2001
Description  Deluge Preaction Control Panel
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

PDRP-2001 Datasheet(HTML) 11 Page - Systemsensor advanced ideas.

Back Button PDRP-2001 Datasheet HTML 7Page - Systemsensor advanced ideas. PDRP-2001 Datasheet HTML 8Page - Systemsensor advanced ideas. PDRP-2001 Datasheet HTML 9Page - Systemsensor advanced ideas. PDRP-2001 Datasheet HTML 10Page - Systemsensor advanced ideas. PDRP-2001 Datasheet HTML 11Page - Systemsensor advanced ideas. PDRP-2001 Datasheet HTML 12Page - Systemsensor advanced ideas. PDRP-2001 Datasheet HTML 13Page - Systemsensor advanced ideas. PDRP-2001 Datasheet HTML 14Page - Systemsensor advanced ideas. PDRP-2001 Datasheet HTML 15Page - Systemsensor advanced ideas. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 140 page
background image
Product Features
Product Description
PDRP-2001 Series PN 53043:A 5/08/2007
11
SECTION 1
Product Description
The PDRP-2001 is a six zone FACP for single and dual hazard deluge and preaction applications.
The FACP provides reliable fire detection, signaling and protection for commercial, industrial and
institutional buildings requiring water-based releasing. The FACP is compatible with System
Sensor’s i3 detectors which are conventional smoke detectors that can transmit a maintenance
trouble signal to the FACP indicating the need for cleaning and a supervisory ‘freeze’ signal when
the ambient temperature falls below the detector rating of approximately 45o F (refer to System
Sensor for i3 Installation and Maintenance Instructions). In addition, the control panel is
compatible with conventional input devices such as two-wire smoke detectors, four-wire smoke
detectors, pull stations, waterflow devices, tamper switches and other normally-open contact
devices. Refer to Device Compatibility Appendix for a complete listing of compatible devices.
Four outputs are programmable as NACs (Notification Appliance Circuits) or releasing solenoids.
Three programmable Form-C relays (factory programmed for Alarm, Trouble and Supervisory)
and 24 VDC special application resettable and nonresettable power outputs are also included on the
main circuit board. The FACP supervises all wiring, AC voltage, battery charger and battery level.
Activation of a compatible smoke detector or any normally-open fire alarm initiating device will
activate audible and visual signaling devices, illuminate an indicator, display alarm information on
the panel’s LCD, sound the piezo sounder at the FACP, activate the FACP alarm relay and operate
an optional module used to notify a remote station or initiate an auxiliary control function.
The PDRP-2001E offers the same features as the PDRP-2001 but allows connection to 220/240
VAC. Unless otherwise specified, the information in this manual applies to both the 110/120 VAC
and 220/240 VAC versions of the panels.
1.1 Product Features
Six programmable Style B (Class B) IDCs (Initiating Device Circuit)
Four programmable Style Y (Class B) output circuits - (special application power)
Three programmable Form-C relays
7.0 amps total 24 VDC output current
Resettable and non-resettable output power
Built-in Programmer
ANN-BUS for connection to optional:
ANN-80 Remote LCD Annunciator
ANN-I/O LED Driver
ANN-S/PG Printer Module
ANN-RLY Relay Module
ANN-LED Annunciator Module
80-character LCD display (backlit)
Real-time clock/calendar with daylight savings time control
History log with 256 event storage


Similar Part No. - PDRP-2001

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
PDRP-1001 SYSTEMSENSOR-PDRP-1001 Datasheet
2Mb / 56P
   Deluge - Preaction Control Panel
PDRP-1002 SYSTEMSENSOR-PDRP-1002 Datasheet
931Kb / 44P
   Agent Release Control System
PDRP-1002E SYSTEMSENSOR-PDRP-1002E Datasheet
931Kb / 44P
   Agent Release Control System
More results

Similar Description - PDRP-2001

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
PDRP-1001 SYSTEMSENSOR-PDRP-1001 Datasheet
2Mb / 56P
   Deluge - Preaction Control Panel
logo
Gamewell-FCI by Honeywe...
FGF506D GAMEWELL-FCI-FGF506D Datasheet
71Kb / 4P
   Pre-action / Deluge Control Panel
logo
Bourns Electronic Solut...
PTF01-152A-102B1 BOURNS-PTF01-152A-102B1 Datasheet
204Kb / 3P
   Panel Control
logo
Nuvotem Talema
SFB0160-230-12 TALEMA-SFB0160-230-12 Datasheet
147Kb / 1P
   Control Panel Transformers
logo
Schneider Electric
HFNF120IESE020 SCHNEIDER-HFNF120IESE020 Datasheet
90Kb / 1P
   Industrial/Control Panel
12-Feb-2023
HFNF240IESE020 SCHNEIDER-HFNF240IESE020 Datasheet
90Kb / 1P
   Industrial/Control Panel
12-Feb-2023
HFNF120ICSE007 SCHNEIDER-HFNF120ICSE007 Datasheet
79Kb / 3P
   Industrial/Control Panel
19-Feb-2023
logo
Bourns Electronic Solut...
3852A-282-103AL BOURNS-3852A-282-103AL Datasheet
316Kb / 3P
   Diameter Panel Control
logo
D+H Mechatronic AG
VCM05U DH-VCM05U Datasheet
402Kb / 2P
   CNV control panel
GVL8304-K DH-GVL8304-K Datasheet
257Kb / 2P
   CNV control panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com