Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ4014 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ4014
Description  256Kx8 Nonvolatile SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4014 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ4014 Datasheet HTML 2Page - Texas Instruments BQ4014 Datasheet HTML 3Page - Texas Instruments BQ4014 Datasheet HTML 4Page - Texas Instruments BQ4014 Datasheet HTML 5Page - Texas Instruments BQ4014 Datasheet HTML 6Page - Texas Instruments BQ4014 Datasheet HTML 7Page - Texas Instruments BQ4014 Datasheet HTML 8Page - Texas Instruments BQ4014 Datasheet HTML 9Page - Texas Instruments BQ4014 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
bq4014/bq4014Y
Write Cycle (TA = 0 to 70°C, VCCmin ≤ VCC ≤ VCCmax)
Symbol
Parameter
-85
-120
Units
Conditions/Notes
Min.
Max.
Min.
Max.
tWC
Write cycle time
85
-
120
-
ns
tCW
Chip enable to end of write
75
-
100
-
ns
(1)
tAW
Address valid to end of write
75
-
100
-
ns
(1)
tAS
Address setup time
0
-
0
-
ns
Measured from address valid to
beginning of write. (2)
tWP
Write pulse width
65
-
85
-
ns
Measured from beginning of write to
end of write. (1)
tWR1
Write recovery time
(write cycle 1)
5-
5-
ns
Measured from WE going high to end
of write cycle. (3)
tWR2
Write recovery time
(write cycle 2)
15
-
15
-
ns
Measured from CE going high to end
of write cycle. (3)
tDW
Data valid to end of write
35
-
45
-
ns
Measured to first low-to-high
transition of either CE or WE.
tDH1
Data hold time
(write cycle 1)
0-
0-
ns
Measured from WE going high to end
of write cycle. (4)
tDH2
Data hold time
(write cycle 2)
10
-
10
-
ns
Measured from CE going high to end
of write cycle. (4)
tWZ
Write enabled to output in
high Z
0
30
0
40
ns
I/O pins are in output state. (5)
tOW
Output active from end of
write
0
-
0
-
ns
I/O pins are in output state. (5)
Notes:
1.
A write ends at the earlier transition of CE going high and WE going high.
2.
A write occurs during the overlap of a low CE and a low WE. A write begins at the later transition
of CE going low and WE going low.
3.
Either tWR1 or tWR2 must be met.
4.
Either tDH1 or tDH2 must be met.
5.
If CE goes low simultaneously with WE going low or after WE going low, the outputs remain in
high-impedance state.
Sept. 1992
6


Similar Part No. - BQ4014

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4014 TI-BQ4014 Datasheet
803Kb / 13P
[Old version datasheet]   256Kx8 Nonvolatile SRAM
BQ4014MB-120 TI-BQ4014MB-120 Datasheet
803Kb / 13P
[Old version datasheet]   256Kx8 Nonvolatile SRAM
BQ4014MB-85 TI-BQ4014MB-85 Datasheet
803Kb / 13P
[Old version datasheet]   256Kx8 Nonvolatile SRAM
BQ4014Y TI-BQ4014Y Datasheet
803Kb / 13P
[Old version datasheet]   256Kx8 Nonvolatile SRAM
BQ4014YMB-120 TI-BQ4014YMB-120 Datasheet
803Kb / 13P
[Old version datasheet]   256Kx8 Nonvolatile SRAM
More results

Similar Description - BQ4014

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4014 TI-BQ4014_08 Datasheet
803Kb / 13P
[Old version datasheet]   256Kx8 Nonvolatile SRAM
logo
White Electronic Design...
EDI88257C WEDC-EDI88257C Datasheet
285Kb / 6P
   256Kx8 Monolithic SRAM
EDI88257CA WEDC-EDI88257CA Datasheet
293Kb / 6P
   256Kx8 Monolithic SRAM
logo
List of Unclassifed Man...
WSF256K8-XCX ETC1-WSF256K8-XCX Datasheet
32Kb / 2P
   256Kx8 SRAM/ FLASH MODULE
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com