Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ3285ESS- Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ3285ESS-
Description  Real-Time Clock RTC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ3285ESS- Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ3285ESS- Datasheet HTML 4Page - Texas Instruments BQ3285ESS- Datasheet HTML 5Page - Texas Instruments BQ3285ESS- Datasheet HTML 6Page - Texas Instruments BQ3285ESS- Datasheet HTML 7Page - Texas Instruments BQ3285ESS- Datasheet HTML 8Page - Texas Instruments BQ3285ESS- Datasheet HTML 9Page - Texas Instruments BQ3285ESS- Datasheet HTML 10Page - Texas Instruments BQ3285ESS- Datasheet HTML 11Page - Texas Instruments BQ3285ESS- Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Power-Down/Power-Up Cycle
The bq3285E and bq3285L power-up/power-down cycles are
different. The bq3285L continuously monitors VCC for out-of-
tolerance. During a power failure, when VCC falls below VPFD
(2.53V typical), the bq3285L write-protects the clock and stor-
age registers. The power source is switched to BC when VCC is
less than VPFD and BC is greater than VPFD, or when VCC is
less than VBC and VBC is less than VPFD. RTC operation and
storage data are sustained by a valid backup energy source.
When VCC is above VPFD, the power source is VCC. Write-
protection continues for tCSR time after VCC rises above VPFD.
The bq3285E continuously monitors VCC for out-of-tolerance.
During a power failure, when VCC falls below VPFD (4.17V
typical), the bq3285E write-protects the clock and storage
registers. When VCC is below VBC (3V typical), the power
source is switched to BC. RTC operation and storage data
are sustained by a valid backup energy source. When VCC is
above VBC, the power source is VCC. Write-protection contin-
ues for tCSR time after VCC rises above VPFD.
Control/Status Registers
The four control/status registers of the bq3285E/L are
accessible regardless of the status of the update cycle
(see Table 4).
Register A
Register A programs:
n
The frequency of the square-wave and the periodic
event rate.
n
Oscillator operation.
Register A provides:
n
Status of the update cycle.
RS0–RS3 - Frequency Select
These bits select one of the 13 frequencies for the SQW out-
put and the periodic interrupt rate, as shown in Table 3.
OS0–OS2 - Oscillator Control
These three bits control the state of the oscillator and
divider stages. A pattern of 010 enables RTC operation
by turning on the oscillator and enabling the frequency
divider. A pattern of 011 behaves as 010 but additionally
transforms register C into a read/write register. This al-
lows the 32.768kHz output on the square wave pin to be
turned on. A pattern of 11X turns the oscillator on, but
keeps the frequency divider disabled. When 010 is writ-
ten, the RTC begins its first update after 500ms.
UIP - Update Cycle Status
This read-only bit is set prior to the update cycle. When
UIP equals 1, an RTC update cycle may be in progress.
UIP is cleared at the end of each update cycle. This bit
is also cleared when the update transfer inhibit (UTI)
bit in register B is 1.
8
Register A Bits
76543210
UIP
OS2
OS1
OS0
RS3
RS2
RS1
RS0
76543210
----
RS3
RS2
RS1
RS0
76543210
-
OS2
OS1
OS0
----
76543210
UIP
-------
Reg.
Loc.
(Hex) Read Write
Bit Name and State on Reset
7 (MSB)
6
5
4
3
2
1
0 (LSB)
A
0A
Yes
Yes
1
UIP
na
OS2
na
OS1
na
OS0 na
RS3
na
RS2
na
RS1
na
RS0
na
B
0B
Yes
Yes
UTI
na
PIE
0
AIE
0
UIE
0
SQWE
0
DF
na
HF
na
DSE na
C
0C
Yes
No
2
INTF
0
PF
0
AF
0
UF
0
-
0
32KE na
-
0
-
0
D
0D
Yes
No
VRT
na
-0-0-
0
-
0-0-0
-
0
Notes:
na = not affected.
1. Except bit 7.
2. Read/write only when OSC2–OSC0 in register A is 011 (binary).
Table 4. Control/Status Registers
bq3285E/L


Similar Part No. - BQ3285ESS-

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3285ESS TI1-BQ3285ESS Datasheet
1Mb / 36P
[Old version datasheet]   Real-Time Clock (RTC)
BQ3285ESSTR TI1-BQ3285ESSTR Datasheet
1Mb / 36P
[Old version datasheet]   Real-Time Clock (RTC)
BQ3285ESSTRG4 TI1-BQ3285ESSTRG4 Datasheet
1Mb / 36P
[Old version datasheet]   Real-Time Clock (RTC)
More results

Similar Description - BQ3285ESS-

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
[Old version datasheet]   Real-Time Clock RTC
logo
National Semiconductor ...
DP8573A NSC-DP8573A Datasheet
270Kb / 16P
   Real Time Clock (RTC)
logo
Texas Instruments
BQ3285E TI1-BQ3285E_15 Datasheet
1Mb / 36P
[Old version datasheet]   Real-Time Clock (RTC)
BQ32000 TI-BQ32000 Datasheet
513Kb / 20P
[Old version datasheet]   REAL-TIME CLOCK (RTC)
BQ3285 TI1-BQ3285_15 Datasheet
614Kb / 26P
[Old version datasheet]   Real-Time Clock (RTC)
logo
National Semiconductor ...
DP8572A NSC-DP8572A Datasheet
367Kb / 22P
   Real Time Clock (RTC)
logo
Texas Instruments
BQ3285EC TI-BQ3285EC Datasheet
831Kb / 26P
[Old version datasheet]   Real-Time Clock (RTC)
BQ3285ED TI-BQ3285ED Datasheet
159Kb / 27P
[Old version datasheet]   Real-Time Clock (RTC)
logo
UMC Corporation
UM82C8167 UMC-UM82C8167 Datasheet
617Kb / 7P
   Real-Time Clock(RTC)
logo
Texas Instruments
BQ3285ED TI1-BQ3285ED_16 Datasheet
674Kb / 28P
[Old version datasheet]   Real-Time Clock (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com