Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3-1-55 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # SP3-1-55
Description  SP3 Series Mini-SIP Passive Delay Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

SP3-1-55 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  SP3-1-55 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
www.rhombus-ind.com • email: sales@rhombus-ind.com
Rhombus
Industries Inc.
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
SP3 9901
Similar 3-pin SIP refer to SIL2 Series
2-tap 4-pin SIP refer to SL2T Series
Dimensions in inches (mm)
Operating Specifications -
Passive Delay Lines
Pulse Overshoot (Pos) .................................... 5% to 10%, typical
Pulse Distortion (S) ...................................................... 3% typical
Working Voltage ............................................. 25 VDC maximum
Dielectric Strength .......................................... 100VDC minimum
Insulation Resistance ......................... 1,000 M
Ω min. @ 100VDC
Temperature Coefficient ............................... 100 ppm/OC, typical
Bandwidth (f
C) .......................................................
0.35/
t
r
approx.
Operating Temperature Range ............................ -55O to +125OC
Storage Temperature Range ............................... -65O to +150OC
Fast Rise Time, Low DCR
High Bandwidth
0.35 / t
r
Low Distortion LC Network
Tight Delay Tolerance
Standard Impedances: 50 to 200
Stable Delay vs. Temperature: 100 ppm/OC
Operating Temperature Range -55OC to +125OC
SP3 Series Mini-SIP Passive Delay Modules
.490
(12.45)
MAX.
.375
(9.53)
MAX.
.120
(3.05)
MIN.
.030
(0.76)
TYP.
.120
(3.05)
MAX.
.060
(1.52)
TYP.
.010
(0.25)
TYP.
.100
(2.54)
.020
(0.51)
TYP.
SP3
COM
OUT
IN
1
3
2
SP3 Style Schematic
Electrical Specifications at 25OC
1. Rise Times are measured from 20% to 80% points.
2. Delay Times measured at 50% points of leading edge.
3. Output terminated to ground through R
L=ZO
Delay
(ns)
Rise Time
20% - 80%
max. (ns)
DCR
max.
(Ohms)
50 Ohm
Impedance P/N
55 Ohm
Impedance P/N
75 Ohm
Impedance P/N
100 Ohm
Impedance P/N
200 Ohm
Impedance P/N
0.0
−−
.10
SP3-0
SP3-0
SP3-0
SP3-0
SP3-0
1 ± .20
1.6
.20
SP3-1-50
SP3-1-55
SP3-1-75
SP3-1-10
SP3-1-20
1.5 ± .20
1.6
.30
SP3-1.5-50
SP3-1.5-55
SP3-1.5-75
SP3-1.5-10
SP3-1.5-20
2 ± .20
1.6
.40
SP3-2-50
SP3-2-55
SP3-2-75
SP3-2-10
SP3-2-20
2.5 ± .20
1.6
.50
SP3-2.5-50
SP3-2.5-55
SP3-2.5-75
SP3-2.5-10
SP3-2.5-20
3 ± .20
1.7
.60
SP3-3-50
SP3-3-55
SP3-3-75
SP3-3-10
SP3-3-20
4 ± .20
1.7
.70
SP3-4-50
SP3-4-55
SP3-4-75
SP3-4-10
SP3-4-20
5 ± .25
1.8
.80
SP3-5-50
SP3-5-55
SP3-5-75
SP3-5-10
SP3-5-20
6 ± .30
2.0
.85
SP3-6-50
SP3-6-55
SP3-6-75
SP3-6-10
SP3-6-20
7 ± .30
2.3
.90
SP3-7-50
SP3-7-55
SP3-7-75
SP3-7-10
SP3-7-20
8 ± .30
2.7
.95
SP3-8-50
SP3-8-55
SP3-8-75
SP3-8-10
SP3-8-20
9 ± .30
2.9
1.10
SP3-9-50
SP3-9-55
SP3-9-75
SP3-9-10
SP3-9-20
10 ± .30
3.3
1.20
SP3-10-50
SP3-10-55
SP3-10-75
SP3-10-10
SP3-10-20
11 ± .40
3.3
1.40
SP3-11-50
SP3-11-55
SP3-11-75
SP3-11-10
SP3-11-20
12 ± .50
3.6
1.50
SP3-12-50
SP3-12-55
SP3-12-75
SP3-12-10
SP3-12-20
13 ± .60
4.0
1.60
SP3-13-50
SP3-13-55
SP3-13-75
SP3-13-10
SP3-13-20
14 ± .70
4.3
1.60
SP3-14-50
SP3-14-55
SP3-14-75
SP3-14-10
SP3-14-20
15 ± .70
4.6
1.70
SP3-15-50
SP3-15-55
SP3-15-75
SP3-15-10
SP3-15-20
16 ± .80
4.8
1.80
SP3-16-50
SP3-16-55
SP3-16-75
SP3-16-10
SP3-16-20
20 ± 1.0
5.6
2.00
SP3-20-50
SP3-20-55
SP3-20-75
SP3-20-10
SP3-20-20


Similar Part No. - SP3-1-55

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
SP3-10-20 RHOMBUS-IND-SP3-10-20 Datasheet
38Kb / 1P
   TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
More results

Similar Description - SP3-1-55

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
SIL2 RHOMBUS-IND-SIL2 Datasheet
28Kb / 1P
   SIL2 Series Mini-SIP Passive Delay Modules
SL2T RHOMBUS-IND-SL2T Datasheet
32Kb / 1P
   SIL2 Series Mini-SIP Passive Delay Modules
logo
PCA ELECTRONICS INC.
EP9910-XX PCA-EP9910-XX Datasheet
17Kb / 1P
   Mini SIP Passive Delay Lines
EP9910N-1A PCA-EP9910N-1A Datasheet
41Kb / 1P
   Mini SIP Passive Delay Lines
EP9910 PCA-EP9910_15 Datasheet
18Kb / 1P
   Mini SIP Passive Delay Lines
EP9910N PCA-EP9910N_15 Datasheet
41Kb / 1P
   Mini SIP Passive Delay Lines
logo
Bel Fuse Inc.
0402-00.5-55 BEL-0402-00.5-55 Datasheet
54Kb / 1P
   3 PIN SIP PASSIVE DELAY MODULES
0403-0001-50 BEL-0403-0001-50 Datasheet
55Kb / 1P
   4 PIN SIP PASSIVE DELAY MODULES
0401-1403-02 BEL-0401-1403-02 Datasheet
57Kb / 1P
   HIGH-SPEED 4 PIN SIP PASSIVE DELAY MODULES
0475-0005-50 BEL-0475-0005-50 Datasheet
57Kb / 1P
   5 TAP 7 PIN SIP PASSIVE DELAY MODULES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com