Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-14436 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # L-14436
Description  DC Energy Storage Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-14436 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  L-14436 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transformers & Magnetic Products
Industries Inc.
Rhombus
Specifications are subject to change without notice
SML-PI2 - 04/97
15801 Chemical Lane
Huntington Beach, California 92649-1595
Phone: (714) 898-0960 l FAX: (714) 896-0971
6
DC Energy Storage Inductors
IRON POWDER MATERIAL
(Hydrogen Reduced)
Well Suited for Switch Mode Power
Supplies and Regulator Applications.
L (2)
IDC (3)
IDC (4)
I (5)
Energy
DCR
Size
Lead
Part (1)
typ.
20%
50%
max.
min. (6)
nom.
Code
Size
Number
(
µH)
Amps
Amps
Amps
(µJ)
(m
Ω)
AWG
L-14400
56.3
1.15
2.73
1.38
30
183
1
28
L-14401
33.3
1.49
3.55
1.97
30
89
1
26
L-14402 (K)
17.9
2.04
4.85
2.81
30
41
1
24
L-14403
76.0
1.11
2.64
1.38
38
255
2
28
L-14404
45.2
1.44
3.43
1.97
38
124
2
26
L-14405 (K)
25.9
1.90
4.53
2.81
38
59
2
24
L-14406
231.9
1.21
2.88
1.97
136
351
3
26
L-14407
139.2
1.56
3.72
2.81
136
170
3
24
L-14408 (K)
81.1
2.05
4.87
4.00
136
82
3
22
L-14409 (K)
47.1
2.68
6.39
5.70
136
39
3
20
L-14410 (K)
36.1
3.07
7.30
6.81
136
27
3
19
L-14411
671.9
1.28
3.04
1.97
438
598
4
26
L-14412
405.1
1.64
3.91
2.81
438
290
4
24
L-14413 (K) 241.9
2.13
5.06
4.00
438
142
4
22
L-14414 (K) 141.5
2.78
6.62
5.70
438
68
4
20
L-14415 (K) 107.5
3.19
7.59
6.81
438
47
4
19
L-14416
715.7
1.47
3.50
2.81
620
469
5
24
L-14417
443.6
1.87
4.45
4.00
620
232
5
22
L-14418
272.5
2.39
5.68
5.70
620
114
5
20
L-14419
210.7
2.71
6.46
6.81
620
80
5
19
L-14420
156.8
3.14
7.49
8.11
620
55
5
18
L-14421
529.2
1.82
4.33
4.00
700
277
6
22
L-14422
316.9
2.35
5.59
5.70
700
134
6
20
L-14423
252.3
2.63
6.27
6.81
700
95
6
19
L-14424
195.1
2.99
7.13
8.11
700
66
6
18
L-14425
145.2
3.47
8.27
9.70
700
45
6
17
L-14426
876.1
2.60
6.19
5.70
2368
207
7
20
L-14427
670.8
2.97
7.07
6.81
2368
144
7
19
L-14428
530.0
3.34
7.96
8.11
2368
102
7
18
L-14429
405.8
3.82
9.09
9.70
2368
70
7
17
L-14430
312.5
4.35
10.36
11.60
2368
49
7
16
L-14431
696.3
2.50
5.95
6.81
1737
196
8
19
L-14432
545.5
2.82
6.72
8.11
1737
137
8
18
L-14433
425.4
3.19
7.61
9.70
1737
96
8
17
L-14434
331.2
3.62
8.62
11.60
1737
67
8
16
L-14435
258.4
4.10
9.76
13.80
1737
47
8
15
L-14436
758.9
2.77
6.60
8.11
2334
172
9
18
L-14437
581.0
3.17
7.54
9.70
2334
119
9
17
L-14438
466.6
3.54
8.42
11.60
2334
85
9
16
L-14439
352.8
4.07
9.68
13.80
2334
58
9
15
L-14440
275.3
4.60
10.96
16.60
2334
41
9
14
Single Layer Wound
Leads are Pre-Tinned
Custom Versions Available
Vertical Base Mounting Available
Shrink Tubing Optional
Varnish Finish Optional
Semi-Encapsulated Versions
or Clip Mount Package Style
Available for some models
Where Imax is greater than
IDC @ 50%, Inductors can be used
for Swing requirements producing
a minimum Swing of 2:1
Clip Mount (1) Dimensions
Refer to Drawing and
Dimensions from Page 7.
1) Selected Parts available in Clip Mount Style. Example: L-14402K
2) Typical Inductance with no DC. Tolerance of +10%.
See Specific data sheets for test conditions.
3) Current which will produce a 20% reduction in L
4) Current which will produce a 50% reduction in L
5) Maximum DC current. This value is for a 40OC temperature rise
due to copper loss, with AC flux density kept to 10 Gauss or less.
(This typically represents a current ripple of less than 1%)
6) Energy storage capability of component in micro Joules.
Value is for 20% reduction in permeability.
Size
Dim. in inches
Code
X
Y
1
0.515
0.235
2
0.575
0.265
3
0.890
0.340
4
1.150
0.530
5
1.400
0.535
6
1.520
0.510
7
1.950
0.820
8
2.150
0.660
9
2.400
0.670
Dimensions are nominal, based upon largest
wire size used with each toroid size. Smaller
wire will result in slightly lower dimensions.
Bare Coil Size Chart
Y
X


Similar Part No. - L-14436

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-14436 RHOMBUS-IND-L-14436 Datasheet
36Kb / 1P
   SMPS Inductor
More results

Similar Description - L-14436

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
350INVCHGT150-120-240-8G BEL-350INVCHGT150-120-240-8G Datasheet
1Mb / 9P
   Storage Energy Systems
logo
Kemet Corporation
C4AEGBU4450A1WJ KEMET-C4AEGBU4450A1WJ Datasheet
674Kb / 9P
   Typical applications include DC filtering and energy storage.
logo
Vishay Siliconix
196-HVC VISHAY-196-HVC Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
196HVC VISHAY-196HVC Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
196HVCENYCAP VISHAY-196HVCENYCAP Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
196HVC VISHAY-196HVC_15 Datasheet
2Mb / 13P
   Hybrid Energy Storage Capacitors
Revision: 09-Sep-15
196HVC VISHAY-196HVC_V01 Datasheet
2Mb / 14P
   Hybrid Energy Storage Capacitors
01-Jan-2023
logo
NHP Electrical Engineer...
1756-ESMNSE NHP-1756-ESMNSE Datasheet
482Kb / 1P
   CONTROLLOGIX ENERGY STORAGE MODULE NO STORED ENERGY
8 June 2023,
logo
Vishay Siliconix
196DLC VISHAY-196DLC_16 Datasheet
137Kb / 7P
   Energy Storage Double Layer Capacitors
Revision: 18-Jul-16
196DLC VISHAY-196DLC_V01 Datasheet
112Kb / 7P
   Energy Storage Double Layer Capacitors
01-Jan-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com