Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR-20-50 Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # CR-20-50
Description  DIRECTIONAL COUPLERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

CR-20-50 Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  CR-20-50 Datasheet HTML 1Page - Merrimac Industries, Inc. CR-20-50 Datasheet HTML 2Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Package Outline - CRM Series
PRINCIPAL SPECIFICATIONS
Model
Model
Frequency Operating
Coupling Frequency Directivity, Insertion
VSWR,
Number,
Number,
Range,
Bandwidth, Tolerance, Sensitivity,
dB,
Loss, dB,
Main
Cpld.
SMA
BNC
MHz
MHz
¤ dB, Max. dB, Max.
Min.
Max.*
Arm
Arm
CRM-10-50
CR-10-50
2 - 100
2 - 100
10
±1.0
± 0.5
30
0.5
1.3:1
1.3:1
CRM-10-500 CR-10-500
10 - 1000
10 - 50
10
±1.0
± 0.5
20
1.0
1.5:1
1.5:1
50 - 500
10
±1.0
± 0.5
25
1.0
1.3:1
1.3:1
500 - 1000
10
±1.0
± 0.5
20
1.5
1.5:1
1.5:1
CRM-15-50
CR-15-50
2 - 100
2 - 100
15
±1.0
± 0.5
30
0.5
1.3:1
1.3:1
CRM-15-500 CR-15-500
5 - 1000
5 - 100
15
±1.0
± 0.5
20
0.5
1.3:1
1.3:1
100 - 500
15
±1.0
± 0.75
25
1.0
1.2:1
1.3:1
500 - 1000
15
±1.0
± 0.75
20
1.5
1.3:1
1.5:1
CRM-20-2.5
CR-20-2.5
0.1 - 5
0.1 - 5
20
±1.0
± 0.5
30
0.5
1.3:1
1.3:1
CRM-20-50
CR-20-50
2 - 100
2 - 100
20
±1.0
± 0.5
30
0.5
1.3:1
1.3:1
CRM-20-500 CR-20-500
10 - 1000
10 - 500
20
±1.0
± 0.5
20
1.0
1.3:1
1.3:1
500 - 1000
20
±1.0
± 1.0
15
1.5
1.35:1 1.35:1
¤ Coupling is Referenced to the Input
* Insertion Loss excludes Coupling loss
CR & CRM Series
DIRECTIONAL COUPLERS
100 kHz to 1000 MHz / Multi-Octave / 10, 15, & 20 dB Coupling / High Directivity / SMA & BNC
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
NOTES:
1. Tolerance on 3 place decimals
±0.020(.51) except as noted.
2. Dimensions in inches over mm.
29Feb96


Similar Part No. - CR-20-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR-200 ETC-CR-200 Datasheet
133Kb / 2P
   Gaussian shaping amplifier
CR-200-100NS ETC-CR-200-100NS Datasheet
133Kb / 2P
   Gaussian shaping amplifier
CR-200-1US ETC-CR-200-1US Datasheet
133Kb / 2P
   Gaussian shaping amplifier
CR-200-250NS ETC-CR-200-250NS Datasheet
133Kb / 2P
   Gaussian shaping amplifier
CR-200-4US ETC-CR-200-4US Datasheet
133Kb / 2P
   Gaussian shaping amplifier
More results

Similar Description - CR-20-50

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
CSM-6M-.75G MERRIMAC-CSM-6M-.75G Datasheet
47Kb / 2P
   DIRECTIONAL COUPLERS
CWM-10M-2.3G MERRIMAC-CWM-10M-2.3G Datasheet
111Kb / 2P
   DIRECTIONAL COUPLERS
CRS-10-165 MERRIMAC-CRS-10-165 Datasheet
88Kb / 1P
   DIRECTIONAL COUPLERS
CSD-10H-1.9G MERRIMAC-CSD-10H-1.9G Datasheet
177Kb / 5P
   DIRECTIONAL COUPLERS
logo
Anaren Microwave
10930-6 ANAREN-10930-6_14 Datasheet
159Kb / 4P
   Directional Couplers
1X505 ANAREN-1X505 Datasheet
83Kb / 2P
   Directional Couplers
10013-10 ANAREN-10013-10 Datasheet
134Kb / 3P
   Directional Couplers
logo
Mini-Circuits
DBTC-6-4-75L MINI-DBTC-6-4-75L Datasheet
316Kb / 1P
   Directional Couplers
logo
List of Unclassifed Man...
S25B880N3 ETC1-S25B880N3 Datasheet
623Kb / 2P
   Directional Couplers
logo
Anaren Microwave
10615-10 ANAREN-10615-10_14 Datasheet
149Kb / 4P
   Directional Couplers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com