Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCN-30M-5G Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # CCN-30M-5G
Description  DIRECTIONAL COUPLERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

CCN-30M-5G Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  CCN-30M-5G Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
General Notes:
1. The octave band CBN series and multi-octave
CCN series of high power Directional Couplers are
designed to monitor signals with minimal
perturbation to the main line. Each coupler uses
air-line coupling technology for simple reliable
operation. They are well suited to transmitter carrier
power monitoring, leveling and VSWR protection
circuits.
2. These units comply with MIL-C-15370 and can be
supplied screened for compliance with additional
specifications you designate for military and
aerospace applications requiring higher reliability.
PRINCIPAL SPECIFICATIONS
Frequency
Nominal
Frequency
Directivity,
*Insertion
VSWR,
Model
Range,
Coupling,¤
Sensitivity,
dB,
Loss, dB,
Main Line, Outline
Number
GHz
dB
dB, Max.
Min.
Max.
Max.
Ref.
CBN-30M-1.5G
1.0 - 2.0
30
± 1
± 0.75
18
0.2
1.15:1
4
CBN-30M-3G
2.0 - 4.0
30
± 1
± 0.75
18
0.2
1.15:1
2
CBN-30M-4G
2.6 - 5.2
30
± 1
± 0.75
18
0.2
1.20:1
2
CBN-30M-6G
4.0 - 8.0
30
± 1
± 0.75
18
0.2
1.30:1
1
CBN-30M-8G
5.0 - 11.0
30
± 1
± 0.50
15
0.2
1.30:1
1
CBN-30M-9G
7.0 - 11.0
30
± 1
± 0.50
16
0.2
1.30:1
1
CCN-30M-2G
1.0 - 4.0
30
± 1
± 0.60
15
0.2
1.15:1
5
CCN-30M-3G
1.5 - 4.5
30
± 1
± 0.60
18
0.2
1.20:1
4
CCN-30M-5G
2.0 - 8.0
30
± 1
± 0.60
16
0.2
1.30:1
3
CCN-35M-6G
1.0 - 11.0
35
± 1.5
± 1.50
15
0.2
1.30:1
5
CCN-30M-8G
4.0 - 12.0
30
± 1
± 0.60
15
0.2
1.30:1
2
¤Coupling is referenced to the input and includes frequency sensitivity
* Insertion Loss including Coupling ‘‘Loss’’
CBN & CCN Series
DIRECTIONAL COUPLERS
1 to 12 GHz / High Power / Octave & Multi-Octave Models / 30 or 35 dB Coupling / N-Connector
GENERAL SPECIFICATIONS
Peak Power:
10 kW max.
CW Input:
600 W max.
Impedance:
50
Ω nom.
Operating Temperature:
-- 55° to +85°C
Other Coupling Values:
Available
Other Frequency Bands:
Available
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
NOTES:
1. Tolerance on 3 place
decimals
±.020(.51) except
as noted.
2. Dimensions in inches
over millimeters.
20Feb96


Similar Part No. - CCN-30M-5G

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CCN-01112012CMC KEMET-CCN-01112012CMC Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
logo
TDK Electronics
CCN-0503SF TDK-CCN-0503SF Datasheet
193Kb / 11P
   DC to DC Converters
CCN-0505SF TDK-CCN-0505SF Datasheet
193Kb / 11P
   DC to DC Converters
CCN-0512DF TDK-CCN-0512DF Datasheet
193Kb / 11P
   DC to DC Converters
CCN-0512SF TDK-CCN-0512SF Datasheet
193Kb / 11P
   DC to DC Converters
More results

Similar Description - CCN-30M-5G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
CSM-6M-.75G MERRIMAC-CSM-6M-.75G Datasheet
47Kb / 2P
   DIRECTIONAL COUPLERS
CWM-10M-2.3G MERRIMAC-CWM-10M-2.3G Datasheet
111Kb / 2P
   DIRECTIONAL COUPLERS
CRM-10-50 MERRIMAC-CRM-10-50 Datasheet
163Kb / 2P
   DIRECTIONAL COUPLERS
CRS-10-165 MERRIMAC-CRS-10-165 Datasheet
88Kb / 1P
   DIRECTIONAL COUPLERS
CSD-10H-1.9G MERRIMAC-CSD-10H-1.9G Datasheet
177Kb / 5P
   DIRECTIONAL COUPLERS
logo
Anaren Microwave
10930-6 ANAREN-10930-6_14 Datasheet
159Kb / 4P
   Directional Couplers
1X505 ANAREN-1X505 Datasheet
83Kb / 2P
   Directional Couplers
10013-10 ANAREN-10013-10 Datasheet
134Kb / 3P
   Directional Couplers
logo
Mini-Circuits
DBTC-6-4-75L MINI-DBTC-6-4-75L Datasheet
316Kb / 1P
   Directional Couplers
logo
List of Unclassifed Man...
S25B880N3 ETC1-S25B880N3 Datasheet
623Kb / 2P
   Directional Couplers
logo
Anaren Microwave
10615-10 ANAREN-10615-10_14 Datasheet
149Kb / 4P
   Directional Couplers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com