Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-14823 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # L-14823
Description  High Swing Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-14823 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  L-14823 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transformers & Magnetic Products
Industries Inc.
Rhombus
SML-CMP - 5/97
Specifications are subject to change without notice
15801 Chemical Lane
Huntington Beach, California 92649-1595
Phone: (714) 898-0960 l FAX: (714) 896-0971
L (1)
IDC (2)
IDC (2)
IDC (2)
IDC (2)
IDC (2)
IDC (2)
IDC (2)
IDC (2)
Lead
I (3)
DCR
Part
Typ.
10%
20%
30%
40%
50%
70%
90%
95%
Size
Max.
Nom.
Size
Number
(mH)
(mA)
(mA)
(mA)
(mA)
(mA)
(mA)
(mA)
(mA)
AWG
(mA)
(Ω)
Code
L-14800
7.13
4.0
6.0
8.0
10.0
14.0
24.0
80
600
36
335
3.50
10
L-14801
4.51
5.0
7.5
10.1
12.6
17.6
30.2
101
754
34
478
1.75
10
L-14802
2.69
6.5
9.8
13.0
16.3
22.8
39.1
130
976
32
680
0.83
10
L-14803
1.70
8.2
12.3
16.4
20.5
28.7
49.1
164
1228
30
969
0.41
10
L-14804
1.02
10.6
15.9
21.2
26.4
37.0
63.5
212
1587
28
1380
0.20
10
L-14805
16.30
5.3
7.9
10.6
13.2
18.5
31.7
106
791
34
478
3.00
11
L-14806
12.52
6.0
9.0
12.0
15.0
21.1
36.1
120
903
32
680
1.63
11
L-14807
8.07
7.5
11.2
15.0
18.7
26.2
45.0
150
1125
30
969
0.81
11
L-14808
5.14
9.4
14.1
18.8
23.5
32.9
56.4
188
1409
28
1380
0.40
11
L-14809
3.13
12.0
18.1
24.1
30.1
42.1
72.2
241
1806
26
2000
0.19
11
L-14810
22.33
6.1
9.2
12.3
15.4
21.5
36.9
123
922
32
680
3.00
12
L-14811
14.42
7.7
11.5
15.3
19.1
26.8
45.9
153
1148
30
969
1.49
12
L-14812
9.23
9.6
14.3
19.1
23.9
33.5
57.4
191
1435
28
1380
0.74
12
L-14813
5.71
12.2
18.2
24.3
30.4
42.5
72.9
243
1823
26
2000
0.36
12
L-14814
3.45
15.7
23.5
31.3
39.1
54.8
93.9
313
2348
24
2810
0.17
12
L-14815
35.26
8.8
13.2
17.6
22.0
30.7
52.7
176
1317
30
969
3.10
13
L-14816
27.45
10.0
14.9
19.9
24.9
34.8
59.7
199
1493
28
1380
1.70
13
L-14817
22.23
11.1
16.6
22.1
27.6
38.7
66.3
221
1659
26
2000
0.95
13
L-14818
13.71
14.1
21.1
28.2
35.2
49.3
84.5
282
2113
24
2810
0.46
13
L-14819
8.61
17.8
26.7
35.5
44.4
62.2
106.6
355
2666
22
4000
0.23
13
L-14820
40.40
11.6
17.4
23.2
29.1
40.7
69.7
232
1744
28
1380
2.20
14
L-14821
35.56
12.4
18.6
24.8
31.0
43.4
74.3
248
1858
26
2000
1.28
14
L-14822
31.43
13.2
19.8
26.4
32.9
46.1
79.1
264
1977
24
2810
0.75
14
L-14823
19.60
16.7
25.0
33.4
41.7
58.4
100.1
334
2503
22
4000
0.37
14
L-14824
12.25
21.1
31.7
42.2
52.8
73.9
126.7
422
3167
20
5700
0.18
14
1) Typical Inductance with no DC. Tolerance
of +30% / -20% Request detailed data sheets
for specific test conditions.
2) Current which will produce the specified
percentage reduction in Inductance.
3) Maximum DC current. This value is for a
40OC temperature rise due to copper loss.
Where I
MAX is greater than IDC @90%, the
Inductors can be used for Swing Requirements
producing a minimum Swing of 10:1.
Where I
MAX is greater than IDC @95%, the
Inductors can be used for Swing Requirements
producing a minimum Swing of 20:1.
Size
Dim. in inches
Code
X
Y
10
0.575
0.345
11
0.910
0.470
12
1.100
0.550
13
1.600
0.700
14
2.100
0.860
Bare Coil
Size Chart
Y
X
Dimensions are nominal, based upon largest
wire size used with each toroid size. Smaller
wire will result in slightly lower dimensions.
8
From 10:1 to greater than 20:1 Inductance
Swing From Zero to Maximum Current
Single Layer Wound
Leads are Pre-Tinned
Shrink Tubing Optional
Varnish Finish Optional
Custom Versions Available
Vertical Base Mounting Available
Composite Material
2/3 Hydrogen Reduced Powdered Iron
and 1/3 Power Ferrite
Well Suited for Switch Mode Power Supplies
and other applications requiring large changes
in Inductance vs. large changes in Current
High Swing Inductors


Similar Part No. - L-14823

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-14000 RHOMBUS-IND-L-14000 Datasheet
58Kb / 2P
   Common Mode Inductors
L-14001 RHOMBUS-IND-L-14001 Datasheet
58Kb / 2P
   Common Mode Inductors
L-14002 RHOMBUS-IND-L-14002 Datasheet
58Kb / 2P
   Common Mode Inductors
L-14003 RHOMBUS-IND-L-14003 Datasheet
58Kb / 2P
   Common Mode Inductors
L-14004 RHOMBUS-IND-L-14004 Datasheet
58Kb / 2P
   Common Mode Inductors
More results

Similar Description - L-14823

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7242NUX-TR ROHM-BU7242NUX-TR Datasheet
897Kb / 46P
   Input/Output Full Swing Input/Output Full Swing
logo
Bud Industries, Inc.
SF-2184 BUD-SF-2184 Datasheet
43Kb / 1P
   SWING FRAME RACK
logo
Festo Corporation.
CLR-63-20-G-P-A FESTO-CLR-63-20-G-P-A Datasheet
81Kb / 2P
   Swing clamp cylinder
CLR-63-50-G-P-A FESTO-CLR-63-50-G-P-A Datasheet
81Kb / 2P
   Swing clamp cylinder
CLR-63-50-R-P-A FESTO-CLR-63-50-R-P-A Datasheet
80Kb / 2P
   Swing clamp cylinder
CLR-40-20-G-P-A-K11-R8 FESTO-CLR-40-20-G-P-A-K11-R8 Datasheet
81Kb / 2P
   Swing clamp cylinder
CLR-25-10-L-P-A-K11-R8 FESTO-CLR-25-10-L-P-A-K11-R8 Datasheet
103Kb / 2P
   Swing clamp cylinder
CLR-32-10-L-P-A-B FESTO-CLR-32-10-L-P-A-B Datasheet
80Kb / 2P
   Swing clamp cylinder
CLR-32-20-L-P-A-B-K11-R8 FESTO-CLR-32-20-L-P-A-B-K11-R8 Datasheet
81Kb / 2P
   Swing clamp cylinder
CLR-40-20-R-P-A-K11-R8 FESTO-CLR-40-20-R-P-A-K11-R8 Datasheet
81Kb / 2P
   Swing clamp cylinder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com