Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPM-2A-250 Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # BPM-2A-250
Description  BIPHASE MODULATORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

BPM-2A-250 Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  BPM-2A-250 Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A-Package Outline
For further informationcontact
MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
BIPHASEMODULATORS
General Notes:
1. The BPM-2A Series Biphase Modulators cover the frequency range of 2 to
2000 MHz and is ideal for general applications. Other models available in
surface mount packages are electrically similar to the standard flatpack units
but have extended frequency range up to 3.6 GHz with proportionately fast
risetimes.
2. Customized versions are available for special frequency bands matched to
your special applications. Most units are available in a variety of alternative
packages such as the TO-8, flatpack or connectorized packages. TTL or ECL
drivers can be provided in the larger packages.
3. Merrimac Biphase Modulators cover a variety of frequency bands while
providing wide bandwidths suitable for most applications.
4. All units comply with applicable sections MIL-M-28837 and may be supplied
screened for compliance with additional specifications for military and space
applications requiring the highest reliability.
GENERAL SPECIFICATIONS
Impedance:
5
0
Ω nom.
RF Input Level:
– 3 dBm max.
VSWR:
2.0:1 max.
Switching Speed:
2 ns typ.
Data Levels: Logic 1:
+ 15 mA
Logic 0:
– 15 mA
Weight, nominal:
1.5 oz (42 g)
Operating Temperature:
– 55° to +85°C
PRINCIPAL SPECIFICATIONS
Frequency
Insertion
Amplitude
Phase
Carrier
Model
Range,
Loss, dB,
Balance, dB,
Balance
Suppression
Number
MHz
Max.
Typ.
Max.
Typ.
Max.
Typ.
Typ.
BPM-2A-250
2 – 500
3.5
2.5
0.3
0.10
±4°
±2°
– 40 dBc
BPM-2A-500
10 – 500
3
2
0.3
0.20
±3°
±1°
– 40 dBc
500 – 1000
4
3
0.5
0.20
±4°
±2°
– 35 dBc
BPM-2A-1500
1000 – 2000
6
5
0.75
0.25
±5°
±2°
– 30 dBc
NOTES:
1. Tolerance of 3 place decimals
±0.020 (0.51) except as noted.
2. Dimensions in inches over millimeters.
29Apr96
BPM-2ASeries
2 to 2000 MHz / ECL & TTL Compatible / Fast Switching / SMA Connectors


Similar Part No. - BPM-2A-250

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
BPM-22260 BUD-BPM-22260 Datasheet
242Kb / 1P
   POLE MOUNT BRACKETS
BPM-22260 BUD-BPM-22260 Datasheet
25Kb / 1P
   UNIVERSAL POLE MOUNT BRACKET KIT SMALL SIZE BOXES
BPM-22261 BUD-BPM-22261 Datasheet
242Kb / 1P
   POLE MOUNT BRACKETS
More results

Similar Description - BPM-2A-250

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
BPF-2A-250 MERRIMAC-BPF-2A-250 Datasheet
162Kb / 1P
   BIPHASE MODULATORS
BEM-2A-250 MERRIMAC-BEM-2A-250 Datasheet
258Kb / 1P
   BIPHASE MODULATORS
BPP-2N-500 MERRIMAC-BPP-2N-500 Datasheet
144Kb / 1P
   BIPHASE MODULATORS
BTF-2A-500 MERRIMAC-BTF-2A-500 Datasheet
76Kb / 1P
   BIPHASE MODULATOR
BTM-2A-250 MERRIMAC-BTM-2A-250 Datasheet
113Kb / 1P
   BIPHASE MODULATOR
BPG-2B-505 MERRIMAC-BPG-2B-505 Datasheet
71Kb / 1P
   BIPHASE MODULATOR
BPG-2A-500 MERRIMAC-BPG-2A-500 Datasheet
96Kb / 1P
   BIPHASE MODULATOR
M-109A MERRIMAC-M-109A Datasheet
81Kb / 1P
   BIPHASE MODULATOR
BTG-2B-500 MERRIMAC-BTG-2B-500 Datasheet
76Kb / 1P
   BIPHASE MODULATOR
logo
Semtech Corporation
SC2422A SEMTECH-SC2422A Datasheet
114Kb / 10P
   BIPHASE CURRENT MODE CONTROLLER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com