Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP4-1001 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # SIP4-1001
Description  SIP4 Series 5-Tap High Performance Passive Delay Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

SIP4-1001 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  SIP4-1001 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
www.rhombus-ind.com • email: sales@rhombus-ind.com
Rhombus
Industries Inc.
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
SIP4 9901
Operating Specifications -
Passive Delay Lines
Pulse Overshoot (Pos) .................................... 5% to 10%, typical
Pulse Distortion (S) ...................................................... 3% typical
Working Voltage ............................................. 25 VDC maximum
Dielectric Strength .......................................... 100VDC minimum
Insulation Resistance ......................... 1,000 M
Ω min. @ 100VDC
Temperature Coefficient ............................... 100 ppm/OC, typical
Bandwidth (f
C) .......................................................
0.35/
t
r
approx.
Operating Temperature Range ............................ -55O to +125OC
Storage Temperature Range ............................... -65O to +150OC
SIP4 Series 5-Tap High Performance Passive Delay Modules
Fast Rise Time, Low DCR
High Bandwidth
0.35 / t
r
Low Distortion LC Network
5 Equal Delay Taps
Standard Impedances: 50 - 75 - 100 - 200
Stable Delay vs. Temperature: 100 ppm/OC
Operating Temperature Range -55OC to +125OC
Low-profile DIP/SMD versions refer to AMZ Series !!!
Electrical Specifications at 25OC
Delay Tolerances
50 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
75 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
100 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
200 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
Total
(ns)
Tap-to-Tap
(ns)
5 ± 0.5
1.0 ± 0.4
SIP4-55
2.0
0.7
SIP4-57
2.7
0.8
SIP4-51
3.0
0.8
SIP4-52
3.0
0.9
10 ± 1.0
2.0 ± 0.5
SIP4-105
4.0
0.7
SIP4-107
4.4
1.3
SIP4-101
4.6
1.3
SIP4-102
6.3
1.5
15 ± 1.0
3.0 ± 0.6
SIP4-155
5.5
1.0
SIP4-157
5.8
1.6
SIP4-151
5.8
1.6
SIP4-152
7.7
2.0
20 ± 1.0
4.0 ± 0.8
SIP4-205
6.4
1.2
SIP4-207
7.3
1.7
SIP4-201
7.5
1.7
SIP4-202
9.8
2.2
25 ± 1.25 5.0 ± 1.0
SIP4-255
8.0
1.3
SIP4-257
8.0
1.9
SIP4-251
8.0
1.9
SIP4-252
15.5
2.4
30 ± 1.5
6.0 ± 1.5
SIP4-305
9.0
1.6
SIP4-307
8.5
2.2
SIP4-301
8.5
2.2
SIP4-302
16.0
2.8
35 ± 1.75 7.0 ± 1.5
SIP4-355
10.0
1.7
SIP4-357
12.3
2.5
SIP4-351
12.7
2.5
SIP4-352
17.0
3.1
40 ± 2.0
8.0 ± 2.0
SIP4-405
11.0
1.9
SIP4-407
15.5
2.7
SIP4-401
15.5
2.8
SIP4-402
17.0
3.4
45 ± 2.25 9.0 ± 2.0
SIP4-455
12.0
2.0
SIP4-457
16.2
2.8
SIP4-451
16.5
3.0
SIP4-452
18.0
3.7
50 ± 2.5 10.0 ± 2.0 SIP4-505
14.0
2.1
SIP4-507
17.8
2.9
SIP4-501
18.0
3.1
SIP4-502
19.0
4.0
75 ± 3.75 15.0 ± 3.5 SIP4-755
23.0
2.2
SIP4-757
25.7
3.3
SIP4-751
26.0
3.4
100 ± 5.0 20.0 ± 4.0 SIP4-1005 33.0
2.4
SIP4-1007
34.0
3.6
SIP4-1001
34.0
3.7
1. Rise Times are measured from 10% to 90% points.
2. Delay Times measured at 50% points of leading edge.
3. Output (100% Tap) terminated to ground through R
L=ZO
.
.010
(0.25)
TYP.
.200
(5.08)
MAX.
.275
(6.99)
MAX.
.800
(20.32)
MAX.
.120
(3.05)
MIN.
.030
(0.76)
TYP.
.100
(2.54)
.020
(0.51)
TYP.
TYP.
Dimensions in inches (mm)
5-Tap
SIP4 Style Schematic
1
COM
3
40%
20%
4
2
5
80%
6
100%
7
60%
IN


Similar Part No. - SIP4-1001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP41101 VISHAY-SIP41101 Datasheet
102Kb / 6P
   Half-Bridge N-Channel MOSFET Driver With Break-Before-Make
Rev. A, 11-Aug-03
SIP41101DQ-T1 VISHAY-SIP41101DQ-T1 Datasheet
102Kb / 6P
   Half-Bridge N-Channel MOSFET Driver With Break-Before-Make
Rev. A, 11-Aug-03
SIP41103 VISHAY-SIP41103 Datasheet
136Kb / 8P
   Synchronous Rectification N-Channel MOSFET Driver for DC/DC Conversion
Rev. E, 04-Sep-06
SIP41103DM VISHAY-SIP41103DM Datasheet
136Kb / 8P
   Synchronous Rectification N-Channel MOSFET Driver for DC/DC Conversion
Rev. E, 04-Sep-06
SiP41103DM-T1 VISHAY-SiP41103DM-T1 Datasheet
136Kb / 8P
   Synchronous Rectification N-Channel MOSFET Driver for DC/DC Conversion
Rev. E, 04-Sep-06
More results

Similar Description - SIP4-1001

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
TZA1-5 RHOMBUS-IND-TZA1-5 Datasheet
35Kb / 1P
   TZA / TYA Series 5-Tap High Performance Passive Delay Modules
SP24A RHOMBUS-IND-SP24A Datasheet
45Kb / 1P
   SP24A Series 20-Tap High Performance Passive Delay Modules
SP24 RHOMBUS-IND-SP24 Datasheet
43Kb / 1P
   SP24 Series 20-Tap High Performance Passive Delay Modules
SIP16 RHOMBUS-IND-SIP16 Datasheet
27Kb / 1P
   19-Pin SIP 16-Tap High Performance Passive Delay Modules
logo
Bel Fuse Inc.
0475-0005-50 BEL-0475-0005-50 Datasheet
57Kb / 1P
   5 TAP 7 PIN SIP PASSIVE DELAY MODULES
logo
Rhombus Industries Inc.
AMZ-2.55 RHOMBUS-IND-AMZ-2.55 Datasheet
42Kb / 1P
   AMZ & AMY Series Passive 5-Tap DIP/SMD Delay Modules
AIZ-55 RHOMBUS-IND-AIZ-55 Datasheet
76Kb / 2P
   AIZ Series Passive 10-Tap DIP/SMD Delay Modules
logo
Bel Fuse Inc.
S469-0005-XX BEL-S469-0005-XX Datasheet
49Kb / 1P
   10 TAP 14 PIN DIP PASSIVE DELAY MODULES
logo
Rhombus Industries Inc.
FAIDM-7 RHOMBUS-IND-FAIDM-7 Datasheet
39Kb / 1P
   FAST / TTL Buffered 5-Tap Delay Modules
DTZM1-9 RHOMBUS-IND-DTZM1-9 Datasheet
35Kb / 1P
   DTZM Series FAST / TTL Buffered 5-Tap Delay Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com