Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP5-757 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # SIP5-757
Description  SIP5 Series 10-Tap High Performance Passive Delays
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

SIP5-757 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  SIP5-757 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
www.rhombus-ind.com • email: sales@rhombus-ind.com
Rhombus
Industries Inc.
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
SIP5 9901
SIP5 Series 10-Tap High Performance Passive Delays
Operating Specifications -
Passive Delay Lines
Pulse Overshoot (Pos) .................................... 5% to 10%, typical
Pulse Distortion (S) ...................................................... 3% typical
Working Voltage ............................................. 25 VDC maximum
Dielectric Strength .......................................... 100VDC minimum
Insulation Resistance ......................... 1,000 M
Ω min. @ 100VDC
Temperature Coefficient ............................... 100 ppm/OC, typical
Bandwidth (f
C) .......................................................
0.35/
t
r
approx.
Operating Temperature Range ............................ -55O to +125OC
Storage Temperature Range ............................... -65O to +150OC
Fast Rise Time, Low DCR
High Bandwidth
0.35 / t
r
Low Distortion LC Network
10 Equal Delay Taps
Standard Impedances: 50 - 75 - 100 - 200
Stable Delay vs. Temperature: 100 ppm/OC
Operating Temperature Range -55OC to +125OC
Electrical Specifications at 25OC
Delay Tolerances
50 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
75 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
100 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
200 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
Total
(ns)
Tap-to-Tap
(ns)
5 ± 0.5
0.5 ± 0.2
SIP5-55
2.0
0.7
SIP5-57
2.1
0.8
SIP5-51
2.2
0.8
SIP5-52
2.4
0.9
10 ± 0.7
1.0 ± 0.4 SIP5-105
3.2
0.7
SIP5-107
3.6
0.8
SIP5-101
3.8
0.8
SIP5-102
5.5
1.0
15 ± 1.0
1.5 ± 0.5 SIP5-155
3.4
0.8
SIP5-157
4.1
1.2
SIP5-151
4.1
1.3
SIP5-152
6.3
1.5
20 ± 1.0
2.0 ± 0.5 SIP5-205
4.0
0.8
SIP5-207
4.4
1.3
SIP5-201
4.6
1.5
SIP5-202
8.5
1.5
25 ± 1.25
2.5 ± 0.5 SIP5-255
4.5
0.9
SIP5-257
5.3
1.5
SIP5-251
5.5
1.7
SIP5-252
9.0
2.2
30 ± 1.5
3.0 ± 0.6 SIP5-305
5.5
1.0
SIP5-307
5.8
1.7
SIP5-301
5.8
2.0
SIP5-302
10.0
2.4
35 ± 1.75
3.5 ± 0.8 SIP5-355
6.6
1.2
SIP5-357
7.2
2.0
SIP5-351
7.3
2.2
SIP5-352
13.0
2.5
40 ± 2.0
4.0 ± 1.0 SIP5-405
7.0
1.2
SIP5-407
7.5
2.0
SIP5-401
7.5
2.2
SIP5-402
13.4
3.0
45 ± 2.25
4.5 ± 1.0 SIP5-455
8.2
1.3
SIP5-457
8.2
2.1
SIP5-451
8.3
2.3
SIP5-452
15.2
3.1
50 ± 2.5
5.0 ± 1.0 SIP5-505
8.5
1.3
SIP5-507
8.5
2.1
SIP5-501
8.5
2.3
SIP5-502
15.5
3.3
55 ± 2.75
5.5 ± 1.0 SIP5-555
10.2
1.6
SIP5-557
11.2
2.2
SIP5-551
11.4
2.4
SIP5-552
16.0
3.5
60 ± 3.0
6.0 ± 1.5 SIP5-605
10.5
1.6
SIP5-607
11.4
2.3
SIP5-601
11.5
2.5
SIP5-602
16.2
3.6
70 ± 3.5
7.0 ± 1.5 SIP5-705
11.0
1.7
SIP5-707
13.0
2.6
SIP5-701
13.0
2.8
SIP5-702
17.0
3.7
75 ± 3.75
7.5 ± 1.5 SIP5-755
11.6
1.9
SIP5-757
15.0
2.8
SIP5-751
15.3
3.0
SIP5-752
19.1
3.8
80 ± 4.0
8.0 ± 1.8 SIP5-805
12.0
1.9
SIP5-807
15.3
2.9
SIP5-801
15.5
3.0
SIP5-802
19.5
4.0
90 ± 4.5
9.0 ± 2.0 SIP5-905
14.0
2.0
SIP5-907
17.3
3.0
SIP5-901
17.5
3.1
SIP5-902
20.0
4.2
100 ± 5.0 10.0 ± 2.0 SIP5-1005 18.0
2.1
SIP5-1007
19.5
3.1
SIP5-1001
20.0
3.2
SIP5-1002
24.0
4.4
1. Rise Times are measured from 10% to 90% points.
2. Delay Times measured at 50% points of leading edge.
3. Output (100% Tap) terminated to ground through R
L=ZO
1.455
(36.96)
MAX.
.120
(3.05)
MIN.
.030
(0.76)
TYP.
.010
(0.25)
TYP.
.100
(2.54)
.020
(0.51)
TYP.
.275
(6.99)
MAX.
.190
(4.83)
MAX.
TYP.
Dimensions in inches (mm)
10-Tap
SIP5 Style Schematic
8
COM
10
70%
60%
9
90% 100%
80%
11
12
13
14
1
COM
34
2
5
30%
67
20%
IN
50%
40%
10%
N/C
Low-profile DIP/SMD versions refer to AIZ Series !!!
or DIL type TZB Series


Similar Part No. - SIP5-757

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
SIP5 LSI-SIP5 Datasheet
37Kb / 2P
   LSI Assembly
logo
Power-One
SIP501.2LT POWER-ONE-SIP501.2LT Datasheet
411Kb / 2P
   SIP/SIE 500 NON-ISOLATED SERIES
SIP501.5LT POWER-ONE-SIP501.5LT Datasheet
411Kb / 2P
   SIP/SIE 500 NON-ISOLATED SERIES
SIP501.8LT POWER-ONE-SIP501.8LT Datasheet
411Kb / 2P
   SIP/SIE 500 NON-ISOLATED SERIES
SIP502.1LT POWER-ONE-SIP502.1LT Datasheet
411Kb / 2P
   SIP/SIE 500 NON-ISOLATED SERIES
More results

Similar Description - SIP5-757

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
TZB1-5 RHOMBUS-IND-TZB1-5 Datasheet
47Kb / 1P
   TZB-TYB-TUB Series 10-Tap High Performance Passive Delays
SIP4 RHOMBUS-IND-SIP4 Datasheet
30Kb / 1P
   SIP4 Series 5-Tap High Performance Passive Delay Modules
SP24 RHOMBUS-IND-SP24 Datasheet
43Kb / 1P
   SP24 Series 20-Tap High Performance Passive Delay Modules
SP24A RHOMBUS-IND-SP24A Datasheet
45Kb / 1P
   SP24A Series 20-Tap High Performance Passive Delay Modules
TZA1-5 RHOMBUS-IND-TZA1-5 Datasheet
35Kb / 1P
   TZA / TYA Series 5-Tap High Performance Passive Delay Modules
SIP16 RHOMBUS-IND-SIP16 Datasheet
27Kb / 1P
   19-Pin SIP 16-Tap High Performance Passive Delay Modules
AIZ-55 RHOMBUS-IND-AIZ-55 Datasheet
76Kb / 2P
   AIZ Series Passive 10-Tap DIP/SMD Delay Modules
logo
Bel Fuse Inc.
S469-0005-XX BEL-S469-0005-XX Datasheet
49Kb / 1P
   10 TAP 14 PIN DIP PASSIVE DELAY MODULES
logo
Rhombus Industries Inc.
TF50-5 RHOMBUS-IND-TF50-5_1 Datasheet
38Kb / 1P
   TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
logo
Maxtena Inc.
M1575HCT-22P-MR MAXTENA-M1575HCT-22P-MR Datasheet
297Kb / 2P
   HIGH PERFORMANCE PASSIVE GPS ANTENNA
Rev 1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com