Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ3285 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ3285
Description  Real-Time Clock RTC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ3285 Datasheet(HTML) 3 Page - Texas Instruments

  BQ3285 Datasheet HTML 1Page - Texas Instruments BQ3285 Datasheet HTML 2Page - Texas Instruments BQ3285 Datasheet HTML 3Page - Texas Instruments BQ3285 Datasheet HTML 4Page - Texas Instruments BQ3285 Datasheet HTML 5Page - Texas Instruments BQ3285 Datasheet HTML 6Page - Texas Instruments BQ3285 Datasheet HTML 7Page - Texas Instruments BQ3285 Datasheet HTML 8Page - Texas Instruments BQ3285 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DS
Data strobe input
When MOT = VCC, DS controls data trans-
fer during a bq3285 bus cycle.
During a
read cycle, the bq3285 drives the bus after
the rising edge on DS. During a write cycle,
the falling edge on DS is used to latch write
data into the chip.
When MOT = VSS, the DS input is provided
a signal similar to RD, MEMR, or I/OR in
an Intel-based system. The falling edge on
DS is used to enable the outputs during a
read cycle.
R/W
Read/write input
When MOT = VCC, the level on R/W identi-
fies the direction of data transfer. A high
level on R/W indicates a read bus cycle,
whereas a low on this pin indicates a write
bus cycle.
When MOT = VSS, R/W is provided a signal
similar to WR, MEMW, or I/OW in an Intel-
based system.
The rising edge on R/W
latches data into the bq3285.
CS
Chip select input
CS should be driven low and held stable
during the data-transfer phase of a bus cy-
cle accessing the bq3285.
INT
Interrupt request output
INT is an open-drain output.
INT is as-
serted low when any event flag is set and
the corresponding event enable bit is also
set. INT becomes high-impedance whenever
register C is read (see the Control/Status
Registers section).
SQW
Square-wave output
SQW may output a programmable fre-
quency square-wave signal during normal
(VCC valid) system operation. Any one of
the 13 specific frequencies may be selected
through register A.
This pin is held low
when the square-wave enable bit (SQWE)
in register B is 0 (see the Control/Status
Registers section).
RCL
RAM clear input
A low level on the RCL pin causes the con-
tents of each of the 114 storage bytes to be
set to FF(hex). The contents of the clock
and control registers are unaffected. This
pin should be used as a user-interface input
(pushbutton to ground) and not connected
to the output of any active component. RCL
input is only recognized when held low for
at least 125ms in the presence of VCC when
the oscillator is running. Using RAM clear
does not affect the battery load. This pin is
connected internally to a 30K
Ω pull-up re-
sistor.
BC
3V backup cell input
BC should be connected to a 3V backup cell
for RTC operation and storage register non-
volatility in the absence of power.
When
VCC slews down past VBC (3V typical), the
integral control circuitry switches the
power source to BC.
When VCC returns
above VBC, the power source is switched to
VCC.
Upon power-up, a voltage within the VBC
range must be present on the BC pin for
the oscillator to start up.
RST
Reset input
The bq3285 is reset when RST is pulled low.
When reset, INT becomes high-impedance,
and the bq3285 is not accessible. Table 4 in
the Control/Status Registers section lists
the register bits that are cleared by a reset.
Reset may be disabled by connecting RST
to VCC. This allows the control bits to re-
tain
their
states
through
power-
down/power-up cycles.
X1–X2
Crystal inputs
The X1–X2 inputs are provided for an ex-
ternal 32.768Khz quartz crystal, Daiwa
DT-26 or equivalent, with 6pF load capaci-
tance. A trimming capacitor may be neces-
sary for extremely precise time-base gen-
eration.
In the absence of a crystal, an oscillated
output of 32.768kHz can be fed into the X1
input.
3
Jan. 1999 E
bq3285


Similar Part No. - BQ3285

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3285 TI1-BQ3285 Datasheet
614Kb / 26P
[Old version datasheet]   Real-Time Clock (RTC)
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock RTC
BQ3285E TI1-BQ3285E Datasheet
1Mb / 36P
[Old version datasheet]   Real-Time Clock (RTC)
BQ3285EC TI-BQ3285EC Datasheet
831Kb / 26P
[Old version datasheet]   Real-Time Clock (RTC)
BQ3285ECSS TI-BQ3285ECSS Datasheet
831Kb / 26P
[Old version datasheet]   Real-Time Clock (RTC)
More results

Similar Description - BQ3285

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8573A NSC-DP8573A Datasheet
270Kb / 16P
   Real Time Clock (RTC)
logo
Texas Instruments
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock RTC
BQ3285E TI1-BQ3285E_15 Datasheet
1Mb / 36P
[Old version datasheet]   Real-Time Clock (RTC)
BQ32000 TI-BQ32000 Datasheet
513Kb / 20P
[Old version datasheet]   REAL-TIME CLOCK (RTC)
BQ3285 TI1-BQ3285_15 Datasheet
614Kb / 26P
[Old version datasheet]   Real-Time Clock (RTC)
logo
National Semiconductor ...
DP8572A NSC-DP8572A Datasheet
367Kb / 22P
   Real Time Clock (RTC)
logo
Texas Instruments
BQ3285EC TI-BQ3285EC Datasheet
831Kb / 26P
[Old version datasheet]   Real-Time Clock (RTC)
BQ3285ED TI-BQ3285ED Datasheet
159Kb / 27P
[Old version datasheet]   Real-Time Clock (RTC)
logo
UMC Corporation
UM82C8167 UMC-UM82C8167 Datasheet
617Kb / 7P
   Real-Time Clock(RTC)
logo
Texas Instruments
BQ3285ED TI1-BQ3285ED_16 Datasheet
674Kb / 28P
[Old version datasheet]   Real-Time Clock (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com