Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2167LB-KT Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ2167LB-KT
Description  Li-Ion Power Gauge??Module with Pack Supervisor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2167LB-KT Datasheet(HTML) 7 Page - Texas Instruments

  BQ2167LB-KT Datasheet HTML 1Page - Texas Instruments BQ2167LB-KT Datasheet HTML 2Page - Texas Instruments BQ2167LB-KT Datasheet HTML 3Page - Texas Instruments BQ2167LB-KT Datasheet HTML 4Page - Texas Instruments BQ2167LB-KT Datasheet HTML 5Page - Texas Instruments BQ2167LB-KT Datasheet HTML 6Page - Texas Instruments BQ2167LB-KT Datasheet HTML 7Page - Texas Instruments BQ2167LB-KT Datasheet HTML 8Page - Texas Instruments BQ2167LB-KT Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
Conditions
VOP
Supply voltage (B1P to B4N)
18
V
DC
VTR
Maximum transient voltage (B1P to B4N)
32
V
Maximum duration =
1.5
µs
VCHG
Charging voltage (POS to NEG)
18
V
ICHG
Continuous charge/discharge current
3.9
A
VOP > 6V
TA = 25
°C
TOPR
Operating temperature
0 to +70
°C
TSTG
Storage temperature
-55 to +125
°C
Note:
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional operation
should be limited to the Recommended DC Operating Conditions detailed in this data sheet. Exposure to con-
ditions beyond the operational limits for extended periods of time may affect device reliability.
DC Electrical Characteristics (T
A =TOPR)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Conditions/Notes
VOP
Operating voltage, B1P to
B4N
4.0
-
18
V
ICCA
Operating current
-
-
350
µA
RON
On resistance, B1P to POS
-
-
50
m
TA = 25
°C
VOP = 10V
bq2167


Similar Part No. - BQ2167LB-KT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2164 TI-BQ2164 Datasheet
143Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Fast-Charge Control
BQ2164B- TI-BQ2164B- Datasheet
143Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Fast-Charge Control
BQ2164B-KT TI-BQ2164B-KT Datasheet
143Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Fast-Charge Control
BQ2164B-XXX TI-BQ2164B-XXX Datasheet
143Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Fast-Charge Control
BQ2164MODULE TI-BQ2164MODULE Datasheet
143Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Fast-Charge Control
More results

Similar Description - BQ2167LB-KT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2168 TI-BQ2168 Datasheet
847Kb / 9P
[Old version datasheet]   Li-Ion Power Gauge??Module with Pack Supervisor
BQ2158T TI-BQ2158T Datasheet
460Kb / 8P
[Old version datasheet]   Two Series Cell Li-Ion Pack Supervisor Module
BQ2150H TI-BQ2150H Datasheet
448Kb / 5P
[Old version datasheet]   Li-Ion Power Gauge Module
BQ2150 TI-BQ2150 Datasheet
559Kb / 7P
[Old version datasheet]   Li-Ion Power Gauge??Module
BQ2158 TI-BQ2158 Datasheet
571Kb / 8P
[Old version datasheet]   Three or Four Series Cell Li-Ion Pack Supervisor Module
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27542-G1 TI1-BQ27542-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI1-BQ27541-V200_17 Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com