Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2164B-XXX Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ2164B-XXX
Description  NiCd or NiMH Gas Gauge Module with Fast-Charge Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2164B-XXX Datasheet(HTML) 3 Page - Texas Instruments

  BQ2164B-XXX Datasheet HTML 1Page - Texas Instruments BQ2164B-XXX Datasheet HTML 2Page - Texas Instruments BQ2164B-XXX Datasheet HTML 3Page - Texas Instruments BQ2164B-XXX Datasheet HTML 4Page - Texas Instruments BQ2164B-XXX Datasheet HTML 5Page - Texas Instruments BQ2164B-XXX Datasheet HTML 6Page - Texas Instruments BQ2164B-XXX Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
5-3
bq2164
200K
R21
BAT+
VIN
GND
VOUT
SCI7710YBA
U2
1
2
3
BAT+
P4
VCC
P2
P3
10K
R14
10K
R13
SI9430DY
Q3
5
6
7
8
FMMT3904
Q2
300K
R18
TP9
VCC
100K
R20
100K
R19
BAV70
D2
P8
1
BAV99
D1
100K
R2
100
R4
P1
VCC
0.1UF
C2
0.1UF
C3
R3
VCC
10K
R17
P5
SENSE_RESISTOR
100K
R1
0.1UF
C1
SNS
LED1
LED2
VSS
VCC
MOD
DIS
INH
BAT
TS
TCO
TM2
TM1
VSEL
DSEL
DCMD
BQ2004
U1
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
1K
R32
VCC
1K
R35
1K
R36
1K
R37
1K
R34
1K
R33
RB_TCO
R6
RA_TCO
R5
0.1UF
C7
0.1UF
C4
TP3
100K
R10
100K
R11
100K
R16
0.1UF
C5
VCC
0.1UF
C6
100K
R9
RB_TS
R8
RA_TS
R7
P7
CHG
DISP
DONE
SR
SB
EMPTY
DQ
REF
VSS
SEG5
SEG4
SEG3
SEG2
SEG1
VCC
LCOM
BQ2014
U3
1
2
3
4
5
6
710
11
12
13
14
15
16
P6
100K
R26
100K
R31
100K
R25
100K
R30
100K
R24
100K
R29
100K
R23
100K
R28
100K
R27
100K
R22
VCC
VCC
FMMT3904
Q1
TP4
TP1
TP5
TP6
TP7
TP8
TP11
TP12
FMMT3904
Q4
BAV70
D3
BAT+
PACK+
DQ
BAT-
MOD
THERM+
PACK-
THERM-
bq2164 Schematic
Note:
Schematic shows components that may not be placed on the
board, depending on the configuration.


Similar Part No. - BQ2164B-XXX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2167 TI-BQ2167 Datasheet
899Kb / 9P
[Old version datasheet]   Li-Ion Power Gauge??Module with Pack Supervisor
BQ2167B- TI-BQ2167B- Datasheet
899Kb / 9P
[Old version datasheet]   Li-Ion Power Gauge??Module with Pack Supervisor
BQ2167B-KT TI-BQ2167B-KT Datasheet
899Kb / 9P
[Old version datasheet]   Li-Ion Power Gauge??Module with Pack Supervisor
BQ2167B-XXX TI-BQ2167B-XXX Datasheet
899Kb / 9P
[Old version datasheet]   Li-Ion Power Gauge??Module with Pack Supervisor
BQ2167LB- TI-BQ2167LB- Datasheet
899Kb / 9P
[Old version datasheet]   Li-Ion Power Gauge??Module with Pack Supervisor
More results

Similar Description - BQ2164B-XXX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2114 TI-BQ2114 Datasheet
659Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Charge-Control Output
BQ2112 TI-BQ2112 Datasheet
749Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Slow-Charge Control
BQ2110 TI-BQ2110 Datasheet
770Kb / 8P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module
BQ2014H TI-BQ2014H Datasheet
185Kb / 22P
[Old version datasheet]   Low-Cost NiCd/NiMH Gas Gauge IC
BQ2014H TI1-BQ2014H_15 Datasheet
842Kb / 28P
[Old version datasheet]   Low-Cost NiCd/NiMH Gas Gauge IC
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
logo
Texas Instruments
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com