Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2058CSN-C5TRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ2058CSN-C5TRG4
Description  Lithium Ion Pack Supervisor for 3- and 4-Cell Packs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2058CSN-C5TRG4 Datasheet(HTML) 4 Page - Texas Instruments

  BQ2058CSN-C5TRG4 Datasheet HTML 1Page - Texas Instruments BQ2058CSN-C5TRG4 Datasheet HTML 2Page - Texas Instruments BQ2058CSN-C5TRG4 Datasheet HTML 3Page - Texas Instruments BQ2058CSN-C5TRG4 Datasheet HTML 4Page - Texas Instruments BQ2058CSN-C5TRG4 Datasheet HTML 5Page - Texas Instruments BQ2058CSN-C5TRG4 Datasheet HTML 6Page - Texas Instruments BQ2058CSN-C5TRG4 Datasheet HTML 7Page - Texas Instruments BQ2058CSN-C5TRG4 Datasheet HTML 8Page - Texas Instruments BQ2058CSN-C5TRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Functional Description
Figure 1 is a block diagram outlining the major compo-
nents of the bq2058. Figure 2 shows a 3- or 4-cell pack
supervisor circuit. The following sections detail the vari-
ous functional aspects of the bq2058.
Thresholds
The bq2058 monitors the lithium ion pack for the condi-
tions listed below. Shown with these conditions are the
respective thresholds used to determine if that condition
exists:
I
Overvoltage (VOV)
I
Undervoltage (VUV)
I
Overcurrent (VOCH,VOCL)
I
Charge Enable (VCE)
I
Charge Detect (VCD)
The bq2058 samples a cell every 40ms (typical). Every
sample is a fully differential measurement of each cell.
During this sample period, the bq2058 compares the
measurements with these thresholds to determine if any
of the these conditions exist: VOV,VUV, and VCE.
Overcurrent and charge detect are conditions that are
not sampled, but are continuously monitored.
Initialization
On initial power-up, such as connecting the battery pack
for the first time to the bq2058, the bq2058 enters the
low-power sleep mode, disabling the DSG output. It is
recommended that a top to bottom cell connection
be made at pack assembly for proper initializa-
tion. A charging supply must be applied to the bq2058
circuit to enable the pack. See Low-Power Sleep Mode
and Charge Detect sections.
4
bq2058
POS
Q1
Si4435DY
C6
0.1uF
C8
0.1uF
Q2
Si4435DY
Q4
ZVP3306F
R2
6.98K
* See note 1.
D1
BAT54
* See note 2.
Notes:
1. For automatic short circuit recovery.
B1P to B1N for 3-cells.
2. Remove R11 for 4-cell. Remove R10 and connect
B1P
R3
10K
C1
0.001uF
CSH
10
VCC
11
BAT1P
9
BAT1N
8
BAT2N
7
BAT3N
6
BAT4N
5
VSS
3
CSL
4
OVD
13
OCD
12
UVD
14
DSG
16
CHG
1
CTL
2
NSEL
15
U1
bq2058
R10
0 Ohm
4-Cell
C9
0.1uF
R11
0 Ohm
3-Cell
C7
0.01uF
C5
0.1uF
C10
0.1uF
R6
100K
R9
1M
Q3
2N7002
TP1
B1N
B2N
B3N
B4N
R4
10K
R5
10K
R7
10K
R8
10K
C2
0.001uF
C3
0.001uF
C4
0.001uF
R1
2.7K
NEG
Figure 2. 3- or 4-Cell Li-Ion Battery Pack Supervisor


Similar Part No. - BQ2058CSN-C5TRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2058T TI-BQ2058T Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
BQ2058TR TI-BQ2058TR Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
BQ2058TRSN TI-BQ2058TRSN Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
BQ2058TRSN-C2 TI-BQ2058TRSN-C2 Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
BQ2058TSN TI-BQ2058TSN Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
More results

Similar Description - BQ2058CSN-C5TRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2058T TI-BQ2058T Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
logo
NXP Semiconductors
NE57605 PHILIPS-NE57605 Datasheet
159Kb / 10P
   Lithium-ion Battery Protector for 3 or 4 cell battery packs
2001 Oct 03
logo
Shenzhen Huazhimei Semi...
HM5431A HMSEMI-HM5431A Datasheet
1Mb / 10P
   single-cell lithium-ion/lithium polymer rechargeable battery packs
DW01A HMSEMI-DW01A Datasheet
1Mb / 7P
   Protection IC for One-Cell Lithium-Ion / Lithium-Polymer Battery Pack
logo
Texas Instruments
BQ2158T TI-BQ2158T Datasheet
460Kb / 8P
[Old version datasheet]   Two Series Cell Li-Ion Pack Supervisor Module
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Samsung semiconductor
ICR18650-22F SAMSUNG-ICR18650-22F Datasheet
218Kb / 18P
   for Lithium-ion Rechargeable Cell
01 19/ 11/ 2007
ICR18650-30B SAMSUNG-ICR18650-30B Datasheet
403Kb / 17P
   for Lithium-ion Rechargeable Cell
1.1
logo
HYCON Technology Corpor...
HY2131 HYCON-HY2131 Datasheet
1Mb / 27P
   Protection IC for 2/3-Cell Lithium Ion/Lithium Polymer
logo
Texas Instruments
BQ29330 TI-BQ29330 Datasheet
1Mb / 26P
[Old version datasheet]   2-,3-,AND 4-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com