Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV128DTMC-90Q Datasheet(PDF) 3 Page - Macronix International

Part # MX29LV128DTMC-90Q
Description  128M-BIT [16M x 8/8M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV128DTMC-90Q Datasheet(HTML) 3 Page - Macronix International

  MX29LV128DTMC-90Q Datasheet HTML 1Page - Macronix International MX29LV128DTMC-90Q Datasheet HTML 2Page - Macronix International MX29LV128DTMC-90Q Datasheet HTML 3Page - Macronix International MX29LV128DTMC-90Q Datasheet HTML 4Page - Macronix International MX29LV128DTMC-90Q Datasheet HTML 5Page - Macronix International MX29LV128DTMC-90Q Datasheet HTML 6Page - Macronix International MX29LV128DTMC-90Q Datasheet HTML 7Page - Macronix International MX29LV128DTMC-90Q Datasheet HTML 8Page - Macronix International MX29LV128DTMC-90Q Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 73 page
background image
3
P/N:PM1327
REV. 1.0, SEP. 22, 2008
MX29LV128D T/B
SYMBOL
PIN NAME
A0~A22
Address Input
Q0~Q14
Data Inputs/Outputs
Q15/A-1
Q15(Word Mode)/LSB addr(Byte Mode)
CE#
Chip Enable Input
WE#
Write Enable Input
OE#
Output Enable Input
RESET#
Hardware Reset Pin, Active Low
WP#/ACC
Hardware Write Protect/Programming
Acceleration input
RY/BY#
Read/Busy Output
BYTE#
Selects 8 bits or 16 bits mode
VCC
+3.0V single power supply
GND
Device Ground
NC
Pin Not Connected Internally
PIN DESCRIPTION
70 SSOP
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
A20
A21
A18
A17
OE#
A6
A5
A4
A3
A2
A1
A0
BYTE#
NC
NC
NC
NC
NC
NC
NC
NC
NC
CE#
GND
GND
A7
Q0
Q8
Q1
Q9
Q2
Q10
Q3
Q11
NC
A19
A8
A15
A10
A11
A12
A13
A14
A9
A16
WE#
NC
A22
NC
NC
NC
NC
WP#/ACC
NC
NC
NC
NC
RESET#
GND
GND
Q15/A-1
Q7
Q14
Q6
Q13
Q5
Q12
Q4
VCC
VCC


Similar Part No. - MX29LV128DTMC-90Q

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MHTC-10 MCNIX-MX29LV128MHTC-10 Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MHTC-90Q MCNIX-MX29LV128MHTC-90Q Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MHTC-90R MCNIX-MX29LV128MHTC-90R Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MHTI-10 MCNIX-MX29LV128MHTI-10 Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29LV128DTMC-90Q

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV640BT MCNIX-MX29LV640BT Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640MT MCNIX-MX29LV640MT Datasheet
647Kb / 74P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640E MCNIX-MX29LV640E_14 Datasheet
1Mb / 65P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640T MCNIX-MX29LV640T Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Samsung semiconductor
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
logo
Macronix International
MX29LV008T MCNIX-MX29LV008T Datasheet
471Kb / 52P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29F800CBMI-70G MCNIX-MX29F800CBMI-70G Datasheet
785Kb / 48P
   8M-BIT [1024K x 8 / 512K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
MX29F800C MCNIX-MX29F800C Datasheet
785Kb / 48P
   8M-BIT [1024K x 8 / 512K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
MX29SL800C-802C MCNIX-MX29SL800C-802C Datasheet
871Kb / 60P
   8M-BIT [1M x 8 / 512K x 16] SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY
logo
Fujitsu Component Limit...
MB84VB2000 FUJITSU-MB84VB2000 Datasheet
314Kb / 28P
   8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com