Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2150B-KT Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ2150B-KT
Description  Li-Ion Power Gauge??Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2150B-KT Datasheet(HTML) 1 Page - Texas Instruments

  BQ2150B-KT Datasheet HTML 1Page - Texas Instruments BQ2150B-KT Datasheet HTML 2Page - Texas Instruments BQ2150B-KT Datasheet HTML 3Page - Texas Instruments BQ2150B-KT Datasheet HTML 4Page - Texas Instruments BQ2150B-KT Datasheet HTML 5Page - Texas Instruments BQ2150B-KT Datasheet HTML 6Page - Texas Instruments BQ2150B-KT Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
ä Complete bq2050 Power Gauge solution for Li-Ion
battery packs
ä Battery information available over a single-wire
bidirectional serial port
ä Battery state-of-charge monitoring for 2- to 4-cell
series applications
ä On-board regulator allows direct connection to the
battery
ä “L” version includes push-button activated LEDs to
display state-of-charge information
ä Nominal capacity pre-configured
ä Compact size for battery pack integration
General Description
The bq2150 Power Gauge Module provides a complete and
compact solution for capacity monitoring of Li-Ion battery
packs. Designed for battery pack integration, the bq2150
incorporates a bq2050 Gas Gauge IC, a current sense re-
sistor, and all other components necessary to accurately
monitor and display the capacity of 2 to 4 series cells.
The bq2150L includes five LEDs to display remaining ca-
pacity in 20% increments of the learned capacity.
The
LEDs are activated with the onboard push-button switch.
Contacts are provided on the bq2150 for direct connec-
tion to the battery stack (BAT+, BAT-) and the serial
communications port (DQ). The RBI input provides
backup power to the bq2050 in the event that the cells
are removed or the battery is turned off. The bq2150
hasa1
µF capacitor onboard connected to RBI to supply
backup power for about an hour. In battery packs that
use high-side FETs to control the charge/discharge of
the Li-Ion cells, the RBI input can be wired to a single
cell to provide prolonged data retention times. The SD
input allows an external signal (active low) to turn the
bq2050 IC off to minimize internal current consumption
of the battery pack and maximize storage life of the pack
in the system.
When turned off, the bq2050 is non-
functional, and the RBI power source maintains register
information. Please refer to the bq2050 data sheet for
the specifics on the operation of the gas gauge.
Unitrode configures the bq2150 based on the informa-
tion requested in Table 1. The configuration defines the
number of series cells, the nominal battery pack capac-
ity, and the Li-Ion battery type (coke or graphite anode).
Figure 1 shows how the module connects to the cells.
A module development kit is also available for the
bq2150. The bq2150B-KT or the bq2150LB-KT includes
one configured module and the following:
1)
An interface board that allows connection to the se-
rial port of an AT-compatible computer.
2)
Menu-driven software to display charge/discharge
activity and to allow user interface to the bq2050
from any standard DOS PC.
3)
Source code for the TSR.
Pin Descriptions
P1
DQ/Serial Communications port
P2
No connect
P3
BAT+/Battery positive/pack positive
P4
SD/Shutdown
P5
RBI/Register backup input
P6
GND/Ground
P7
PACK-/Pack negative
P8
BAT-/Battery negative
1
Li-Ion Power Gauge™ Module
bq2150
5/99 B


Similar Part No. - BQ2150B-KT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2150H TI-BQ2150H Datasheet
448Kb / 5P
[Old version datasheet]   Li-Ion Power Gauge Module
BQ2150HLB- TI-BQ2150HLB- Datasheet
448Kb / 5P
[Old version datasheet]   Li-Ion Power Gauge Module
BQ2150HLB-KT TI-BQ2150HLB-KT Datasheet
448Kb / 5P
[Old version datasheet]   Li-Ion Power Gauge Module
BQ2150HLB-XXX TI-BQ2150HLB-XXX Datasheet
448Kb / 5P
[Old version datasheet]   Li-Ion Power Gauge Module
BQ2150HLMODULE TI-BQ2150HLMODULE Datasheet
448Kb / 5P
[Old version datasheet]   Li-Ion Power Gauge Module
More results

Similar Description - BQ2150B-KT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2150H TI-BQ2150H Datasheet
448Kb / 5P
[Old version datasheet]   Li-Ion Power Gauge Module
BQ2167 TI-BQ2167 Datasheet
899Kb / 9P
[Old version datasheet]   Li-Ion Power Gauge??Module with Pack Supervisor
BQ2168 TI-BQ2168 Datasheet
847Kb / 9P
[Old version datasheet]   Li-Ion Power Gauge??Module with Pack Supervisor
logo
Microchip Technology
PS810 MICROCHIP-PS810 Datasheet
664Kb / 46P
   Li Ion Single Cell Fuel Gauge
2006
logo
Silicon Standard Corp.
SS4002AG SSC-SS4002AG Datasheet
967Kb / 23P
   Smart Li-Ion Battery Gas Gauge
logo
Texas Instruments
BQ28550-R1 TI1-BQ28550-R1 Datasheet
1Mb / 42P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge
BQ28Z560-R1 TI1-BQ28Z560-R1_14 Datasheet
1Mb / 61P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
logo
Mitsumi Electronics, Co...
MM3556 MITSUMI-MM3556 Datasheet
97Kb / 4P
   Fuel Gauge IC for Li-ion Battery
logo
Texas Instruments
BQ2063 TI1-BQ2063_15 Datasheet
1Mb / 60P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com