Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-13203 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-13203
Description  ISDN U-Interface Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-13203 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-13203 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
2
1
5
6
12
11
7
8
Turns
OCL1+6%
Line
1
DCR
2
DCR
DC
Part
Ratio
Pri
Side
max.
max.
Bias
Isolation
Schem.
Number
( + 3 % )
( mH )
Pins
(
Ω )( Ω )(mA)
Coding
(V
RMS)Style
T-13200
1:1
22
2-11
6.0
7.0
60
2B1Q
2000
A
T-13201
1:1.5
22
2-11
6.0
11.5
60
2B1Q
2000
A
T-13202
1:1.8
22
2-11
6.0
13.5
60
2B1Q
2000
A
T-13203
1:2
22
2-11
6.0
18.5
60
2B1Q
2000
A
T-13204
1:2.5
22
2-11
6.0
28
60
2B1Q
2000
A
T-13205
1.50:1
27.0
5-7
10.0
5.0
60
2B1Q
2000
B
T-13216
1.50:1
35.0
5-7
10.0
5.0
60
2B1Q
2000
B
T-13226
1.32:1
7.9
5-7
2.5
2.0
60
4B3T
2000
B
T-13227
1.65:1
14.5
5-7
3.0
2.0
80
2B1Q
2000
B
T-13229
1.60:1
14.5
5-7
3.5
3.0
60
2B1Q
2000
B
T-13230
1.50:1
14.5
5-7
3.0
2.0
60
2B1Q
2000
B
T-13231
2.0:1
27.0
5-7
7.0
3.0
80
2B1Q
2000
B
18
ISDN-URM - 10/97
ISDN U-Interface Transformers
Electrical Specifications at 25OC
For both 2B1Q & 4B3T ISDN U-Interface Applications
Excellent Longitudinal Balance
Designed for use with leading Transceiver Chips
Meets key parameters of ANSI T1.601-1992
Isolation 2000V
RMS Minimum
Higher Isolation Models Available
Schematic
"A"
Line
Side
Chip
Side
1
Line Side
2
Device Side
Longitudinal Balance (2B1Q Coding)
281 Hz to 40 KHz
55 dB min.
> 40 KHz
-20 dB/decade
Longitudinal Balance (4B3T Coding)
5 KHz
20 dB min.
20 KHz to 150 KHz
40 dB min.
1 MHz
36 dB min.
Return Loss
10 and 25 KHz
20 dB min.
NOTE: (For All Parts)
OCL Tested @10 kHz / 700 mV,
on Line Side
pins 1&12 shorted for Schem. "A";
pins 8&6 for Schem. "B."
Operating Temp. Range -400C to +850C
Primary is Line Side
Secondary is Chip Side
Surge Voltage Capability:
Metallic Voltage: 800 V peak, 10/700 µS
Longitudinal Voltage: 2400 V peak, 10/560 µS
2
11
5
8
6
7
Chip
Side
Line
Side
Schematic
"B"
Manufacturer
I.C.
Transformer
Name
Part Number
Part#
AMD
AM 20902
T-13226
AMD
AM2091 (C)
T-13229
AT&T
T7262/63
T-13230
Mietec
MTC 2071
T-13226
Mitel
MT 8910
T-13227
Motorola
MC145472
T-13231
National
TP 3410
T-13205
Siemens
PEB 2090
T-13226
Siemens
PEB 2091 (C1)
T-13229
SGS-Thomson
ST5410
T-13205
SGS-Thomson STLC5411
T-13216
Package Physical Dimensions
in inches (mm)
RM-8 Package
For Complete Details including
PDF Catalogs & Data Sheets on this
and other product families visit
www.rhombus-ind.com


Similar Part No. - T-13203

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-13205 RHOMBUS-IND-T-13205 Datasheet
93Kb / 1P
   U Interface Transformer (2B1Q Coding Applications)
T-13206 RHOMBUS-IND-T-13206 Datasheet
96Kb / 1P
   LINE INTERFACE TRANSFORMER
T-13207 RHOMBUS-IND-T-13207 Datasheet
36Kb / 1P
   ISDN U-Interface Transformers
T-13207G RHOMBUS-IND-T-13207G Datasheet
26Kb / 1P
   U Interface Transformer
T-13209 RHOMBUS-IND-T-13209 Datasheet
36Kb / 1P
   ISDN U-Interface Transformers
More results

Similar Description - T-13203

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1049 RHOMBUS-IND-T-1049 Datasheet
30Kb / 1P
   ISDN TRANSFORMERS "U" INTERFACE
logo
Bel Fuse Inc.
0559-5683-00 BEL-0559-5683-00 Datasheet
54Kb / 1P
   ISDN U INTERFACE TRANSFORMERS
logo
Pulse A Technitrol Comp...
T4008 PULSE-T4008 Datasheet
81Kb / 1P
   ISDN U-INTERFACE TRANSFORMERS
logo
Rhombus Industries Inc.
T-13207 RHOMBUS-IND-T-13207 Datasheet
36Kb / 1P
   ISDN U-Interface Transformers
logo
PCA ELECTRONICS INC.
EPR1101 PCA-EPR1101 Datasheet
27Kb / 1P
   ISDN U Interface Transformers
EPR1166 PCA-EPR1166 Datasheet
39Kb / 1P
   ISDN U Interface Transformers
EPR1102 PCA-EPR1102 Datasheet
51Kb / 1P
   ISDN U Interface Transformers
logo
Rhombus Industries Inc.
T-1053 RHOMBUS-IND-T-1053 Datasheet
32Kb / 1P
   ISDN TRANSFORMERS "U" INTERFACE
T-1054 RHOMBUS-IND-T-1054 Datasheet
32Kb / 1P
   ISDN TRANSFORMERS "U" INTERFACE
logo
PCA ELECTRONICS INC.
EPR1136 PCA-EPR1136 Datasheet
38Kb / 1P
   ISDN U Interface Transformers
logo
Bel Fuse Inc.
0559-6204-00 BEL-0559-6204-00 Datasheet
54Kb / 1P
   ISDN U INTERFACE TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com