Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29GA129E Datasheet(PDF) 6 Page - Macronix International

Part # MX29GA129E
Description  SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GA129E Datasheet(HTML) 6 Page - Macronix International

Back Button MX29GA129E Datasheet HTML 2Page - Macronix International MX29GA129E Datasheet HTML 3Page - Macronix International MX29GA129E Datasheet HTML 4Page - Macronix International MX29GA129E Datasheet HTML 5Page - Macronix International MX29GA129E Datasheet HTML 6Page - Macronix International MX29GA129E Datasheet HTML 7Page - Macronix International MX29GA129E Datasheet HTML 8Page - Macronix International MX29GA129E Datasheet HTML 9Page - Macronix International MX29GA129E Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
6
P/N:PM1484
REV. 0.02, MAR. 06, 2009
MX29GA256/257E H/L
MX29GA128/129E H/L
PIN DESCRIPTION for MX29GA257E/129E H/L
SYMBOL PIN NAME
A0~A23/A-1 AddressInput/LSBaddr(ByteMode)
Q0~Q14
DataInputs/Outputs
Q15
Q15(Word Mode)/LSB addr(Byte
Mode)
CE0#~CE2# ChipEnableInput(CEx#)
WE#
WriteEnableInput
OE#
OutputEnableInput
RESET#
HardwareResetPin,ActiveLow
WP#/ACC HardwareWriteProtect/Programming
Accelerationinput
RY/BY#
Read/BusyOutput
BYTE#
Selects8bitsor16bitsmode
VCC
+3.0Vsinglepowersupply
GND
DeviceGround
NC
PinNotConnectedInternally
VI/O
PowerSupplyforInput/Output,which
istiedtoVcc
LOGIC SYMBOL for MX29GA257E/129E H/L
16 or 8
Q0-Q15
(A-1)
RY/BY#
A0-A23
(A-1)
CEx#
OE#
WE#
RESET#
WP#/ACC
BYTE#
VI/O
24
Chip Enable Truth table for MX29GA257E/129E H/L
DEVICE
CE0#
CE1#
CE2#
Enabled
VIL
VIL
VIL
Disabled
VIL
VIH
VIL
Enabled
VIL
VIL
VIH
Enabled
VIL
VIH
VIH
Disabled
VIH
VIL
VIL
Disabled
VIH
VIH
VIL
Enabled
VIH
VIL
VIH
Disabled
VIH
VIH
VIH
Note: For Single-chip applications, CE2# and CE1#
canbestrappedtoGND.


Similar Part No. - MX29GA129E

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL033MBMC-10G MCNIX-MX29GL033MBMC-10G Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MBMC-10R MCNIX-MX29GL033MBMC-10R Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MBMC-70G MCNIX-MX29GL033MBMC-70G Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MBMC-70G MCNIX-MX29GL033MBMC-70G Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MBMC-70G MCNIX-MX29GL033MBMC-70G Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29GA129E

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E_14 Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128F MCNIX-MX29GL128F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E Datasheet
2Mb / 78P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL256F MCNIX-MX29GL256F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640EH-L MCNIX-MX29GL640EH-L Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL320E MCNIX-MX29GL320E Datasheet
1Mb / 77P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640ET-B MCNIX-MX29GL640ET-B Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800C MCNIX-MX29LV800C Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com