Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSLU129 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MSLU129
Description  1W, Miniature SMD, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSLU129 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MSLU129 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSLU129 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSLU129 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSLU129 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSLU129 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSLU129 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MSLU129 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MSLU129 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
78
5
53
{0.7
{33
{15
MSLU129
78
5
54
{0.8
{42
{12
MSLU128
73
8
9
57
{2
{100
{5
MSLU126
79
5
53
1
67
15
MSLU125
77
5
55
1.5
84
12
MSLU124
77
8
54
2
110
9
MSLU123
78
8
54
4
200
5
MSLU122
72
8
8
58
6
300
3.3
24
( 21.6 ~ 26.4 )
MSLU121
79
5
104
{0.7
{33
{15
MSLU119
78
5
108
{0.8
{42
{12
MSLU118
74
8
113
{2
{100
{5
MSLU116
80
5
105
1
67
15
MSLU115
79
5
106
1.5
84
12
MSLU114
78
8
106
2
110
9
MSLU113
76
8
109
4
200
5
MSLU112
74
8
15
112
6
300
3.3
12
( 10.8 ~ 13.2 )
MSLU111
78
7
254
{0.7
{33
{15
MSLU109
78
8
259
{0.8
{42
{12
MSLU108
74
10
270
{2
{100
{5
MSLU106
79
7
254
1
67
15
MSLU105
78
8
259
1.5
84
12
MSLU104
78
10
254
2
110
9
MSLU103
78
10
256
4
200
5
MSLU102
73
10
30
271
6
300
3.3
5
( 4.5 ~ 5.5 )
MSLU101
% (Typ.)
% (Max.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Load
Regulation
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
# For each output
uF
33
33
33
33
33
33
33
33
Maximum Capacitive Load
Unit
{15V
{12V
{5V
15V
12V
9V
5V
3.3V
Models by Vout
Capacitive Load
100mA Slow - Blow Type
200mA Slow - Blow Type
500mA Slow - Blow Type
24V Input Models
12V Input Models
5V Input Models
Input Fuse Selection Guide
Internal Capacitor
Input Filter
A
0.3
---
---
All Models
Reverse Polarity Input Current
26.4
24
21.6
24V Input Models
13.2
12
10.8
12V Input Models
VDC
5.5
5
4.5
5V Input Models
Input Voltage Range
Unit
Max.
Typ.
Min.
Model
Parameter
Input Specifications
MSLU100 Series
2
MINMAX
REV:10 2008/10


Similar Part No. - MSLU129

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MSLU129 MIC-MSLU129 Datasheet
277Kb / 5P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
logo
Total Power Internation...
MSLU129 TOTAL-POWER-MSLU129 Datasheet
419Kb / 5P
   SMD Package with Industry Standard Pinout
More results

Similar Description - MSLU129

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSAU100 MINMAX-MSAU100 Datasheet
237Kb / 8P
   1W, Miniature SMD, Single Output DC/DC Converters
MSAU200 MINMAX-MSAU200 Datasheet
243Kb / 8P
   1W, Miniature SMD, Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
MSLU300 MINMAX-MSLU300 Datasheet
178Kb / 6P
   1W, High Isolation SMD, Single & Dual Output DC/DC Converters
MSAU300 MINMAX-MSAU300 Datasheet
202Kb / 5P
   1W, High Isolation SMD, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
LF100D MPD-LF100D Datasheet
542Kb / 4P
   Ultra-Miniature, 1W Dual Output SMT DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NKA MURATA-KDC_NKA Datasheet
145Kb / 4P
   Isolated Sub-Miniature 1W Dual Output DC/DC Converters
logo
C&D Technologies
NKA CANDD-NKA Datasheet
104Kb / 2P
   Isolated Sub-Miniature 1W Dual Output DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com